Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0402-1N0K Datasheet(PDF) 1 Page - API Delevan

Part # 0402-1N0K
Description  Wirewound Surface Mount Inductors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  API [API Delevan]
Direct Link  http://www.delevan.com
Logo API - API Delevan

0402-1N0K Datasheet(HTML) 1 Page - API Delevan

  0402-1N0K Datasheet HTML 1Page - API Delevan  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Series 0402 Open Construction
Wirewound Surface Mount Inductors
Physical Parameters
Inches
Millimeters
A
0.050 Max.
1.27 Max.
B
0.030 Max.
0.76 Max.
C
0.024 Max.
0.61 Max.
D
0.020 (Ref. Only) 0.51 (Ref. Only)
E
0.009 (Ref. Only) 0.23 (Ref. Only)
F
0.022 (Ref. Only) 0.56 (Ref. Only)
G
0.026
0.66
H
0.019
0.50
I
0.018
0.46
Operating Temperature Range –40°C to +125°C
Standard Termination 90/10 Solder
Inductance and Q tested on HP4291A using
HP16193A test fixture
Packaging Tape & reel (8mm): 7" reel,
4000 pieces max.
1360
1040
960
840
840
840
800
760
760
680
680
680
680
640
640
560
480
400
400
320
320
150
0.045
0.070
0.070
0.066
0.066
0.066
0.083
0.083
0.083
0.104
0.104
0.104
0.195
0.120
0.120
0.172
0.202
0.214
0.298
0.403
0.438
0.830
6000
6000
6000
6000
6000
5800
5800
5800
5800
5800
4400
4160
3900
3680
3600
3280
3040
2720
2480
2320
2240
2100
250
250
250
250
250
250
250
250
250
250
250
250
250
250
250
250
250
250
250
250
250
250
16
16
19
19
19
19
20
20
20
22
22
22
21
24
24
24
24
24
24
24
24
20
1.0
2.0
2.2
3.3
3.6
3.9
5.1
5.6
6.2
7.5
8.2
9.0
10
11
12
15
19
23
27
36
40
47
SERIES 0402 CERAMIC CORE
0402-1N0K
0402-2N0K
0402-2N2K
0402-3N3K
0402-3N6K
0402-3N9K
0402-5N1K
0402-5N6K
0402-6N2K
0402-7N5K
0402-8N2K
0402-9N0K
0402-10NK
0402-11NK
0402-12NK
0402-15NK
0402-19NK
0402-23NK
0402-27NK
0402-36NK
0402-40NK
0402-47NK
Optional Tolerances (except 1.0nH): J = 5%
LAND PATTERN
DIMENSIONS
6/ 2002
PAGE
10
www.delevan.com E-mail: apisales@delevan.com
270 Quaker Rd., East Aurora NY 14052 • Phone 716-652-3600 • Fax 716-652-4814


Similar Part No. - 0402-1N0K

ManufacturerPart #DatasheetDescription
logo
API Delevan
0402-11NK API-0402-11NK Datasheet
24Kb / 1P
   Wirewound Surface Mount Inductors
0402-12NK API-0402-12NK Datasheet
24Kb / 1P
   Wirewound Surface Mount Inductors
0402-15NK API-0402-15NK Datasheet
24Kb / 1P
   Wirewound Surface Mount Inductors
0402-19NK API-0402-19NK Datasheet
24Kb / 1P
   Wirewound Surface Mount Inductors
More results

Similar Description - 0402-1N0K

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IMC-0805-01 VISHAY-IMC-0805-01_12 Datasheet
86Kb / 3P
   Wirewound, Surface Mount Inductors
Revision: 24-Feb-11
logo
API Delevan
0402-3N3K API-0402-3N3K Datasheet
24Kb / 1P
   Wirewound Surface Mount Inductors
0402-3N6K API-0402-3N6K Datasheet
24Kb / 1P
   Wirewound Surface Mount Inductors
0402-6N2K API-0402-6N2K Datasheet
24Kb / 1P
   Wirewound Surface Mount Inductors
0402-7N5K API-0402-7N5K Datasheet
24Kb / 1P
   Wirewound Surface Mount Inductors
logo
Vishay Siliconix
IMC-0805-01 VISHAY-IMC-0805-01_17 Datasheet
90Kb / 3P
   Wirewound, Surface Mount Inductors
Revision: 24-Feb-11
IMC-0603-01 VISHAY-IMC-0603-01_17 Datasheet
128Kb / 3P
   Wirewound, Surface Mount Inductors
Revision: 25-Feb-15
logo
API Delevan
0603-1N6J API-0603-1N6J Datasheet
25Kb / 1P
   Wirewound Surface Mount Inductors
logo
Vishay Siliconix
IMC-0603-01 VISHAY-IMC-0603-01_V01 Datasheet
111Kb / 3P
   Wirewound, Surface Mount Inductors
01-Jan-2022
logo
API Delevan
0402-2N0K API-0402-2N0K Datasheet
24Kb / 1P
   Wirewound Surface Mount Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com