Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

429.125WRM Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # 429.125WRM
Description  Thin-Film Surface Mount
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

429.125WRM Datasheet(HTML) 1 Page - Bel Fuse Inc.

  429.125WRM Datasheet HTML 1Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Thin-Film Surface Mount
364
Surface Mount Fuses
1206 Very Fast-Acting Fuse 429 Series
www .littelfuse .com
Nominal
Nominal
Catalog
Ampere
Marking
Voltage
Resistance
Melting I
2t
Number
Rating
Code
Rating
Cold Ohms
1
(A
2 Sec.)2
429.125
0.125
FB
125
2.30000
0.00020
429.200
0.200
FC
125
0.93800
0.00055
429.250
0.250
FD
125
0.62500
0.00100
429.375
0.375
FE
125
0.37500
0.00280
429.500
0.500
FF
63
0.24050
0.0060
429.750
0.75
FG
63
0.13700
0.0170
429 001
1.00
FH
63
0.09950
0.035
429 1.25
1.25
FJ
63
0.07475
0.065
429 01.5
1.50
FK
63
0.06250
0.125
429 1.75
1.75
FL
63
0.05000
0.150
429 002
2.0
FN
63
0.03975
0.230
429 02.5
2.5
FO
32
0.03065
0.500
429 003
3.0
FP
32
0.02625
0.700
429 004
4.0
FS
24
0.01926
1.50
429 005
5.0
FT
24
0.01375
2.70
429 007
7.0
FU
24
0.00925
3.60
1
Measured at 10% of rated current, 25°C.
2
Measured at rated voltage.
• For new designs please consult the 433 or 466 Series on pages 258-260.
ELECTRICAL CHARACTERISTICS:
% of Ampere
Opening
Rating
Time at 25°C
100%
4 hours, Minimum
200%
5 seconds, Maximum
300%
0.2 seconds, Maximum
AGENCY APPROVALS: Recognized under the Components Program
of Underwriters Laboratories and Certified by CSA.
AGENCY FILE NUMBERS: UL E10480, CSA LR 29862.
INTERRUPTING RATINGS:
0.125 – 3A
50 amperes at rated voltage, VAC/VDC
4 – 7A
35 amperes at rated voltage, VAC/VDC
ENVIRONMENTAL SPECIFICATIONS:
Operating Temperature: – 55°C to 90°C. Consult temperature rerat-
ing chart on page 4. For operation above 90°C contact Littelfuse.
Vibration: Withstands 10– 55 Hz per MIL-STD-202F,
Method 201A and 10-2000 Hz at 20 G’s per MIL-STD-202F, Method
204D, Condition D.
Insulation Resistance (After Opening): Greater than 10 KOhm.
Resistance to Soldering Heat: Withstands 60 seconds above
200°C up to 260°C, maximum.
Thermal Shock: Withstands 5 cycles of – 55° to 125°C.
PHYSICAL SPECIFICATIONS:
Materials: Body: Epoxy Substrate
Terminations: Copper/Nickel/Tin-Lead (95/5)
Cover Coat: Conformal Coating
Soldering Parameters:
Reflow Solder — 260°C, 30 seconds maximum
PACKAGING SPECIFICATIONS: 8mm Tape and Reel per
EIA-RS481-1 (IEC 286, part 3); 3,000 per reel, add packaging suffix, WR.
PATENTED
ORDERING INFORMATION:
CURRENT IN AMPERES
0.01
0.1
0.1
1
1
10
100
10
100
0.001
Average Time Current Curves
REFLOW SOLDER
RECOMMENDED PAD LAYOUTS
3.81
(.150")
1.52
(.060")
2.03
(.080")
.635
(.025")
1.14
(.045")
2.49 (.098")
REF.
1.52
(.060")
3.18
(.125")
1.14
(.045")
1.12
(.044")
REF.
®
®
For New Designs Use 433 or 466 Series.


Similar Part No. - 429.125WRM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
429 ETC1-429 Datasheet
60Kb / 1P
   Accurate, Wideband Multiplier, Divider, Square Rooter
logo
Littelfuse
429 LITTELFUSE-429 Datasheet
78Kb / 1P
   Surface Mount Fuses - Thin-Film Surface Mount
logo
Intronics Power, Inc.
429 INTRONICS-429 Datasheet
162Kb / 1P
   Accurate, Wideband Multiplier, Divider, Square Rooter
logo
Mill-Max Mfg. Corp.
429-10-204-00-560000 MILL-MAX-429-10-204-00-560000 Datasheet
180Kb / 1P
   INTERCONNECTS 2,54 Grid Surface Mount Headers and Sockets Single and Double Row
429-10-272-00-560000 MILL-MAX-429-10-272-00-560000 Datasheet
228Kb / 2P
   Interconnect Header .100 Grid; Surface Mount Pin Header Stub Tail Double Row Surface Mount
More results

Similar Description - 429.125WRM

ManufacturerPart #DatasheetDescription
logo
Littelfuse
431 LITTELFUSE-431 Datasheet
83Kb / 1P
   Surface Mount Fuses - Thin-Film Surface Mount
435 LITTELFUSE-435 Datasheet
84Kb / 1P
   Surface Mount Fuses - Thin-Film Surface Mount
429 LITTELFUSE-429 Datasheet
78Kb / 1P
   Surface Mount Fuses - Thin-Film Surface Mount
433 LITTELFUSE-433 Datasheet
51Kb / 1P
   Surface Mount Fuses - Thin-Film Surface Mount
434 LITTELFUSE-434 Datasheet
42Kb / 1P
   Surface Mount Fuses - Thin-Film Surface Mount
430 LITTELFUSE-430 Datasheet
37Kb / 1P
   Surface Mount Fuses - Thin-Film Surface Mount
logo
IRC - a TT electronics ...
PFC-A1206-01-50R0-1D00 IRCTT-PFC-A1206-01-50R0-1D00 Datasheet
334Kb / 2P
   Thin Film Surface Mount Attenuators
logo
Welwyn Components Limit...
PFCA WELWYN-PFCA Datasheet
293Kb / 2P
   Thin Film Surface Mount Attenuators
logo
Dubilier
RTF DUBILIER-RTF Datasheet
302Kb / 2P
   SURFACE MOUNT THIN FILM CHIP RESISTORS
RTF12102A DUBILIER-RTF12102A_11 Datasheet
302Kb / 2P
   SURFACE MOUNT SURFACE MOUNT THIN FILM CHIP RESISTORS RTF
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com