Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AGTA-1810S Datasheet(PDF) 1 Page - Allied Components International

Part # AGTA-1810S
Description  100/1000 Base T Gigabit Single Port Transformer
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

AGTA-1810S Datasheet(HTML) 1 Page - Allied Components International

  AGTA-1810S Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
15
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
RoHS
12/30/11
SCHEMATICS
ALLIED
DATECODE
AGTA-1810S
All specifications subject to change without notice.
MECHANICAL
100/1000 Base T Gigabit Single Port Transformer
AGTA-1810S
Cw/w: 100PF Typ @ 100KHz, 200mV
LL: 0.5µH Max @ 100KHz, 200mV
DCR: 1.4
Operating Temp: 0ºC to 70ºC
Max
Electrical Specifications @ 25°C
Part
Number
OCL(uH Min)
@ 100kHz, 200mV
Turns Ratio
chip: cable
(±5%)
Insertion Loss
(dB Max)
Return Loss
(dB Min)
With 8mA DC Bias
1-100MHz
1-30MHz
40MHz
AGTA-1810S
350
1CT:1CT
-1.0
-18
-14.4
60-80MHz
-12
50MHz
-13.1
Part
Number
AGTA-1810S
Electrical Specifications @ 25°C
Cross Talk
(dB Min)
HI-POT
(Vrms)
-35
1500
30MHz
-40
100MHz
-30
Common Mode Rejection
(dB Min)
100MHz
-30
30MHz
-40
60MHz
Isolation
60MHz
-35
Dimensions: mm
Unless otherwise specified, all tolerances are ±0.25
11.85max
16.80
8.50
4.80
3.00
0.40
14.24
1.78


Similar Part No. - AGTA-1810S

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
AGTA-1801S ALLIED-AGTA-1801S Datasheet
290Kb / 1P
   100/1000 Base T Gigabit Single Port Transformer
More results

Similar Description - AGTA-1810S

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
AGSC-2402S ALLIED-AGSC-2402S Datasheet
289Kb / 1P
   100/1000 Base T Gigabit Single Port Transformer
AGSC-2414S ALLIED-AGSC-2414S Datasheet
340Kb / 1P
   100/1000 Base T Gigabit Single Port Transformer
AGSC-3201I ALLIED-AGSC-3201I Datasheet
320Kb / 1P
   100/1000 Base T Gigabit Single Port Transformer
AGTA-2401BS ALLIED-AGTA-2401BS Datasheet
288Kb / 1P
   100/1000 Base T Gigabit Single Port Transformer
AGSC-2417I ALLIED-AGSC-2417I Datasheet
331Kb / 1P
   100/1000 Base T Gigabit Single Port Transformer
AGTA-2401S ALLIED-AGTA-2401S Datasheet
318Kb / 1P
   100/1000 Base T Gigabit Single Port Transformer
AGTA-2406S ALLIED-AGTA-2406S Datasheet
326Kb / 1P
   100/1000 Base T Gigabit Single Port Transformer
AGSC-2407I ALLIED-AGSC-2407I Datasheet
301Kb / 1P
   100/1000 Base T Gigabit Single Port Transformer
AGSC-2408BS ALLIED-AGSC-2408BS Datasheet
313Kb / 1P
   100/1000 Base T Gigabit Single Port Transformer
AGSC-2413S ALLIED-AGSC-2413S Datasheet
328Kb / 1P
   100/1000 Base T Gigabit Single Port Transformer
AGSC-2415S ALLIED-AGSC-2415S Datasheet
286Kb / 1P
   100/1000 Base T Gigabit Single Port Transformer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com