Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AGTA-4801S Datasheet(PDF) 1 Page - Allied Components International

Part # AGTA-4801S
Description  100/1000 Base T Gigabit Dual Port Transformer
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

AGTA-4801S Datasheet(HTML) 1 Page - Allied Components International

  AGTA-4801S Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
15
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
RoHS
12/30/11
SCHEMATICS
All specifications subject to change without notice.
MECHANICAL
100/1000 Base T Gigabit Dual Port Transformer
AGTA-4801S
Polarity: 2-47, 5-44, 8-41, 11-38, 14-35, 17-32, 20-29, 23-26 In-Phase
LL: 0.5µH Max @ 100KHz, 0.2V
DCR: 0.9
Operating Temp: 0ºC to 70ºC
Max
Cw/w: 25PF TYP @ 100KHz, 0.2V
Electrical Specifications @ 25°C
Part
Number
OCL(uH Min)
@ 100kHz, 200mV
Turns Ratio
chip: cable
(±5%)
Insertion Loss
(dB Max)
Return Loss
(dB Min)
With 8mA DC Bias
1-100MHz
1-30MHz
40MHz
AGTA-4801S
350
1CT:1CT
-1.0
-16
-14.4
60-80MHz
-12
50MHz
-13.1
Part
Number
AGTA-4801S
Electrical Specifications @ 25°C
Cross Talk
(dB Min)
HI-POT
(Vrms) 60S
-35
1500
30MHz
-40
80-100MHz
-30
Common Mode Rejection
(dB Min)
100MHz
-30
30MHz
-40
60MHz
Isolation
60MHz
-35
ALLIED
AGTA-4801S
DATECODE


Similar Part No. - AGTA-4801S

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
AGTA-4801BS ALLIED-AGTA-4801BS Datasheet
380Kb / 1P
   100/1000 Base T Gigabit Dual Port Transformer
AGTA-4801I ALLIED-AGTA-4801I Datasheet
435Kb / 1P
   100/1000 Base T Gigabit Dual Port Transformer
AGTA-4801PS ALLIED-AGTA-4801PS Datasheet
389Kb / 1P
   100/1000 Base T Gigabit Dual Port PoE Plus
More results

Similar Description - AGTA-4801S

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
AGSC-4801S ALLIED-AGSC-4801S Datasheet
312Kb / 1P
   100/1000 Base T Gigabit Dual Port Transformer
AGSC-4803S ALLIED-AGSC-4803S Datasheet
393Kb / 1P
   100/1000 Base T Gigabit Dual Port Transformer
AGTA-4802S ALLIED-AGTA-4802S Datasheet
278Kb / 1P
   100/1000 Base T Gigabit Dual Port Transformer
AGTA-4803S ALLIED-AGTA-4803S Datasheet
279Kb / 1P
   100/1000 Base T Gigabit Dual Port Transformer
AGSC-4804S ALLIED-AGSC-4804S Datasheet
411Kb / 1P
   100/1000 Base T Gigabit Dual Port Transformer
AGSC-4808S ALLIED-AGSC-4808S Datasheet
396Kb / 1P
   100/1000 Base T Gigabit Dual Port Transformer
AGTA-4801BS ALLIED-AGTA-4801BS Datasheet
380Kb / 1P
   100/1000 Base T Gigabit Dual Port Transformer
AGSC-4805S ALLIED-AGSC-4805S Datasheet
396Kb / 1P
   100/1000 Base T Gigabit Dual Port Transformer
AGTA-3610S ALLIED-AGTA-3610S Datasheet
330Kb / 1P
   100/1000 Base T Gigabit Dual Port Transformer
AGTA-4806S ALLIED-AGTA-4806S Datasheet
373Kb / 1P
   100/1000 Base T Gigabit Dual Port Transformer
AGTA-4807S ALLIED-AGTA-4807S Datasheet
417Kb / 1P
   100/1000 Base T Gigabit Dual Port Transformer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com