Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0606-2000-33 Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # 0606-2000-33
Description  Slow Blow Fuse Series
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

0606-2000-33 Datasheet(HTML) 1 Page - Bel Fuse Inc.

  0606-2000-33 Datasheet HTML 1Page - Bel Fuse Inc. 0606-2000-33 Datasheet HTML 2Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 • Tel: 201-432-0463 • Fax: 201-432-9542 • E-Mail: belfuse@belfuse.com
Website: www.belfuse.com
ORDERING INFORMATION SEE PAGES 67 & 68
Electrical Characteristics (UL/CSA STD. 248-14)
Approvals
Operating Temperature
-55ºC to +125ºC
Physical Specification
Materials
Ceramic body / Nickel Plated Brass Caps
Lead wire:
Tin-lead plated Copper, Diameter 0.040" all ratings
Marking
On fuse:
“bel”,“GSA”,“Current Rating”,“Voltage Rating”,
and "Appropriate Safety Logos"
On label:
Above info plus “
c” and interrupting rating
Voltage on fuse:
250V for 63mA to 15A
Packaging
1. In bulk:
GSA - 1,000 pcs per box; GSAP - 500 pcs per box
2. On Axial Tape & Reel:
1,000 pcs per reel
3. Tape & Reel specification:
per EIA-296-E & IEC 286-1
@ 10mm Pitch and 73mm inside Tape Spacing
t
n
e
r
r
u
c
g
n
it
s
e
T
e
m
i
T
w
o
l
B
m
u
m
i
n
i
Mm
u
m
i
x
a
M
%
0
0
1.s
r
H
4A
/
N
%
5
3
1A
/
Nr
H
1
%
0
0
2c
e
s
5c
e
s
0
3
Consult manufacturer for other ratings
Mechanical Dimensions
Type GSA / GSAP
Slow Blow Fuse Series
1/4 x 1 1/4 inch Ceramic Tube
GSAD0903
VßrSpc
g
o
l
a
t
a
C
r
e
b
m
u
N
e
r
e
p
m
A
g
n
it
a
R
l
a
ci
p
y
T
d
l
o
C
e
c
n
a
t
s
i
s
e
R
)
m
h
o
(
p
o
r
d
-
tl
o
V
%
0
0
1
@
n
I
.
x
a
m
)
tl
o
V
(
I
g
n
it
l
e
M
2T
c
e
S
m
0
1
<
A
( 2
)
c
e
S
g
n
it
l
e
MI2T
0
1
@
n
I
A
( 2
)
c
e
S
m
u
m
i
x
a
M
r
e
w
o
P
n
o
it
a
p
i
s
s
i
D
)
W
(
3
6
)
P
(
A
S
GA
m
3
60
87
9
0
.
00
1
.
01
7
.
0
0
0
1
)
P
(
A
S
GA
m
0
0
12
24
1
2
.
04
2
.
05
5
.
0
5
2
1
)
P
(
A
S
GA
m
5
2
16
18
.
22
3
.
07
3
.
08
5
.
0
0
6
1
)
P
(
A
S
GA
m
0
6
11
13
.
20
5
.
08
5
.
00
6
.
0
0
0
2
)
P
(
A
S
GA
m
0
0
23
.
89
.
17
7
.
01
9
.
03
6
.
0
0
5
2
)
P
(
A
S
GA
m
0
5
29
.
46
.
10
2
.
12
4
.
16
6
.
0
0
0
3
)
P
(
A
S
GA
m
0
0
33
.
34
.
15
8
.
12
2
.
20
7
.
0
5
7
3
)
P
(
A
S
GA
m
5
7
34
.
22
.
16
.
22
.
33
7
.
0
0
0
5
)
P
(
A
S
GA
m
0
0
55
.
15
9
.
04
.
44
.
58
7
.
0
0
5
7
)
P
(
A
S
GA
m
0
5
77
.
09
6
.
07
.
91
.
2
15
8
.
0
1
)
P
(
A
S
GA
15
.
06
5
.
04
.
6
16
.
0
21
9
.
0
5
2
.
1
)
P
(
A
S
GA
5
2
.
13
.
07
4
.
04
.
5
23
.
2
36
9
.
0
6
.
1
)
P
(
A
S
GA
6
.
11
2
.
09
3
.
03
.
9
34
.
0
51
0
.
1
2
)
P
(
A
S
GA
24
1
.
03
3
.
01
69
76
0
.
1
5
.
2
)
P
(
A
S
GA
5
.
29
0
.
07
2
.
04
93
2
11
.
1
3
)
P
(
A
S
GA
36
0
.
03
2
.
06
4
12
9
12
.
1
4
)
P
(
A
S
GA
44
0
.
09
1
.
06
2
20
0
32
.
1
5
)
P
(
A
S
GA
53
0
.
06
1
.
09
4
39
6
43
.
1
6
)
P
(
A
S
GA
69
1
0
.
06
1
.
06
8
25
5
46
.
1
7
)
P
(
A
S
GA
76
1
0
.
06
1
.
02
7
32
9
58
.
1
8
)
P
(
A
S
GA
84
1
0
.
05
1
.
03
8
49
6
79
.
1
0
1
)
P
(
A
S
GA
0
10
1
0
.
04
1
.
07
1
80
0
3
13
.
2
2
1
)
P
(
A
S
GA
2
18
0
0
.
03
1
.
07
7
2
11
3
0
26
.
2
5
1
)
P
(
A
S
GA
5
16
0
0
.
02
1
.
03
2
1
27
7
3
30
.
3
GSAP
GSA
0.250"
± 0.004"
(6.35
± 0.1mm)
1.28"
± 0.03"
(32.5
± 0.8mm)
0.270"
± 0.004"
(6.9
± 0.1mm)
1.5"
± 0.08"
(38.1
± 2mm)
SEE LEAD SIZE LISTED IN “ MATERIAL”
1.25"
± 0.03"
(31.8
± 0.8mm)
61
s
l
a
v
o
r
p
p
A
y
c
n
e
g
A
y
t
e
f
a
Se
p
y
Ty
ti
li
b
a
.
R
.I
@
tl
o
V
/
e
g
n
a
r
p
m
A
4
2
6
0
2
E
.
o
N
e
li
F
d
e
ts
iL
2
7
7
9
3
R
L
.
o
N
e
li
F
d
e
if
it
r
e
C
/
A
S
G
P
A
S
G
A
m
3
6
.
A
0
0
0
,
0
1
@
C
A
V
5
2
1
/
A
8
-
A
m
3
6
.
A
5
3
@
C
A
V
0
5
2
/
A
1
-
A
1
> .
A
0
0
1
@
C
A
V
0
5
2
/
A
5
.
3
-
A
0
0
2
@
C
A
V
0
5
2
/
A
8
-
A
5
.
3
>
4
2
6
0
2
E
.
o
N
e
li
F
d
e
zi
n
g
o
c
e
R
/
A
S
G
P
A
S
G
A
0
1 .
A
0
0
0
,
0
1
@
C
A
V
5
2
1
/
A
5
1
-
2
7
7
9
3
R
L
.
o
N
e
li
F
e
c
n
a
t
p
e
c
c
AA
0
1 .
A
0
5
7
@
C
A
V
0
5
2
/
A
5
1
-
,
1
0
0
1
-
3
0
0
1
3
-
7
3
0
1
T
E
J
.
o
N
e
li
F
3
0
0
1
-
3
0
0
1
3
-
7
3
0
1
T
E
J
/
A
S
G
P
A
S
G
A
1 .
A
0
0
5
@
C
A
V
5
2
1
/
A
5
-
2
0
0
1
-
3
0
0
1
3
-
7
3
0
1
T
E
J
.
o
N
e
li
FA
S
GA
5
> .
A
0
0
3
@
C
A
V
5
2
1
/
A
5
1
-
V
ß
p
r
S


Similar Part No. - 0606-2000-33

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
0606 LSTD-0606 Datasheet
570Kb / 2P
   Precise temperature control
logo
Visual Communications C...
0606 VCC-0606 Datasheet
636Kb / 10P
   SpectraBright Series 0606 Package Size SMD RGB and Bi-Color LEDs
11/22
logo
Littelfuse
0606000UXTHP LITTELFUSE-0606000UXTHP Datasheet
486Kb / 3P
   606 Series High-Current Fuse
logo
KIA Semiconductor Techn...
06065A KIA-06065A Datasheet
64Kb / 3P
   6A竊?50V Silicon Carbide Diode
More results

Similar Description - 0606-2000-33

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0602-0061-33 BEL-0602-0061-33 Datasheet
93Kb / 2P
   Slow Blow Fuse Series
3SB BEL-3SB_13 Datasheet
1Mb / 4P
   Slow Blow Fuse Series
GSA BEL-GSA_17 Datasheet
1Mb / 4P
   SLOW BLOW FUSE SERIES
5TT BEL-5TT Datasheet
96Kb / 2P
   Slow Blow Fuse Series
5TT BEL-5TT_16 Datasheet
1Mb / 4P
   SLOW BLOW FUSE SERIES
GSA63 BEL-GSA63 Datasheet
90Kb / 2P
   Slow Blow Fuse Series
3SB BEL-3SB Datasheet
104Kb / 2P
   Slow Blow Fuse Series
5TT BEL-5TT_13 Datasheet
1Mb / 4P
   Slow Blow Fuse Series
GSA BEL-GSA_13 Datasheet
1Mb / 4P
   Slow Blow Fuse Series
GSA BEL-GSA Datasheet
429Kb / 2P
   Slow Blow Fuse Series
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com