Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD664BE Datasheet(PDF) 2 Page - Analog Devices

Part # AD664BE
Description  Monolithic 12-Bit Quad DAC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD664BE Datasheet(HTML) 2 Page - Analog Devices

  AD664BE Datasheet HTML 1Page - Analog Devices AD664BE Datasheet HTML 2Page - Analog Devices AD664BE Datasheet HTML 3Page - Analog Devices AD664BE Datasheet HTML 4Page - Analog Devices AD664BE Datasheet HTML 5Page - Analog Devices AD664BE Datasheet HTML 6Page - Analog Devices AD664BE Datasheet HTML 7Page - Analog Devices AD664BE Datasheet HTML 8Page - Analog Devices AD664BE Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
AD664–SPECIFICATIONS
(VLL = +5 V, VCC = +15 V, VEE = –15 V, VREF = +10 V, TA = +25 C
unless otherwise noted)
REV. C
–2–
Model
JN/JP/AD/AJ/SD
KN/KP/BD/BJ/BE/TD/TE
Min
Typ
Max
Min
Typ
Max
Units
RESOLUTION
12
12
*
*
Bits
ANALOG OUTPUT
Voltage Range
1
UNI Versions
0
VCC – 2.0
2
*
*
Volts
BIP Versions
VEE + 2.0
2
VCC – 2.0
2
*
*
Volts
Output Current
5
*
mA
Load Resistance
2
*
k
Load Capacitance
500
*
pF
Short-Circuit Current
25
40
*
*
mA
ACCURACY
Gain Error
–7
±3
7–5
±2
5
LSB
Unipolar Offset
–2
±1/2
2–1
±1/4
1
LSB
Bipolar Zero
3
–3
±3/4
3–2
±1/2
2
LSB
Linearity Error
4
–3/4
±1/2
3/4
–1/2
±1/4
1/2
LSB
Linearity TMIN to TMAX
–1
±3/4
1
–3/4
±1/2
3/4
LSB
Differential Linearity
–3/4
3/4
–1/2
1/2
LSB
Differential Linearity TMIN to TMAX
Monotonic @ All Temperatures
Monotonic @ All Temperatures
Gain Error Drift
Unipolar 0 V to +10 V Mode
–12
±7
12
–10
±5
10
ppm of FSR
5/
°C
Bipolar –5 V to +5 V Mode
–12
±7
12
–10
±5
10
ppm of FSR/
°C
Bipolar –10 V to +10 V Mode
–12
±7
12
–10
±5
10
ppm of FSR/
°C
Unipolar Offset Drift
Unipolar 0 V to +10 V Mode
–3
±l.5
3–2
±l
2
ppm of FSR/
°C
Bipolar Zero Drift
Bipolar –5 V to +5 V Mode
–12
±7
12
–10
±5
10
ppm of FSR/
°C
Bipolar –10 V to +10 V Mode
–12
±7
12
–10
±5
10
ppm of FSR/
°C
REFERENCE INPUT
Input Resistance
1.3
2. 6
*
*
k
Voltage Range6
VEE + 2.0
2
VCC – 2.0
2
*
*
Volts
POWER REOUIREMENTS
VLL
4.5
5.0
5.5
*
*
*
Volts
ILL
@ VIH, VIL = 5 V, 0 V
0.1
1
**
mA
@ VIH, VIL = 2.4 V, 0.4 V
3
6
**
mA
VCC /VEE
11.4
16.5
*
*
Volts
ICC
12
15
**
mA
IEE
15
19
**
mA
Total Power
400
525
*
*
mW
ANALOG GROUND CURRENT7
–600
±400
+600
*
*
*
µA
MATCHING PERFORMANCE
Gain
8
–6
±3
6–4
±2
4
LSB
Offset
9
–2
±1/2
2–1
±1/4
1
LSB
Bipolar Zero
10
–3
±1
3–2
±1
2
LSB
Linearity
11
–1.5
±1/2
1.5
–1
±1/2
1
LSB
CROSSTALK
Analog
–90
*
dB
Digital
–60
*
dB
DYNAMIC PERFORMANCE (RL = 2 kΩ, CL = 500 pF)
Settling Time to
±1/2 LSB
Off
←Bits→On, GAIN = 1, V
REF = 10
8
10
*
*
µs
Settling Time to
±1/2 LSB
–10
←V
REF →10 V, GAIN = 1, Bits On
10
*
µs
Glitch Impulse
500
*
nV-sec
MULTIPLYING MODE PERFORMANCE
Reference Feedthrough @ 1 kHz
–75
*
dB
Reference –3 dB Bandwidth
70
*
kHz
POWER SUPPLY GAIN SENSITIVITY
11.4 V
←V
CC→16.5 V
±2
5
*
*
ppm/%
–16.5 V
←V
EE→–11.4 V
±2
5
*
*
ppm/%
4.5 V
←V
LL→5.5 V
±2
5
*
*
ppm/%


Similar Part No. - AD664BE

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD664BE AD-AD664BE Datasheet
671Kb / 23P
   Monolithic 12-Bit Quad DAC
REV. D
AD664BE AD-AD664BE Datasheet
725Kb / 24P
   Monolithic 12-Bit Quad DAC
More results

Similar Description - AD664BE

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD664 AD-AD664_15 Datasheet
671Kb / 23P
   Monolithic 12-Bit Quad DAC
REV. D
AD664JPZ AD-AD664JPZ Datasheet
671Kb / 23P
   Monolithic 12-Bit Quad DAC
REV. D
AD664 AD-AD664_17 Datasheet
725Kb / 24P
   Monolithic 12-Bit Quad DAC
AD7541A AD-AD7541A_15 Datasheet
230Kb / 8P
   12-Bit Monolithic Multiplying DAC
REV. B
AD7541AJNZ AD-AD7541AJNZ Datasheet
180Kb / 8P
   CMOS 12-Bit Monolithic Multiplying DAC
REV. B
AD7541A AD-AD7541A Datasheet
227Kb / 8P
   CMOS 12-Bit Monolithic Multiplying DAC
REV. B
AD7541A AD-AD7541A_17 Datasheet
299Kb / 14P
   CMOS, 12-Bit, Monolithic Multiplying DAC
5962-89481022A AD-5962-89481022A Datasheet
230Kb / 8P
   CMOS 12-Bit Monolithic Multiplying DAC
REV. B
AD7541AKRZ AD-AD7541AKRZ Datasheet
230Kb / 8P
   CMOS 12-Bit Monolithic Multiplying DAC
REV. B
AD7541AKNZ AD-AD7541AKNZ Datasheet
230Kb / 8P
   CMOS 12-Bit Monolithic Multiplying DAC
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com