Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0429004.WRM Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # 0429004.WRM
Description  Surface Mount Fuses
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

0429004.WRM Datasheet(HTML) 1 Page - Bel Fuse Inc.

  0429004.WRM Datasheet HTML 1Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Thin-Film Surface Mount
364
Surface Mount Fuses
1206 Very Fast-Acting Fuse 429 Series
www .littelfuse .com
Nominal
Nominal
Catalog
Ampere
Marking
Voltage
Resistance
Melting I
2t
Number
Rating
Code
Rating
Cold Ohms
1
(A
2 Sec.)2
429.125
0.125
FB
125
2.30000
0.00020
429.200
0.200
FC
125
0.93800
0.00055
429.250
0.250
FD
125
0.62500
0.00100
429.375
0.375
FE
125
0.37500
0.00280
429.500
0.500
FF
63
0.24050
0.0060
429.750
0.75
FG
63
0.13700
0.0170
429 001
1.00
FH
63
0.09950
0.035
429 1.25
1.25
FJ
63
0.07475
0.065
429 01.5
1.50
FK
63
0.06250
0.125
429 1.75
1.75
FL
63
0.05000
0.150
429 002
2.0
FN
63
0.03975
0.230
429 02.5
2.5
FO
32
0.03065
0.500
429 003
3.0
FP
32
0.02625
0.700
429 004
4.0
FS
24
0.01926
1.50
429 005
5.0
FT
24
0.01375
2.70
429 007
7.0
FU
24
0.00925
3.60
1
Measured at 10% of rated current, 25°C.
2
Measured at rated voltage.
• For new designs please consult the 433 or 466 Series on pages 258-260.
ELECTRICAL CHARACTERISTICS:
% of Ampere
Opening
Rating
Time at 25°C
100%
4 hours, Minimum
200%
5 seconds, Maximum
300%
0.2 seconds, Maximum
AGENCY APPROVALS: Recognized under the Components Program
of Underwriters Laboratories and Certified by CSA.
AGENCY FILE NUMBERS: UL E10480, CSA LR 29862.
INTERRUPTING RATINGS:
0.125 – 3A
50 amperes at rated voltage, VAC/VDC
4 – 7A
35 amperes at rated voltage, VAC/VDC
ENVIRONMENTAL SPECIFICATIONS:
Operating Temperature: – 55°C to 90°C. Consult temperature rerat-
ing chart on page 4. For operation above 90°C contact Littelfuse.
Vibration: Withstands 10– 55 Hz per MIL-STD-202F,
Method 201A and 10-2000 Hz at 20 G’s per MIL-STD-202F, Method
204D, Condition D.
Insulation Resistance (After Opening): Greater than 10 KOhm.
Resistance to Soldering Heat: Withstands 60 seconds above
200°C up to 260°C, maximum.
Thermal Shock: Withstands 5 cycles of – 55° to 125°C.
PHYSICAL SPECIFICATIONS:
Materials: Body: Epoxy Substrate
Terminations: Copper/Nickel/Tin-Lead (95/5)
Cover Coat: Conformal Coating
Soldering Parameters:
Reflow Solder — 260°C, 30 seconds maximum
PACKAGING SPECIFICATIONS: 8mm Tape and Reel per
EIA-RS481-1 (IEC 286, part 3); 3,000 per reel, add packaging suffix, WR.
PATENTED
ORDERING INFORMATION:
CURRENT IN AMPERES
0.01
0.1
0.1
1
1
10
100
10
100
0.001
Average Time Current Curves
REFLOW SOLDER
RECOMMENDED PAD LAYOUTS
3.81
(.150")
1.52
(.060")
2.03
(.080")
.635
(.025")
1.14
(.045")
2.49 (.098")
REF.
1.52
(.060")
3.18
(.125")
1.14
(.045")
1.12
(.044")
REF.
®
®
For New Designs Use 433 or 466 Series.


Similar Part No. - 0429004.WRM

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0429001.WRM BEL-0429001.WRM Datasheet
87Kb / 1P
   Surface Mount Fuses
0429002.WRM BEL-0429002.WRM Datasheet
87Kb / 1P
   Surface Mount Fuses
0429003.WRM BEL-0429003.WRM Datasheet
93Kb / 1P
   Surface Mount Fuses
0429005.WRM BEL-0429005.WRM Datasheet
87Kb / 1P
   Surface Mount Fuses
logo
Littelfuse
0429007.WRM LITTELFUSE-0429007.WRM Datasheet
618Kb / 3P
   Surface Mount Fuses Thin Film > 1206 Size > Very Fast-Acting > 429 Series
More results

Similar Description - 0429004.WRM

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0452.500MRL LITTELFUSE-0452.500MRL Datasheet
190Kb / 3P
   Surface Mount Fuses Surface Mount Fuses
044801.6MR LITTELFUSE-044801.6MR Datasheet
289Kb / 4P
   Surface Mount Fuses Surface Mount Fuses
045101.5NR LITTELFUSE-045101.5NR Datasheet
1Mb / 4P
   Surface Mount Fuses Surface Mount Fuses
0448001.MR LITTELFUSE-0448001.MR Datasheet
289Kb / 4P
   Surface Mount Fuses Surface Mount Fuses
448 LITTELFUSE-448_10 Datasheet
204Kb / 4P
   Surface Mount Fuses
1600.50MR LITTELFUSE-1600.50MR Datasheet
202Kb / 4P
   Surface Mount Fuses
437 LITTELFUSE-437 Datasheet
184Kb / 4P
   Surface Mount Fuses
469 LITTELFUSE-469 Datasheet
199Kb / 4P
   Surface Mount Fuses
441 LITTELFUSE-441 Datasheet
38Kb / 2P
   SURFACE MOUNT FUSES
0466002NRHF LITTELFUSE-0466002NRHF Datasheet
161Kb / 3P
   Surface Mount Fuses
0154015DRT LITTELFUSE-0154015DRT Datasheet
116Kb / 1P
   Surface Mount Fuses
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com