Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

21-0140 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # 21-0140
Description  PACKAGE OUTLINE, 16,20,28,32,40L THIN QFN, 5*5*0.75MM
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

21-0140 Datasheet(HTML) 2 Page - Maxim Integrated Products

  21-0140 Datasheet HTML 1Page - Maxim Integrated Products 21-0140 Datasheet HTML 2Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image


Similar Part No. - 21-0140

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
21-0141 MAXIM-21-0141 Datasheet
104Kb / 2P
   PACKAGE OUTLINE, 36,40,48L THIN QFN, 6*6*0.75MM
Rev N
21-0144 MAXIM-21-0144 Datasheet
128Kb / 2P
   PACKAGE OUTLINE 32,44,48,56L THIN QFN, 7*7*0.75MM
REV .K
21-0144B MAXIM-21-0144B Datasheet
135Kb / 2P
   PACKAGE OUTLINE
Rev B
21-0144 MAXIM-21-0144_12 Datasheet
128Kb / 2P
   PACKAGE OUTLINE 32,44,48,56L THIN QFN, 7*7*0.75MM
REV .K
21-0146 MAXIM-21-0146 Datasheet
40Kb / 1P
   PACKAGE OUTLINE 52L TQFP, 10x10x1.0 MM
Rev A
More results

Similar Description - 21-0140

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
21-0141 MAXIM-21-0141 Datasheet
104Kb / 2P
   PACKAGE OUTLINE, 36,40,48L THIN QFN, 6*6*0.75MM
Rev N
21-0144 MAXIM-21-0144_12 Datasheet
128Kb / 2P
   PACKAGE OUTLINE 32,44,48,56L THIN QFN, 7*7*0.75MM
REV .K
21-0136F MAXIM-21-0136F Datasheet
55Kb / 2P
   PACKAGE OUTLINE 12,16L THIN QFN, 3x3x0.8mm
Rev F
21-0181 MAXIM-21-0181 Datasheet
66Kb / 2P
   PACKAGE OUTLINE, 43L THIN QFN, 3.5*9*0.8MM
REV .C
21-0664 MAXIM-21-0664 Datasheet
46Kb / 2P
   PACKAGE OUTLINE 12L TDFN, 3*3*0.75MM
REV .B
logo
Zetex Semiconductors
SC70-5 ZETEX-SC70-5 Datasheet
195Kb / 3P
   Surface mounted, 5 pin package Package outline
logo
Maxim Integrated Produc...
21-0139 MAXIM-21-0139_12 Datasheet
74Kb / 2P
   PACKAGE OUTLINE, 12,16,20,24,28L TQFN, 4*4*0.75MM
REV .L
21-0429 MAXIM-21-0429 Datasheet
71Kb / 2P
   PACKAGE OUTLINE, 10L TDFN, 3*2*0.75MM
REV .C
logo
Dallas Semiconductor
21-0102 DALLAS-21-0102 Datasheet
109Kb / 2P
   PACKAGE OUTLINE, 12,16L QFN, 3x3x0.90 MM
logo
Fujitsu Component Limit...
FPT-20P-M04 FUJITSU-FPT-20P-M04 Datasheet
37Kb / 1P
   THIN SHRINK SMALL OUTLINE PACKAGE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com