Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

050913-0001 Datasheet(PDF) 1 Page - ITT Industries

Part # 050913-0001
Description  D*M High reliable D-Sub Connectors with crimp termination
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

050913-0001 Datasheet(HTML) 1 Page - ITT Industries

  050913-0001 Datasheet HTML 1Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Datasheet for part number DDMA50P
Our Catalog Part Number: DDMA-50P
Our Global Manufacturing Part Number: 050913-0001
Brand: Cannon Product Category: D Sub Product Line: D Sub Series: D*MA
Product Datasheet
General
D*M High reliable D-Sub Connectors with crimp
termination
Wire Gauge Range AWG
Standard: AWG 20-28. High Density: AWG 22-28
Mating Cycles
200
Contact Arrangement
50 contacts size 20
Dielectric Withstanding Voltage
1000 VAC at sea level
Current Rating
7.5 A max
Contact Resistance
10 milli Ohm max
Operating Temperature
-55°/+125°
Salt Spray Test
24 hours
Shell Material
steel
Shell Finish
tin
Insulator Material
Thermoplastic, type PCT UL 94V-0
Insulator Color
black
Gender
Pin
Contact Type
Crimp
Contact Material
copper alloy
Contact Finish
gold over nickel
Hardware
.120'' (3,05mm) Through Hole
Specifications and dimensions subject to change.
Page 1 of 1


Similar Part No. - 050913-0001

ManufacturerPart #DatasheetDescription
logo
ITT Industries
050913-0192 ITT-050913-0192 Datasheet
35Kb / 1P
   D*M High reliable D-Sub Connectors with crimp termination
050913-0194 ITT-050913-0194 Datasheet
35Kb / 1P
   D*M High reliable D-Sub Connectors with crimp termination
More results

Similar Description - 050913-0001

ManufacturerPart #DatasheetDescription
logo
ITT Industries
050909-0001 ITT-050909-0001 Datasheet
35Kb / 1P
   D*M High reliable D-Sub Connectors with crimp termination
050913-0194 ITT-050913-0194 Datasheet
35Kb / 1P
   D*M High reliable D-Sub Connectors with crimp termination
051536-0000 ITT-051536-0000 Datasheet
35Kb / 1P
   D*M High reliable D-Sub Connectors with crimp termination
050912-0002 ITT-050912-0002 Datasheet
35Kb / 1P
   D*M High reliable D-Sub Connectors with crimp termination
050909-0267 ITT-050909-0267 Datasheet
35Kb / 1P
   D*M High reliable D-Sub Connectors with crimp termination
051532-0000 ITT-051532-0000 Datasheet
35Kb / 1P
   D*M High reliable D-Sub Connectors with crimp termination
050909-0275 ITT-050909-0275 Datasheet
35Kb / 1P
   D*M High reliable D-Sub Connectors with crimp termination
050910-0002 ITT-050910-0002 Datasheet
35Kb / 1P
   D*M High reliable D-Sub Connectors with crimp termination
050911-0001 ITT-050911-0001 Datasheet
35Kb / 1P
   D*M High reliable D-Sub Connectors with crimp termination
050913-0192 ITT-050913-0192 Datasheet
35Kb / 1P
   D*M High reliable D-Sub Connectors with crimp termination
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com