Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD704JR Datasheet(PDF) 5 Page - Analog Devices

Part # AD704JR
Description  Quad Picoampere Input Current Bipolar Op Amp
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD704JR Datasheet(HTML) 5 Page - Analog Devices

  AD704JR Datasheet HTML 1Page - Analog Devices AD704JR Datasheet HTML 2Page - Analog Devices AD704JR Datasheet HTML 3Page - Analog Devices AD704JR Datasheet HTML 4Page - Analog Devices AD704JR Datasheet HTML 5Page - Analog Devices AD704JR Datasheet HTML 6Page - Analog Devices AD704JR Datasheet HTML 7Page - Analog Devices AD704JR Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
AD704
REV. A
–5–
120
100
80
60
40
20
0
–15
–10
–5
0
5
10
15
COMMON MODE VOLTAGE – Volts
NEGATIVE I B
POSITIVE IB
Figure 11. Input Bias Current vs.
Common-Mode Voltage
Figure 14. 0.1 Hz to 10 Hz Noise
Voltage
20
0.1
1
10
100
1k
10k
100k 1M
FREQUENCY – Hz
180
160
140
120
100
80
60
40
+PSR
–PSR
V =
±15V
S
T = +25
°C
A
Figure 17. Power Supply Rejection
vs. Frequency
4
3
2
1
0
01
2
3
4
5
WARM-UP TIME – Minutes
Figure 10. Change in Input Off-
set
Voltage vs. Warm-Up Time
FREQUENCY – Hz
1000
100
10
1
110
100
1000
100
10k
20M
VOUT
Figure 13. Input Noise Current
Spectral Density
+160
+140
+120
+100
+80
+60
+40
+20
0
0.1
1
10
100
1k
10k
100k
1M
FREQUENCY – Hz
V
=
± 15V
S
Figure 16. Common-Mode
Rejection vs. Frequency
50
40
30
20
10
0
–0.8
–0.4
0
+0.4
+0.8
INPUT OFFSET VOLTAGE DRIFT –
µV/°C
Figure 9. Typical Distribution of
Offset Voltage Drift
FREQUENCY – Hz
1000
100
10
1
1
10
100
1000
Figure 12. Input Noise Voltage
Spectral Density
FIGURE 15
500
450
400
350
300
0
5
10
15
20
SUPPLY VOLTAGE –
±Volts
+25
°C
–55
°C
+125
°C
Figure 15. Quiescent Supply
Current vs. Supply Voltage (per
Amplifier)


Similar Part No. - AD704JR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD704JR AD-AD704JR Datasheet
225Kb / 12P
   Quad Picoampere Input Current Bipolar Op Amp
REV. C
AD704JR-/REEL AD-AD704JR-/REEL Datasheet
225Kb / 12P
   Quad Picoampere Input Current Bipolar Op Amp
REV. C
AD704JR-16 AD-AD704JR-16 Datasheet
267Kb / 16P
   Picoampere Input Current Quad Bipolar Op Amp
Rev. E
AD704JR-16-REEL AD-AD704JR-16-REEL Datasheet
267Kb / 16P
   Picoampere Input Current Quad Bipolar Op Amp
Rev. E
AD704JRZ-16 AD-AD704JRZ-16 Datasheet
267Kb / 16P
   Picoampere Input Current Quad Bipolar Op Amp
Rev. E
More results

Similar Description - AD704JR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD704AR-16 AD-AD704AR-16 Datasheet
267Kb / 16P
   Picoampere Input Current Quad Bipolar Op Amp
Rev. E
AD704 AD-AD704_15 Datasheet
267Kb / 16P
   Picoampere Input Current Quad Bipolar Op Amp
Rev. E
AD704 AD-AD704_02 Datasheet
225Kb / 12P
   Quad Picoampere Input Current Bipolar Op Amp
REV. C
AD705 AD-AD705 Datasheet
451Kb / 8P
   Picoampere Input Current Bipolar Op Amp
REV. B
AD705 AD-AD705_15 Datasheet
559Kb / 3P
   PICOAMPERE INPUT CURRENT BIPOLAR OP AMP
REV. A
AD706 AD-AD706 Datasheet
246Kb / 8P
   Dual Picoampere Input Current Bipolar Op Amp
REV. C
AD706ARZ AD-AD706ARZ Datasheet
191Kb / 12P
   Dual Picoampere Input Current Bipolar Op Amp
REV. E
AD706JRZ-REEL7 AD-AD706JRZ-REEL7 Datasheet
230Kb / 12P
   Dual Picoampere Input Current Bipolar Op Amp
REV. E
AD706ARZ AD-AD706ARZ Datasheet
182Kb / 12P
   Dual Picoampere Input Current Bipolar Op Amp
REV. E
AD706JRZ AD-AD706JRZ Datasheet
230Kb / 12P
   Dual Picoampere Input Current Bipolar Op Amp
REV. E
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com