Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MOD5272 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # MOD5272
Description  Use as a high-performance single board computer or add Ethernet connectivity to a new or existing design
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MOD5272 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  MOD5272 Datasheet HTML 1Page - List of Unclassifed Manufacturers MOD5272 Datasheet HTML 2Page - List of Unclassifed Manufacturers MOD5272 Datasheet HTML 3Page - List of Unclassifed Manufacturers MOD5272 Datasheet HTML 4Page - List of Unclassifed Manufacturers MOD5272 Datasheet HTML 5Page - List of Unclassifed Manufacturers MOD5272 Datasheet HTML 6Page - List of Unclassifed Manufacturers MOD5272 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Updated: July 17, 2012 | Page 5 of 7
© 2012 NetBurner Inc. All Rights Reserved.
MOD5272
J1 Connector (continued)
Pin
CPU
Pin
Function
General Purpose I/O
Description
Max
Voltage
26
H14
D14
Data Bus - Data 14
3.3VDC
27
G14
D13
Data Bus - Data 13
3.3VDC
28
M12
RESET
Processor Reset Input1
3.3VDC
29
H13
D15
Data Bus - Data 15
3.3VDC
30
F4
RSTOUT
Processor Reset Output1
3.3VDC
31
CLK_OUT
Clock Out (CLKOUT-62.5 MHz)
3.3VDC
32
D10
A0
Data Bus - Address 0
3.3VDC
33
B12
A1
Data Bus - Address 1
3.3VDC
34
A12
A2
Data Bus - Address 2
3.3VDC
35
A13
A3
Data Bus - Address 3
3.3VDC
36
A14
A4
Data Bus - Address 4
3.3VDC
37
B13
A5
Data Bus - Address 5
3.3VDC
38
B14
A6
Data Bus - Address 6
3.3VDC
39
C12
A7
Data Bus - Address 7
3.3VDC
40
C13
A8
Data Bus - Address 8
3.3VDC
41
C14
A9
Data Bus - Address 9
3.3VDC
42
D12
A10
Data Bus - Address 10
3.3VDC
43
C11
A11
Data Bus - Address 11
3.3VDC
44
B11
A12
Data Bus - Address 12
3.3VDC
45
A11
A13
Data Bus - Address 13
3.3VDC
46
C10
A14
Data Bus - Address 14
3.3VDC
47
D9
A15
Data Bus - Address 15
3.3VDC
48
VCC3V
Input Power 3.3 VDC
3.3VDC
49
GND
Ground
-
50
GND
Ground
-
Note:
1.
Active low signals, such as RESET, are indicated with an overbar.
2.
The TIP signal is the logical AND of CS1, CS2 and CS3. TIP can be used to control an external data bus buffer for the data bus signals.
An example circuit design can be found on the Module Development Board schematic. An external data bus buffer is recommended for
any designs that use data bus signals D16 - D31.
3.
J2-31 represents TIN0 and PB4/UART0 external baud rate clock. These two signals are tied together on the module PCB.
4.
The ColdFire 5272 processor supports USB device mode only. A 48Mhz oscillator must be installed in locaton U8 of the Mod5272.


Similar Part No. - MOD5272

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MOD-37-M ETC2-MOD-37-M Datasheet
940Kb / 1P
   D-Sub Connector MOD Series
logo
EMP-Centauri s.r.o.
MOD1 EMP-CENTAURI-MOD1 Datasheet
211Kb / 3P
   HDMI / DVB-T modulator 1in / 1out
MOD3 EMP-CENTAURI-MOD3 Datasheet
468Kb / 1P
   Modulator 3in / 1out
logo
Systemsensor advanced i...
MOD400R SYSTEMSENSOR-MOD400R Datasheet
163Kb / 2P
   Field Sensitivity Test Module
MOD400R SYSTEMSENSOR-MOD400R Datasheet
487Kb / 4P
   Photoelectronic Smoke Detector
More results

Similar Description - MOD5272

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
AN723 VISHAY-AN723 Datasheet
296Kb / 8P
   Design A High Performance Buck or Boost Converter With Si9165
logo
ON Semiconductor
EVBUM2697 ONSEMI-EVBUM2697 Datasheet
6Mb / 17P
   NCP51820 High?뭆peed, Half?묪ridge, GaN Driver Evaluation Board for Existing or New PCB Designs
November, 2019 ??Rev. 0
logo
Lumileds Lighting Compa...
WP18 LUMILEDS-WP18 Datasheet
419Kb / 4P
   Provide a new level of luminaire performance and design flexibility.
logo
Maxim Integrated Produc...
MAX77597EVKIT MAXIM-MAX77597EVKIT Datasheet
827Kb / 7P
   Simple Two-Layer Board Serves as a Reference Design
Rev 0; 10/20
logo
Rectron Semiconductor
RM04N30S2 RECTRON-RM04N30S2 Datasheet
180Kb / 7P
   This device is suitable for use as a load switch or in PWM applications
logo
Sensitron
1N6638 SENSITRON-1N6638 Datasheet
35Kb / 2P
   SIGNAL OR COMPUTER DIODE
logo
Broadcom Corporation.
BCM567X BOARDCOM-BCM567X Datasheet
171Kb / 28P
   A Scalable Approach to Gigabit Ethernet Switch Design
logo
List of Unclassifed Man...
1N6638 ETC1-1N6638 Datasheet
63Kb / 4P
   SIGNAL OR COMPUTER DIODE
logo
Sensitron
SS6638 SENSITRON-SS6638 Datasheet
35Kb / 2P
   SIGNAL OR COMPUTER DIODE
logo
Intersil Corporation
ISL83080E-88E INTERSIL-ISL83080E-88E Datasheet
496Kb / 3P
   Add a Loss of Signal (LOS) Indicator to Your RS-485 or RS-422 Transceiver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com