Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD707AR Datasheet(PDF) 5 Page - Analog Devices

Part # AD707AR
Description  Ultralow Drift Op Amp
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD707AR Datasheet(HTML) 5 Page - Analog Devices

  AD707AR Datasheet HTML 1Page - Analog Devices AD707AR Datasheet HTML 2Page - Analog Devices AD707AR Datasheet HTML 3Page - Analog Devices AD707AR Datasheet HTML 4Page - Analog Devices AD707AR Datasheet HTML 5Page - Analog Devices AD707AR Datasheet HTML 6Page - Analog Devices AD707AR Datasheet HTML 7Page - Analog Devices AD707AR Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
AD707
REV. B
–5–
TEMPERATURE –
°C
16
10
0
–60 –40
140
–20
0
20
40
60
80 100 120
14
12
6
2
8
4
RL = 1kΩ
VOUT = ±10V
Figure 10. Open-Loop Gain vs.
Temperature
FREQUENCY – Hz
160
0
0.1
1
10
100
1k
10k
100k
1M
140
100
80
60
20
120
40
Figure 13. Common-Mode
Rejection vs. Frequency
SUPPLY VOLTAGE –
±V
4
0
03
24
6
9
12
15
18
21
2
1
3
+125
°C
+25
°C
–55
°C
Figure 16. Supply Current vs.
Supply Voltage
SUPPLY VOLTAGE – V
16
10
0
025
5
101520
14
12
6
2
8
4
RLOAD = 1kΩ
Figure 11. Open-Loop Gain vs.
Supply Voltage
FREQUENCY – Hz
35
15
0
1k
10k
1M
100k
10
25
20
30
5
FMAX = 3kHz
RL = 2kΩ
+25
°C
VS = ± 15V
Figure 14. Large Signal Frequency
Response
20mV/DIV
CH1
TIME – 2µs/DIV
Figure 17. Small Signal Transient
Response; AV = +1, RL = 2 kΩ,
CL = 50 pF
FREQUENCY – Hz
140
80
0
0.01 0.1
1
10 100 1k 10k 100k 1M 10M
120
100
40
10
60
20
30
180
0
90
150
60
120
RL = 2kΩ
CL = 1000pF
PHASE
MARGIN
=58
°
GAIN
Figure 12. Open-Loop Gain and
Phase vs. Frequency
FREQUENCY – Hz
160
0
0.001 0.01
100k
0.1
1
10
100
1k
10k
140
80
60
40
20
120
100
Figure 15. Power Supply Rejection
vs. Frequency
20mV/DIV
CH1
TIME – 2µs/DIV
Figure 18. Small Signal Transient
Response; AV = +1, RL = 2 kΩ,
CL = 1000 pF


Similar Part No. - AD707AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD707AR AD-AD707AR Datasheet
268Kb / 8P
   Ultralow Drift Op Amp
REV. B
AD707AR-REEL AD-AD707AR-REEL Datasheet
268Kb / 8P
   Ultralow Drift Op Amp
REV. B
AD707AR-REEL7 AD-AD707AR-REEL7 Datasheet
268Kb / 8P
   Ultralow Drift Op Amp
REV. B
More results

Similar Description - AD707AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD707 AD-AD707_15 Datasheet
329Kb / 8P
   Ultralow Drift Op Amp
REV. B
AD707CH AD-AD707CH Datasheet
268Kb / 8P
   Ultralow Drift Op Amp
REV. B
AD647 AD-AD647_15 Datasheet
385Kb / 6P
   Ultralow Drift, Dual BiFET Op Amp
REV. A
AD647 AD-AD647 Datasheet
378Kb / 6P
   Ultralow Drift, Dual BiFET Op Amp
REV. A
ADA4528-2ARMZ AD-ADA4528-2ARMZ Datasheet
972Kb / 29P
   Precision, Ultralow Noise, RRIO, Zero-Drift Op Amp
REV. D
ADA4528-1 AD-ADA4528-1 Datasheet
737Kb / 20P
   Precision, Ultralow Noise, RRIO, Zero-Drift Op Amp
REV. 0
ADA4528-1 AD-ADA4528-1_17 Datasheet
712Kb / 28P
   Precision, Ultralow Noise, RRIO, Zero-Drift Op Amp
AD797 AD-AD797 Datasheet
406Kb / 16P
   Ultralow Distortion, Ultralow Noise Op Amp
REV. C
AD797 AD-AD797_08 Datasheet
520Kb / 20P
   Ultralow Distortion, Ultralow Noise Op Amp
Rev. F
AD8597 AD-AD8597 Datasheet
113Kb / 3P
   Single, Ultralow Distortion, Ultralow Noise Op Amp
Rev. PrA
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com