Electronic Components Datasheet Search |
|
SPLV2.8-4BTG Datasheet(PDF) 1 Page - Littelfuse |
|
SPLV2.8-4BTG Datasheet(HTML) 1 Page - Littelfuse |
|
1 / 1 page Silicon Protection Arrays ©2009 Littelfuse, Inc 11 Application Guide 1000/Gigabit Ethernet Considerations: ● 1000 relates to the data rate in Mbps (i.e. 1000Mbps) → For 1000Base-T data is transmitted over 4 UTP (unshielded twisted pairs) using a 125MHz clock ● For this data rate the parasitic capacitance should certainly be taken into account ● The 8 data lines below (Tx0:3 and Rx0:3) are being protected against lightning transients by a two stage protection scheme → The SP03 series (x4) should be used in place of the SPLV2.8-4 if higher levels of protection are required → The SP4060 series can be used in place of the SP3050 devices if the voltage does not exceed 2.5V Application Schematic: Recommended SPA Devices: Ordering Number ESD Level (Contact) Lightning (tP=8/20μs) I/O Capacitance # of Channels VRWM Packaging SPLV2.8-4BTG ±30kV 24A 4pF 4 2.8V SOIC-8 SP3050-04HTG ±20kV 10A 2.4pF 4 6V SOT23-6 SP4060-08ATG ±30kV 20A 4.4pF 8 2.5V MSOP-8 Ethernet PHY Outside World Case GND SPLV2.8 (x2) *Package is shown as transparent Case GND SP3050 (x2) RJ-45 Connector J1 J8 NC NC |
Similar Part No. - SPLV2.8-4BTG |
|
Similar Description - SPLV2.8-4BTG |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |