Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECCTBC330JG Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # ECCTBC330JG
Description  Ceramic Capacitors (Safety Regulations) For Surface Mounting Types
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECCTBC330JG Datasheet(HTML) 1 Page - Panasonic Semiconductor

  ECCTBC330JG Datasheet HTML 1Page - Panasonic Semiconductor ECCTBC330JG Datasheet HTML 2Page - Panasonic Semiconductor ECCTBC330JG Datasheet HTML 3Page - Panasonic Semiconductor ECCTBC330JG Datasheet HTML 4Page - Panasonic Semiconductor ECCTBC330JG Datasheet HTML 5Page - Panasonic Semiconductor ECCTBC330JG Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Ceramic Capacitors (Safety Regulation SMD)
Ceramic Capacitors (Safety Regulations)
For Surface Mounting Types
■ Features
● Resin molded SMD type for flow/reflow soldering (HC)
and reflow soldering (FC,BC)
● High reliability
● Safety requirement approved by UL, SEMKO, NEMKO,
FIMKO, DEMKO and KTL*
■ Recommended Application
● Interference suppressors circuit and Isolation circuit of
IT equipment such as MODEM.
● Interference suppressors circuit of small power supply
machinery such as DC-DC converters and power modules.
● Interference suppressors circuit of AC primary side for
general electronic equipment.
■ Explanation of Part Numbers
E
C
K
T
H
C
1
0
1
K
B
1
2
3
45
6
7
89
10
11
12
Class2
ECK
Class1
ECC
Class
Code
Product Code
Taped type
T
Style
Code
Packaging Style
Type FC
FC
Type BC
BC
Type HC
HC
Type
Code
Type
47 pF
470
10 pF
100
5pF
050
Capacitance
(Ex.)
470 pF
471
1000 pF
102
220 pF
221
100 pF
101
Nominal Capacitance
±1pF
F
±0.5 pF
D
±0.25 pF
C
Tol.
Code
±20 %
M
±10 %
K
±5 %
J
Cap. Tolerance
E
E
B
B
SL
G
Temp.
Char.
Code
F
F
Temp. Char.
Suffix
■ Construction
● Type HC
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
● Type FC,BC
Terminal
Molded Resin
Ceramic Element
Terminal
Molded Resin
Ceramic Element
Type HC (Sub-Class Y1)
Type FC (Sub-Class Y2)
Type BC (Sub-ClassY2 )
* KTL: only Type FC


Similar Part No. - ECCTBC330JG

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECCTBC330JG PANASONIC-ECCTBC330JG Datasheet
244Kb / 5P
   Ceramic Capacitors (Safety Regulations) For Surface Mounting Types BC and FC
ECCTBC330JG PANASONIC-ECCTBC330JG Datasheet
247Kb / 5P
   Ceramic Capacitors (Safety Regulation SMD)
ECCTBC330JG PANASONIC-ECCTBC330JG Datasheet
780Kb / 6P
   Ceramic Capacitors (Safety Regulations) For Surface Mounting Types
ECCTBC330JG PANASONIC-ECCTBC330JG Datasheet
787Kb / 6P
   Ceramic Capacitors (Safety Regulations) For Surface Mounting Types
ECCTBC330JG PANASONIC-ECCTBC330JG Datasheet
248Kb / 5P
   Ceramic Capacitors (Safety Regulations) For Surface Mounting Types BC and FC
More results

Similar Description - ECCTBC330JG

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECK-THC471KB PANASONIC-ECK-THC471KB Datasheet
787Kb / 6P
   Ceramic Capacitors (Safety Regulations) For Surface Mounting Types
ECK-THC471MB PANASONIC-ECK-THC471MB Datasheet
787Kb / 6P
   Ceramic Capacitors (Safety Regulations) For Surface Mounting Types
ECK-TFC221KB PANASONIC-ECK-TFC221KB Datasheet
780Kb / 6P
   Ceramic Capacitors (Safety Regulations) For Surface Mounting Types
ECK-TBC472MF PANASONIC-ECK-TBC472MF Datasheet
248Kb / 5P
   Ceramic Capacitors (Safety Regulations) For Surface Mounting Types BC and FC
ECCTBC100DG PANASONIC-ECCTBC100DG Datasheet
244Kb / 5P
   Ceramic Capacitors (Safety Regulations) For Surface Mounting Types BC and FC
ECK-DNA222ME PANASONIC-ECK-DNA222ME Datasheet
90Kb / 6P
   Ceramic Disc Capacitors for Safety Regulations
ECK-DNA101MB PANASONIC-ECK-DNA101MB Datasheet
90Kb / 6P
   Ceramic Disc Capacitors for Safety Regulations
ECK-DNA152ME PANASONIC-ECK-DNA152ME Datasheet
90Kb / 6P
   Ceramic Disc Capacitors for Safety Regulations
ECK-ANA472ME PANASONIC-ECK-ANA472ME Datasheet
345Kb / 6P
   Ceramic Disc Capacitors (Safety Regulations)
ECK-NVS222ME PANASONIC-ECK-NVS222ME Datasheet
345Kb / 6P
   Ceramic Disc Capacitors (Safety Regulations)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com