Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD706AQ Datasheet(PDF) 8 Page - Analog Devices

Part # AD706AQ
Description  Dual Picoampere Input Current Bipolar Op Amp
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD706AQ Datasheet(HTML) 8 Page - Analog Devices

  AD706AQ Datasheet HTML 1Page - Analog Devices AD706AQ Datasheet HTML 2Page - Analog Devices AD706AQ Datasheet HTML 3Page - Analog Devices AD706AQ Datasheet HTML 4Page - Analog Devices AD706AQ Datasheet HTML 5Page - Analog Devices AD706AQ Datasheet HTML 6Page - Analog Devices AD706AQ Datasheet HTML 7Page - Analog Devices AD706AQ Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
AD706
REV. C
–8–
A 1 Hz, 4-Pole, Active Filter
Figure 25 shows the AD706 in an active filter application. An
important characteristic of the AD706 is that both the input bias
current, input offset current and their drift remain low over
most of the op amp’s rated temperature range. Therefore, for
most applications, there is no need to use the normal balancing
resistor. Adding the balancing resistor enhances performance at
high temperatures, as shown by Figure 26.
Table II. 1 Hz, 4-Pole, Low Pass Filter Recommended Component Values
Section 1
Section 2
Desired Low
Frequency
Frequency
C1
C2
C3
C4
Pass Response
(Hz)
Q
(Hz)
Q
( F)
( F)
( F)
( F)
Bessel
1.43
0.522
1.60
0.806
0.116
0.107
0.160
0.0616
Butterworth
1.00
0.541
1.00
1.31
0.172
0.147
0.416
0.0609
0.1 dB Chebychev
0.648
0.619
0.948
2.18
0.304
0.198
0.733
0.0385
0.2 dB Chebychev
0.603
0.646
0.941
2.44
0.341
0.204
0.823
0.0347
0.5 dB Chebychev
0.540
0.705
0.932
2.94
0.416
0.209
1.00
0.0290
1.0 dB Chebychev
0.492
0.785
0.925
3.56
0.508
0.206
1.23
0.0242
NOTE
Specified Values are for a –3 dB point of 1.0 Hz. For other frequencies simply scale capacitors C1 through C4 directly, i.e.: for 3 Hz
Bessel response, C1 = 0.0387
µF, C2 = 0.0357 µF, C3 = 0.0533 µF, C4 = 0.0205 µF.
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
Cerdip
(Q-8)
OUTPUT
*WITHOUT THE NETWORK,
PINS 1 & 2, AND 6 & 7 OF THE
AD706 ARE TIED TOGETHER.
CAPACITORS C1 & C2
ARE SOUTHERN ELECTRONICS
MPCC, POLYCARB
5%, 50 VOLT
+
C4
C3
0.1 F
+VS
OPTIONAL BALANCE
RESISTOR NETWORKS*
1/2
AD706
1/2
AD706
INPUT
C1
C2
+
R1
1M
0.1 F
R2
1M
R3
1M
R4
1M
–VS
R5
2M
C5
0.01 F
3
2
4
1
5
6
7
8
R6
2M
C6
0.01 F
Figure 25. A 1 Hz, 4-Pole Active Filter
TEMPERATURE – C
180
–40
0
+40
60
120
0
–60
–120
–180
+80
+120
WITHOUT OPTIONAL
BALANCE RESISTOR, R3
WITH OPTIONAL BALANCE
RESISTOR, R3
Figure 26. VOS vs. Temperature Performance
of the 1 Hz Filter
Plastic Mini-DIP
(N-8)
SOIC
(R-8)
8
1
4
5
0.310 (7.87)
0.220 (5.59)
PIN 1
0.005 (0.13)
MIN
0.055 (1.4)
MAX
SEATING
PLANE
0.023 (0.58)
0.014 (0.36)
0.200 (5.08)
MAX
0.150
(3.81)
MIN
0.070 (1.78)
0.030 (0.76)
0.200 (5.08)
0.125 (3.18)
0.100
(2.54)
BSC
0.060 (1.52)
0.015 (0.38)
0.405 (10.29)
MAX
15
°
0
°
0.320 (8.13)
0.290 (7.37)
0.015 (0.38)
0.008 (0.20)
8
14
5
0.430 (10.92)
0.348 (8.84)
0.280 (7.11)
0.240 (6.10)
PIN 1
SEATING
PLANE
0.022 (0.558)
0.014 (0.356)
0.060 (1.52)
0.015 (0.38)
0.210 (5.33)
MAX
0.130
(3.30)
MIN
0.070 (1.77)
0.045 (1.15)
0.100
(2.54)
BSC
0.160 (4.06)
0.115 (2.93)
0.325 (8.25)
0.300 (7.62)
0.015 (0.381)
0.008 (0.204)
0.195 (4.95)
0.115 (2.93)
85
4
1
0.1968 (5.00)
0.1890 (4.80)
0.1574 (4.00)
0.1497 (3.80)
0.2440 (6.20)
0.2284 (5.80)
PIN 1
SEATING
PLANE
0.0098 (0.25)
0.0040 (0.10)
0.0192 (0.49)
0.0138 (0.35)
0.102 (2.59)
0.094 (2.39)
0.0500
(1.27)
BSC
0.0098 (0.25)
0.0075 (0.19)
0.0500 (1.27)
0.0160 (0.41)
8
°
0
°
0.0196 (0.50)
0.0099 (0.25)
x 45
°


Similar Part No. - AD706AQ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD706AR AD-AD706AR Datasheet
220Kb / 12P
   Dual Picoampere Input Current Bipolar Op Amp
REV. E
AD706AR AD-AD706AR Datasheet
230Kb / 12P
   Dual Picoampere Input Current Bipolar Op Amp
REV. E
AD706AR AD-AD706AR Datasheet
230Kb / 12P
   Dual Picoampere Input Current Bipolar Op Amp
REV. E
AD706AR AD-AD706AR Datasheet
191Kb / 12P
   Dual Picoampere Input Current Bipolar Op Amp
REV. E
AD706AR AD-AD706AR Datasheet
182Kb / 12P
   Dual Picoampere Input Current Bipolar Op Amp
REV. E
More results

Similar Description - AD706AQ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD706ARZ AD-AD706ARZ Datasheet
191Kb / 12P
   Dual Picoampere Input Current Bipolar Op Amp
REV. E
AD706JRZ-REEL7 AD-AD706JRZ-REEL7 Datasheet
230Kb / 12P
   Dual Picoampere Input Current Bipolar Op Amp
REV. E
AD706ARZ AD-AD706ARZ Datasheet
182Kb / 12P
   Dual Picoampere Input Current Bipolar Op Amp
REV. E
AD706JRZ AD-AD706JRZ Datasheet
230Kb / 12P
   Dual Picoampere Input Current Bipolar Op Amp
REV. E
AD706JNZ AD-AD706JNZ Datasheet
230Kb / 12P
   Dual Picoampere Input Current Bipolar Op Amp
REV. E
AD706 AD-AD706_02 Datasheet
350Kb / 12P
   Dual Picoampere Input Current Bipolar Op Amp
REV. D
AD706 AD-AD706_03 Datasheet
220Kb / 12P
   Dual Picoampere Input Current Bipolar Op Amp
REV. E
AD705 AD-AD705 Datasheet
451Kb / 8P
   Picoampere Input Current Bipolar Op Amp
REV. B
AD705 AD-AD705_15 Datasheet
559Kb / 3P
   PICOAMPERE INPUT CURRENT BIPOLAR OP AMP
REV. A
AD704AR-16 AD-AD704AR-16 Datasheet
267Kb / 16P
   Picoampere Input Current Quad Bipolar Op Amp
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com