Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AHSC-1607PS Datasheet(PDF) 1 Page - Allied Components International

Part # AHSC-1607PS
Description  10/100 Base T Single Port LAN Filter Module
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

AHSC-1607PS Datasheet(HTML) 1 Page - Allied Components International

  AHSC-1607PS Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
15
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
RoHS
12/28/12
SCHEMATICS
Dimensions:inch( mm)
Unless otherwise specified, all tolerances are ±0.010(0.25)
0.272
(6.90)
0.504(12.80)
0.40
(10.0)
Max
0.250
(6.30)
Max
0.004
(0.10)
Min
0.050
(1.27)
0.018
(0.46)
0°~8°
0.260
(6.61)
0.420
(10.67)
0.030(0.76)
0.050(1.27)
0.350(8.89)
0.020
(0.50)
Min
ALLIED
DATECODE
AHSC-1607PS
All specifications subject to change without notice.
MECHANICAL
10/100 Base T Single Port LAN Filter Module
AHSC-1607PS
For PoE applications with 350mA current capability compliant to 802.3AT
Cw/w:25PF Max @ 100KHz, 0.2V
Operating Temp: 0ºC to +70ºC
Ethernet based LAN, WAN and other networking applications
Electrical Specifications @ 25°C
Part
Number
OCL(uH Min)
@ 100kHz, 0.2V
Turns Ratio
chip: cable
(±3%)
Insertion Loss
(dB Max)
Return Loss
(dB Min)
With 8mA DC Bias
0.3-100MHz
0.3-30MHz
AHSC-1607PS
350
1CT:1CT
-1.1
-16
60-80MHz
-10
50MHz
-12
Part
Number
AHSC-1607PS
Electrical Specifications @ 25°C
Cross Talk
(dB Min)
HI-POT
(Vrms)
-35
1500
0.3-30MHz
0.3-30MHz
-40
80-100MHz
-30
Common Mode Rejection
(dB Min)
60-100MHz
-35
0.3-60MHz
-42
60MHz
Isolation


Similar Part No. - AHSC-1607PS

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
AHSC-1607PI ALLIED-AHSC-1607PI Datasheet
286Kb / 1P
   10/100 Base T PoE LAN Filter Module
More results

Similar Description - AHSC-1607PS

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
AH1601CI ALLIED-AH1601CI Datasheet
539Kb / 2P
   10/100 Base T Single Port LAN Filter Module
AHSC-0804S ALLIED-AHSC-0804S Datasheet
277Kb / 1P
   10/100 Base T Single Port LAN Filter Module
AHSC-1612S ALLIED-AHSC-1612S Datasheet
305Kb / 1P
   10/100 Base T Single Port LAN Filter Module
AHSC-1607CI ALLIED-AHSC-1607CI Datasheet
323Kb / 1P
   10/100 Base T Single Port LAN Filter Module
AHSC-1616S ALLIED-AHSC-1616S Datasheet
319Kb / 1P
   10/100 Base T Single Port LAN Filter Module
AHSC-0801S ALLIED-AHSC-0801S Datasheet
373Kb / 1P
   10/100 Base T Single Port LAN Filter Module
AHSC-0802S ALLIED-AHSC-0802S Datasheet
380Kb / 1P
   10/100 Base T Single Port LAN Filter Module
AH1614CI ALLIED-AH1614CI Datasheet
353Kb / 1P
   10/100 Base T Single Port LAN Filter Module
AHSC-1623S ALLIED-AHSC-1623S Datasheet
423Kb / 1P
   10/100 Base T Single Port LAN Filter Module
AH1606CS ALLIED-AH1606CS Datasheet
376Kb / 1P
   10/100 Base T Single Port LAN Filter Module
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com