Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS3231 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # DS3231
Description  Extremely Accurate I2C-Integrated RTC/TCXO/Crystal
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS3231 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button DS3231_13 Datasheet HTML 4Page - Maxim Integrated Products DS3231_13 Datasheet HTML 5Page - Maxim Integrated Products DS3231_13 Datasheet HTML 6Page - Maxim Integrated Products DS3231_13 Datasheet HTML 7Page - Maxim Integrated Products DS3231_13 Datasheet HTML 8Page - Maxim Integrated Products DS3231_13 Datasheet HTML 9Page - Maxim Integrated Products DS3231_13 Datasheet HTML 10Page - Maxim Integrated Products DS3231_13 Datasheet HTML 11Page - Maxim Integrated Products DS3231_13 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Extremely Accurate I2C-Integrated
RTC/TCXO/Crystal
8
Maxim Integrated
DS3231
Block Diagram
CLOCK AND CALENDAR
REGISTERS
USER BUFFER
(7 BYTES)
VOLTAGE REFERENCE;
DEBOUNCE CIRCUIT;
PUSHBUTTON RESET
I2C INTERFACE AND
ADDRESS REGISTER
DECODE
POWER CONTROL
VCC
VBAT
GND
SCL
SDA
TEMPERATURE
SENSOR
CONTROL LOGIC/
DIVIDER
ALARM, STATUS, AND
CONTROL REGISTERS
OSCILLATOR AND
CAPACITOR ARRAY
X1
X2
N
32kHz
N
INT/SQW
SQUARE-WAVE BUFFER;
INT/SQW CONTROL
N
RST
VCC
DS3231
1Hz
1Hz


Similar Part No. - DS3231_13

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS3231 MAXIM-DS3231_10 Datasheet
372Kb / 20P
   Extremely Accurate I2C-Integrated RTC/TCXO/Crystal
Rev 7; 3/10
DS3231_1007 MAXIM-DS3231_1007 Datasheet
378Kb / 20P
   Extremely Accurate I2C-Integrated RTC/TCXO/Crystal
Rev 8; 7/10
More results

Similar Description - DS3231_13

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS3231 MAXIM-DS3231_10 Datasheet
372Kb / 20P
   Extremely Accurate I2C-Integrated RTC/TCXO/Crystal
Rev 7; 3/10
DS3231SNTR MAXIM-DS3231SNTR Datasheet
297Kb / 20P
   Extremely Accurate I2C-Integrated RTC-TCXO-Crystal
Rev 9; 1/13
DS3231_1007 MAXIM-DS3231_1007 Datasheet
378Kb / 20P
   Extremely Accurate I2C-Integrated RTC/TCXO/Crystal
Rev 8; 7/10
logo
Dallas Semiconductor
DS3231 DALLAS-DS3231 Datasheet
363Kb / 19P
   Extremely Accurate I2C-Integrated RTC/TXO/Crystal
logo
Maxim Integrated Produc...
DS32B35 MAXIM-DS32B35_10 Datasheet
410Kb / 22P
   Accurate I2C RTC with Integrated TCXO/Crystal/FRAM
Rev 3; 7/10
DS32X35 MAXIM-DS32X35 Datasheet
279Kb / 21P
   Accurate I2C RTC with Integrated TCXO/Crystal/FRAM
Rev 0; 12/06
DS3232 MAXIM-DS3232_10 Datasheet
280Kb / 19P
   Extremely Accurate I2C RTC with Integrated Crystal and SRAM
Rev 5; 7/10
DS3232 MAXIM-DS3232 Datasheet
276Kb / 18P
   Extremely Accurate I2C RTC with Integrated Crystal and SRAM
Rev 2; 3/06
DS3232 MAXIM-DS3232_08 Datasheet
276Kb / 19P
   Extremely Accurate I2C RTC with Integrated Crystal and SRAM
Rev 4; 10/08
DS3232 MAXIM-DS3232_07 Datasheet
246Kb / 18P
   Extremely Accurate I2C RTC with Integrated Crystal and SRAM
Rev 3; 10/07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com