Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS3231 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # DS3231
Description  Extremely Accurate I2C-Integrated RTC/TCXO/Crystal
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS3231 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button DS3231_13 Datasheet HTML 5Page - Maxim Integrated Products DS3231_13 Datasheet HTML 6Page - Maxim Integrated Products DS3231_13 Datasheet HTML 7Page - Maxim Integrated Products DS3231_13 Datasheet HTML 8Page - Maxim Integrated Products DS3231_13 Datasheet HTML 9Page - Maxim Integrated Products DS3231_13 Datasheet HTML 10Page - Maxim Integrated Products DS3231_13 Datasheet HTML 11Page - Maxim Integrated Products DS3231_13 Datasheet HTML 12Page - Maxim Integrated Products DS3231_13 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Extremely Accurate I2C-Integrated
RTC/TCXO/Crystal
Maxim Integrated
9
DS3231
Pin Description
PIN
NAME
FUNCTION
1
32kHz
32kHz Output. This open-drain pin requires an external pullup resistor. When enabled, the output operates
on either power supply. It may be left open if not used.
2
VCC
DC Power Pin for Primary Power Supply. This pin should be decoupled using a 0.1μF to 1.0μF capacitor.
If not used, connect to ground.
3
INT/SQW
Active-Low Interrupt or Square-Wave Output. This open-drain pin requires an external pullup resistor
connected to a supply at 5.5V or less. This multifunction pin is determined by the state of the INTCN bit in
the Control Register (0Eh). When INTCN is set to logic 0, this pin outputs a square wave and its frequency
is determined by RS2 and RS1 bits. When INTCN is set to logic 1, then a match between the timekeeping
registers and either of the alarm registers activates the
INT/SQW pin (if the alarm is enabled). Because the
INTCN bit is set to logic 1 when power is first applied, the pin defaults to an interrupt output with alarms
disabled. The pullup voltage can be up to 5.5V, regardless of the voltage on VCC. If not used, this pin can
be left unconnected.
4
RST
Active-Low Reset. This pin is an open-drain input/output. It indicates the status of VCC relative to the
VPF specification. As VCC falls below VPF, the
RST pin is driven low. When VCC exceeds VPF, for tRST, the RST
pin is pulled high by the internal pullup resistor. The active-low, open-drain output is combined with a
debounced pushbutton input function. This pin can be activated by a pushbutton reset request. It has an
internal 50k
nominal value pullup resistor to VCC. No external pullup resistors should be connected. If the
oscillator is disabled, tREC is bypassed and
RST immediately goes high.
5–12
N.C.
No Connection. Must be connected to ground.
13
GND
Ground
14
VBAT
Backup Power-Supply Input. When using the device with the VBAT input as the primary power source, this
pin should be decoupled using a 0.1μF to 1.0μF low-leakage capacitor. When using the device with the
VBAT input as the backup power source, the capacitor is not required. If VBAT is not used, connect to ground.
The device is UL recognized to ensure against reverse charging when used with a primary lithium battery.
Go to www.maximintegrated.com/qa/info/ul.
15
SDA
Serial Data Input/Output. This pin is the data input/output for the I2C serial interface. This open-drain pin
requires an external pullup resistor. The pullup voltage can be up to 5.5V, regardless of the voltage on VCC.
16
SCL
Serial Clock Input. This pin is the clock input for the I2C serial interface and is used to synchronize data
movement on the serial interface. Up to 5.5V can be used for this pin, regardless of the voltage on VCC.
Detailed Description
The DS3231 is a serial RTC driven by a temperature-
compensated 32kHz crystal oscillator. The TCXO pro-
vides a stable and accurate reference clock, and
maintains the RTC to within ±2 minutes per year accu-
racy from -40°C to +85°C. The TCXO frequency output
is available at the 32kHz pin. The RTC is a low-power
clock/calendar with two programmable time-of-day
alarms and a programmable square-wave output. The
INT/SQW provides either an interrupt signal due to
alarm conditions or a square-wave output. The clock/cal-
endar provides seconds, minutes, hours, day, date,
month, and year information. The date at the end of the
month is automatically adjusted for months with fewer
than 31 days, including corrections for leap year. The
clock operates in either the 24-hour or 12-hour format
with an AM/PM indicator. The internal registers are
accessible though an I2C bus interface.
A temperature-compensated voltage reference and
comparator circuit monitors the level of VCC to detect
power failures and to automatically switch to the back-
up supply when necessary. The RST pin provides an
external pushbutton function and acts as an indicator
of a power-fail event.
Operation
The block diagram shows the main elements of the
DS3231. The eight blocks can be grouped into four
functional groups: TCXO, power control, pushbutton
function, and RTC. Their operations are described sep-
arately in the following sections.


Similar Part No. - DS3231_13

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS3231 MAXIM-DS3231_10 Datasheet
372Kb / 20P
   Extremely Accurate I2C-Integrated RTC/TCXO/Crystal
Rev 7; 3/10
DS3231_1007 MAXIM-DS3231_1007 Datasheet
378Kb / 20P
   Extremely Accurate I2C-Integrated RTC/TCXO/Crystal
Rev 8; 7/10
More results

Similar Description - DS3231_13

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS3231 MAXIM-DS3231_10 Datasheet
372Kb / 20P
   Extremely Accurate I2C-Integrated RTC/TCXO/Crystal
Rev 7; 3/10
DS3231SNTR MAXIM-DS3231SNTR Datasheet
297Kb / 20P
   Extremely Accurate I2C-Integrated RTC-TCXO-Crystal
Rev 9; 1/13
DS3231_1007 MAXIM-DS3231_1007 Datasheet
378Kb / 20P
   Extremely Accurate I2C-Integrated RTC/TCXO/Crystal
Rev 8; 7/10
logo
Dallas Semiconductor
DS3231 DALLAS-DS3231 Datasheet
363Kb / 19P
   Extremely Accurate I2C-Integrated RTC/TXO/Crystal
logo
Maxim Integrated Produc...
DS32B35 MAXIM-DS32B35_10 Datasheet
410Kb / 22P
   Accurate I2C RTC with Integrated TCXO/Crystal/FRAM
Rev 3; 7/10
DS32X35 MAXIM-DS32X35 Datasheet
279Kb / 21P
   Accurate I2C RTC with Integrated TCXO/Crystal/FRAM
Rev 0; 12/06
DS3232 MAXIM-DS3232_10 Datasheet
280Kb / 19P
   Extremely Accurate I2C RTC with Integrated Crystal and SRAM
Rev 5; 7/10
DS3232 MAXIM-DS3232 Datasheet
276Kb / 18P
   Extremely Accurate I2C RTC with Integrated Crystal and SRAM
Rev 2; 3/06
DS3232 MAXIM-DS3232_08 Datasheet
276Kb / 19P
   Extremely Accurate I2C RTC with Integrated Crystal and SRAM
Rev 4; 10/08
DS3232 MAXIM-DS3232_07 Datasheet
246Kb / 18P
   Extremely Accurate I2C RTC with Integrated Crystal and SRAM
Rev 3; 10/07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com