Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4250EUK+T Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX4250EUK+T
Description  UCSP, Single-Supply, Low-Noise, Low-Distortion, Rail-to-Rail Op Amps
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4250EUK+T Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX4250EUK+T Datasheet HTML 3Page - Maxim Integrated Products MAX4250EUK+T Datasheet HTML 4Page - Maxim Integrated Products MAX4250EUK+T Datasheet HTML 5Page - Maxim Integrated Products MAX4250EUK+T Datasheet HTML 6Page - Maxim Integrated Products MAX4250EUK+T Datasheet HTML 7Page - Maxim Integrated Products MAX4250EUK+T Datasheet HTML 8Page - Maxim Integrated Products MAX4250EUK+T Datasheet HTML 9Page - Maxim Integrated Products MAX4250EUK+T Datasheet HTML 10Page - Maxim Integrated Products MAX4250EUK+T Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
1000
0.1
1k
10k
100k
1M
10M
OUTPUT IMPEDANCE
vs. FREQUENCY
FREQUENCY (Hz)
1
10
100
AV = 1 (MAX4250–MAX4254)
AV = 10 (MAX4249/MAX4255/
MAX4256/MAX4257)
30
0
10
100
1k
10k
100k
INPUT VOLTAGE-N0ISE DENSITY
vs. FREQUENCY
FREQUENCY (Hz)
5
10
15
20
25
200nV/div
1s/div
0.1Hz TO 10HzP-P NOISE
VDD = 3V OR 5V
VP-PNOISE = 760nVP-P
-160
-140
-120
-100
-80
-60
-40
-20
0
MAX4250–MAX4254
FFT OF DISTORTION AND NOISE
FREQUENCY (Hz)
10
5k
10k
15k
20k
RL = 1kΩ
fO = 1kHz
AV = 1
fO
HD2
HD3
HD4
HD5
VOUT = 2VP-P
-140
-120
-100
-80
-60
-40
-20
0
20
10
5k
10k
15k
20k
MAX4249/MAX4255/MAX4256/MAX4257
FFT OF DISTORTION AND NOISE
FREQUENCY (Hz)
VOUT = 4VP-P
fO = 1kHz
HD2
HD3
VIN
10k
Ω
100k
Ω
11k
Ω
fO
VO
0.001
0.01
0.1
1
10
0
2
1
3
4
5
MAX4250–MAX4254
TOTAL HARMONIC DISTORTION PLUS NOISE
vs. OUTPUT VOLTAGE (VDD = 5V)
OUTPUT VOLTAGE (VP-P)
VIN
RL = 1kΩ
100k
Ω
11k
Ω
AV = 10
fO = 3kHz
FILTER BW = 30kHz
VO
RL
RL = 10kΩ
RL = 100kΩ
0.001
0.01
0.1
1
10
0
2
1
3
OUTPUT VOLTAGE (VP-P)
100k
Ω
11k
Ω
MAX4250–MAX4254
TOTAL HARMONIC DISTORTION PLUS NOISE
vs. OUTPUT VOLTAGE SWING (VDD = 3V)
VOUT
VIN
RL
RL = 1kΩ
RL = 10kΩ
RL = 100kΩ
AV = 10
fO = 3kHz
FILTER BW = 30kHz
0.001
0.01
0.1
1
0
3
4
1
2
5
OUTPUT VOLTAGE (VP-P)
fO = 20kHz, FILTER BW = 80kHz
100k
Ω
11k
Ω
MAX4249/MAX4255/MAX4256/MAX4257
TOTAL HARMONIC DISTORTION PLUS NOISE
vs. OUTPUT VOLTAGE SWING
VOUT
VIN
RL
AV = 10
fO = 3kHz, FILTER BW = 30kHz
0.0001
0.01
0.001
0.1
1
10
1k
100
10k
MAX4250–MAX4254
TOTAL HARMONIC DISTORTION
PLUS NOISE vs. FREQUENCY
FREQUENCY (Hz)
R2
R1
R1 = 560
Ω, R2 = 53kΩ
VIN
VOUT
RL
AV = 100
AV = 10
R1 = 5.6k
Ω, R2 = 53kΩ
FILTER BW = 22kHz
RL = 10kΩ TO GND
VO = 2VP-P
AV = 1
UCSP, Single-Supply, Low-Noise,
Low-Distortion, Rail-to-Rail Op Amps
Maxim Integrated
7
MAX4249–MAX4257
Typical Operating Characteristics (continued)
(VDD = 5V, VSS = 0V, VCM = VOUT = VDD/2, input noise floor of test equipment =10nV/!Hz for all distortion measurements,
TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX4250EUK+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4250EUK+T MAXIM-MAX4250EUK+T Datasheet
1Mb / 16P
   UCSP, Single-Supply, Low-Noise, Low-Distortion, Rail-to-Rail Op Amps
2021
More results

Similar Description - MAX4250EUK+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4249 MAXIM-MAX4249_11 Datasheet
1Mb / 21P
   UCSP, Single-Supply, Low-Noise, Low-Distortion, Rail-to-Rail Op Amps
Rev 8; 10/11
MAX4249 MAXIM-MAX4249_V01 Datasheet
1Mb / 16P
   UCSP, Single-Supply, Low-Noise, Low-Distortion, Rail-to-Rail Op Amps
2021
MAX4249 MAXIM-MAX4249 Datasheet
238Kb / 16P
   SOT23, Single-Supply, Low-Noise, Low-Distortion, Rail-to-Rail Op Amps
19-1295; Rev 2; 4/98
MAX4475 MAXIM-MAX4475 Datasheet
585Kb / 15P
   SOT23, Low-Noise, Low-Distortion, Wide-Band, Rail-to-Rail Op Amps
Rev 1; 10/02
MAX4475 MAXIM-MAX4475_12 Datasheet
755Kb / 21P
   SOT23, Low-Noise, Low-Distortion, Wide-Band, Rail-to-Rail Op Amps
Rev 6; 6/12
MAX4478AUD MAXIM-MAX4478AUD Datasheet
755Kb / 21P
   SOT23, Low-Noise, Low-Distortion, Wide-Band, Rail-to-Rail Op Amps
Rev 6; 6/12
MAX4475 MAXIM-MAX4475_V01 Datasheet
2Mb / 17P
   SOT23, Low-Noise, Low-Distortion, Wide-Band, Rail-to-Rail Op Amps
2019
logo
Linear Technology
LT1806 LINER-LT1806_15 Datasheet
343Kb / 28P
   Rail-to-Rail Input and Output, Low Distortion, Low Noise Precision Op Amps
LT1807 LINER-LT1807_15 Datasheet
343Kb / 28P
   Rail-to-Rail Input and Output, Low Distortion, Low Noise Precision Op Amps
logo
Maxim Integrated Produc...
MAX4162 MAXIM-MAX4162_10 Datasheet
329Kb / 13P
   UCSP, Micropower, Single-Supply, 10V, Rail-to-Rail I/O Op Amps
Rev 3; 1/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com