Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD723 Datasheet(PDF) 2 Page - Analog Devices

Part # AD723
Description  2.7 V to 5.5 V RGB-to-NTSC/PAL Encoder with Load Detect and Input Termination Switch
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD723 Datasheet(HTML) 2 Page - Analog Devices

  AD723 Datasheet HTML 1Page - Analog Devices AD723 Datasheet HTML 2Page - Analog Devices AD723 Datasheet HTML 3Page - Analog Devices AD723 Datasheet HTML 4Page - Analog Devices AD723 Datasheet HTML 5Page - Analog Devices AD723 Datasheet HTML 6Page - Analog Devices AD723 Datasheet HTML 7Page - Analog Devices AD723 Datasheet HTML 8Page - Analog Devices AD723 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
REV. 0
–2–
AD723–SPECIFICATIONS (V
S = 3, TA = 25 C, using 4FSC synchronous clock unless otherwise noted. Signal
inputs terminated with 75
. Outputs configured in active termination mode, 75
external load.)
Parameter
Conditions
Min
Typ
Max
Unit
SIGNAL INPUTS (RIN, GIN, BIN)
Input Amplitude
Full-Scale
714
mV p-p
Clamp Level
400
mV
Input Resistance
RIN, GIN, BIN
1
M
Input Capacitance
5pF
TERMINATION SWITCH CHARACTERISTICS
(RT, GT, BT)
Input Capacitance
VIN = 0 V
6
pF
Switch On Resistance
VIN = 0 V
5.2
LOGIC INPUTS
(STND, SA, CE, TERM, SYNC, 4FSC)
Logic LO Input Voltage
1V
Logic HI Input Voltage
2
V
Logic LO Input Current (DC)
0.015
0.70
µA
Logic HI Input Current (DC)
0.020
0.70
µA
VIDEO OUTPUTS
Luminance (Y)
–3 dB Bandwidth, NTSC Mode
NTSC
4.7
MHz
PAL
6.1
MHz
Gain Error
Direct Input Termination
–6.25
–2.5
+1.5
%
Switch Input Termination
–0.7
%
Gain Nonlinearity
0.3
%
Sync Amplitude
NTSC
218
262
362
mV
PAL
230
277
385
mV
DC Black Level
NTSC
450
mV
PAL
450
mV
Chrominance (C)
Burst Amplitude
NTSC
185
250
315
mV p-p
PAL
190
251
320
mV p-p
Chroma Level Error
1
Switch Input Termination
4
%
Chroma Phase Error
2
±3
Degree
Color Burst Width
NTSC
2.51
µs
PAL
2.26
µs
Chroma/Luma Time Alignment
19
ns
Chroma Feedthrough
RGB = 0
10.5
40
mV p-p
DC Black Level
NTSC
661
mV
PAL
608
mV
Composite (CV)
Gain Error
Direct Input Termination
–6.8
–2.4
+2.5
%
Switch Input Termination
–0.75
%
Gain Error wrt LUMA
Direct Input Termination
0.14
%
Differential Gain Error wrt CRMA
0.9
%
Differential Phase Error wrt CRMA
0.95
Degree
DC Black Level
NTSC
456
mV
PAL
440
mV
Luminance Trap (YTRAP) Output Resistance
1.4
k
LOGIC OUTPUT (TVDET)
LO Output Voltage
0.02
V
HI Output Voltage
2.98
V
POWER SUPPLIES
Operating Voltage Range
Single Supply
2.7
5.5
V
Current Consumption
Quiescent
No External Loads Present
16
19
mA
Composite Output Connected3
75
Ω Load, Active Termination,
30
39
mA
S-Video Inactive
S-Video Output Connected
3
75
Ω Load, Active Termination,
41
49
mA
Composite Output Inactive
Power-Down Current
0.09
0.7
µA
NOTES
1Difference between ideal and actual color-bar subcarrier amplitudes.
2Difference between ideal and actual color-bar subcarrier phase.
3Current consumption is larger in standard termination mode. Current values shown for 50% average picture level. Larger current consumption possible for other levels.
Specifications subject to change without notice.


Similar Part No. - AD723

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD723 AD-AD723 Datasheet
650Kb / 20P
   2.7 V to 5.5 V RGB-to-NTSC/PAL Encoder with Load Detect and Input Termination Switch
REV. 0
AD723 AD-AD723 Datasheet
674Kb / 20P
   2.7 V to 5.5 V RGB-to-NTSC/PAL Encoder with Load Detect and Input Termination Switch
REV. 0
logo
List of Unclassifed Man...
AD723-00 ETC2-AD723-00 Datasheet
159Kb / 12P
   Package Drawings and Specifications
logo
Analog Devices
AD723-EVAL AD-AD723-EVAL Datasheet
650Kb / 20P
   2.7 V to 5.5 V RGB-to-NTSC/PAL Encoder with Load Detect and Input Termination Switch
REV. 0
AD7233 AD-AD7233 Datasheet
99Kb / 8P
   LC2MOS 12-Bit Serial Mini-DIP DACPORT
REV. A
More results

Similar Description - AD723

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD723ARUZ AD-AD723ARUZ Datasheet
650Kb / 20P
   2.7 V to 5.5 V RGB-to-NTSC/PAL Encoder with Load Detect and Input Termination Switch
REV. 0
AD723 AD-AD723_15 Datasheet
674Kb / 20P
   2.7 V to 5.5 V RGB-to-NTSC/PAL Encoder with Load Detect and Input Termination Switch
REV. 0
AD722 AD-AD722 Datasheet
363Kb / 12P
   RGB to NTSC/PAL Encoder
REV. 0
AD724 AD-AD724_15 Datasheet
209Kb / 15P
   RGB to NTSC/PAL Encoder
REV. B
AD724 AD-AD724 Datasheet
205Kb / 15P
   RGB to NTSC/PAL Encoder
REV. B
AD724JRZ AD-AD724JRZ Datasheet
198Kb / 15P
   RGB to NTSC/PAL Encoder
REV. B
logo
Motorola, Inc
MC1377 MOTOROLA-MC1377 Datasheet
647Kb / 18P
   COLOR TELEVISION RGB to PAL/NTSC ENCODER
logo
Rohm
BU1424K ROHM-BU1424K Datasheet
273Kb / 30P
   NTSC / PAL digital RGB encoder
logo
Samsung semiconductor
KA2198BD SAMSUNG-KA2198BD Datasheet
103Kb / 6P
   RGB ENCODER FOR PAL/NTSC
logo
Rohm
BU1425AK ROHM-BU1425AK Datasheet
307Kb / 32P
   NTSC / PAL digital RGB encoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com