Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6620ATI+ Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX6620ATI+
Description  Quad Linear Fan-Speed Controller
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6620ATI+ Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX6620ATI+ Datasheet HTML 1Page - Maxim Integrated Products MAX6620ATI+ Datasheet HTML 2Page - Maxim Integrated Products MAX6620ATI+ Datasheet HTML 3Page - Maxim Integrated Products MAX6620ATI+ Datasheet HTML 4Page - Maxim Integrated Products MAX6620ATI+ Datasheet HTML 5Page - Maxim Integrated Products MAX6620ATI+ Datasheet HTML 6Page - Maxim Integrated Products MAX6620ATI+ Datasheet HTML 7Page - Maxim Integrated Products MAX6620ATI+ Datasheet HTML 8Page - Maxim Integrated Products MAX6620ATI+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
MAX6620
Quad Linear Fan-Speed Controller
2
Maxim Integrated
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(TA = -40°C to +125°C, VCC = 3.0V to 5.5V, unless otherwise noted. Typical values are at TA = +25°C, VCC = 3.3V.) (Note 3)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VCC to GND ..........................................................-0.3V to +6.0V
FAN_FAIL, SDA, SCL to GND ...............................-0.3V to +6.0V
ADDR, SPINUP_START, DAC_START, WD_START,
X1, X2 to GND ........................................-0.3V to (VCC + 0.3V)
All Other Pins to GND..........................................-0.3V to +13.5V
Input Current at DACOUT_ Pins (Note 1) ...............+5mA/-50mA
Input Current at Any Pin (Note 1)..........................................5mA
ESD Protection (all pins, Human Body Model) (Note 2) ...±2000V
Continuous Power Dissipation (TA = +70°C)
28-Pin TQFN (derate 34.5mW/°C above +70°C) ....2758.6mW
Operating Temperature Range .........................-40°C to +125°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Soldering Temperature (reflow) .......................................+260°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITION
MIN
TYP
MAX
UNITS
Operating Supply Voltage
VCC
3.0
5.5
V
Operating Supply Current
ICC
VCC = 5.5V
0.25
0.60
mA
I2C inactive
0.2
0.5
mA
Quiescent Supply Current
Shutdown mode
3
20
µA
VFANHI
10
12
13.5
VFAN Supply Voltage
VFANLO
4.0
5.0
5.5
V
VGND + 10V < VDACOUT_ < 11.5V,
VFAN = 12V
-18
DACOUT_ Output Current
IDACOUT_
VGND + 3V < VDACOUT_ < 10V,
VFAN = 12V
-16
mA
DACOUT_ Output Voltage
VDACOUT_ IDACOUT_ = 5mA
0.05
VFAN -
0.1
V
VFAN = VFANHI
256/535
VFAN = VFANLO
256/567
VFAN = 12V
5.54
5.74
5.94
DAC Feedback Voltage at Half
Scale
DACFBHS
At DACFB_,
code = 0x100,
IDACOUT_ = 5mA
VFAN = 5V
2.05
2.25
2.45
V
VFAN = VFANHI
511/535
DACFBFS
VFAN = VFANLO
511/567
VFAN = 12V
11.25
11.45
11.65
DAC Feedback Voltage at Full
Scale
VDACFB511
At DACFB_,
code = 0x1FF,
IDACOUT_ = 5mA
VFAN = 5V
4.3
4.5
4.7
V
Drive Voltage Resolution
9
Bit
DACFB_ Impedance
RDACFB
1M
TACH Minimum Input Pulse Width
25
µs
Internal Reference Frequency
Accuracy
(Note 4)
-3
+3
%
Using 32.768kHz crystal
-0.1
+0.1
TACH Count Accuracy (Note 4)
Using on-chip oscillator
-2
+2
%
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. DC and AC electrical specifica-
tions do not apply when operating the device beyond its rated operating conditions.
Note 2: Human Body Model, 100pF discharged through a 1.5k
Ω resistor.


Similar Part No. - MAX6620ATI+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6620ATI++ MAXIM-MAX6620ATI+ Datasheet
281Kb / 30P
   Quad Linear Fan-Speed Controller
Rev 1; 1/13
More results

Similar Description - MAX6620ATI+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6620 MAXIM-MAX6620 Datasheet
355Kb / 30P
   Quad Linear Fan-Speed Controller
Rev 0; 3/08
MAX6620 MAXIM-MAX6620_14 Datasheet
281Kb / 30P
   Quad Linear Fan-Speed Controller
Rev 1; 1/13
logo
Global Mixed-mode Techn...
G762 GMT-G762 Datasheet
309Kb / 1P
   Fan Speed Controller with Linear or PWM Mode
G764 GMT-G764 Datasheet
32Kb / 1P
   Fan Speed Controller with Linear or PWM Mode
G761 GMT-G761 Datasheet
47Kb / 1P
   Fan Speed Controller with Linear or PWM Mode
logo
Murata Power Solutions ...
SP1590 MURATA-PS-SP1590 Datasheet
79Kb / 1P
   Fan Speed Controller
logo
Advanced Thermal Soluti...
FSC-200 ATS-FSC-200 Datasheet
584Kb / 1P
   FAN SPEED CONTROLLER
R2_0215
logo
List of Unclassifed Man...
G760A ETC-G760A Datasheet
173Kb / 5P
   Fan Speed PWM Controller
logo
Anachip Corp
AP438 ANACHIP-AP438 Datasheet
153Kb / 8P
   PWM Fan Speed Controller
logo
Global Mixed-mode Techn...
G760A GMT-G760A Datasheet
84Kb / 1P
   Fan Speed PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com