Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4252ESA+ Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX4252ESA+
Description  UCSP, Single-Supply, Low-Noise, Low-Distortion, Rail-to-Rail Op Amps
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4252ESA+ Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX4252ESA+ Datasheet HTML 7Page - Maxim Integrated Products MAX4252ESA+ Datasheet HTML 8Page - Maxim Integrated Products MAX4252ESA+ Datasheet HTML 9Page - Maxim Integrated Products MAX4252ESA+ Datasheet HTML 10Page - Maxim Integrated Products MAX4252ESA+ Datasheet HTML 11Page - Maxim Integrated Products MAX4252ESA+ Datasheet HTML 12Page - Maxim Integrated Products MAX4252ESA+ Datasheet HTML 13Page - Maxim Integrated Products MAX4252ESA+ Datasheet HTML 14Page - Maxim Integrated Products MAX4252ESA+ Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
UCSP, Single-Supply, Low-Noise,
Low-Distortion, Rail-to-Rail Op Amps
Maxim Integrated
11
MAX4249–MAX4257
Using a Feed-Forward Compensation
Capacitor, CZ
The amplifier’s input capacitance is 11pF. If the resis-
tance seen by the inverting input is large (feedback
network), this can introduce a pole within the amplifier’s
bandwidth, resulting in reduced phase margin.
Compensate the reduced phase margin by introducing
a feed-forward capacitor (CZ) between the inverting
input and the output (Figure 1). This effectively cancels
the pole from the inverting input of the amplifier.
Choose the value of CZ as follows:
CZ = 11 x (RF / RG) [pF]
In the unity-gain stable MAX4250–MAX4254, the use of
a proper CZ is most important for AV = 2V/V, and
AV = -1V/V. In the decompensated MAX4249/
MAX4255/MAX4256/MAX4257, CZ is most important
for AV = 10V/V. Figures 2a and 2b show transient
response both with and without CZ.
Using a slightly smaller CZ than suggested by the for-
mula above achieves a higher bandwidth at the
expense of reduced phase and gain margin. As a gen-
eral guideline, consider using CZ for cases where RG ||
RF is greater than 20k" (MAX4250–MAX4254) or
greater than 5k" (MAX4249/MAX4255/MAX4256/
MAX4257).
Applications Information
The MAX4249–MAX4257 combine good driving capa-
bility with ground-sensing input and rail-to-rail output
operation. With their low distortion, low noise, and low-
power consumption, these devices are ideal for use in
portable instrumentation systems and other low-power,
noise-sensitive applications.
Ground-Sensing and Rail-to-Rail Outputs
The common-mode input range of these devices
extends below ground, and offers excellent common-
mode rejection. These devices are guaranteed not to
undergo phase reversal when the input is overdriven
(Figure 3).
Figure 4 showcases the true rail-to-rail output opera-
tion of the amplifier, configured with AV = 10V/V. The
output swings to within 8mV of the supplies with a
10k" load, making the devices ideal in low-supply-
voltage applications.
Output Loading and Stability
Even with their low quiescent current of 400µA, these
amplifiers can drive 1k" loads while maintaining excel-
lent DC accuracy. Stability while driving heavy capaci-
tive loads is another key feature.
VOUT
VIN
RISO
CL
MAX4250
MAX4251
MAX4252
MAX4253
MAX4254
4.25V
4.45V
-200mV
0
0
VOUT
VIN
AV = 1
VDD = 5V
RL = 10kΩ
20
µs/div
0
5V
VDD = 5V
RL = 10kΩ
AV = 10
f = 1kHz
200
µs/div
VOUT
1V/div
Figure 3. Overdriven Input Showing No Phase Reversal
Figure 4. Rail-to-Rail Output Operation
Figure 5. Capacitive-Load Driving Circuit


Similar Part No. - MAX4252ESA+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4252 MAXIM-MAX4252 Datasheet
238Kb / 16P
   SOT23, Single-Supply, Low-Noise, Low-Distortion, Rail-to-Rail Op Amps
19-1295; Rev 2; 4/98
MAX4252 MAXIM-MAX4252 Datasheet
1Mb / 21P
   UCSP, Single-Supply, Low-Noise, Low-Distortion, Rail-to-Rail Op Amps
Rev 8; 10/11
More results

Similar Description - MAX4252ESA+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4249 MAXIM-MAX4249_11 Datasheet
1Mb / 21P
   UCSP, Single-Supply, Low-Noise, Low-Distortion, Rail-to-Rail Op Amps
Rev 8; 10/11
MAX4249 MAXIM-MAX4249_V01 Datasheet
1Mb / 16P
   UCSP, Single-Supply, Low-Noise, Low-Distortion, Rail-to-Rail Op Amps
2021
MAX4249 MAXIM-MAX4249 Datasheet
238Kb / 16P
   SOT23, Single-Supply, Low-Noise, Low-Distortion, Rail-to-Rail Op Amps
19-1295; Rev 2; 4/98
MAX4475 MAXIM-MAX4475 Datasheet
585Kb / 15P
   SOT23, Low-Noise, Low-Distortion, Wide-Band, Rail-to-Rail Op Amps
Rev 1; 10/02
MAX4475 MAXIM-MAX4475_12 Datasheet
755Kb / 21P
   SOT23, Low-Noise, Low-Distortion, Wide-Band, Rail-to-Rail Op Amps
Rev 6; 6/12
MAX4478AUD MAXIM-MAX4478AUD Datasheet
755Kb / 21P
   SOT23, Low-Noise, Low-Distortion, Wide-Band, Rail-to-Rail Op Amps
Rev 6; 6/12
MAX4475 MAXIM-MAX4475_V01 Datasheet
2Mb / 17P
   SOT23, Low-Noise, Low-Distortion, Wide-Band, Rail-to-Rail Op Amps
2019
logo
Linear Technology
LT1806 LINER-LT1806_15 Datasheet
343Kb / 28P
   Rail-to-Rail Input and Output, Low Distortion, Low Noise Precision Op Amps
LT1807 LINER-LT1807_15 Datasheet
343Kb / 28P
   Rail-to-Rail Input and Output, Low Distortion, Low Noise Precision Op Amps
logo
Maxim Integrated Produc...
MAX4162 MAXIM-MAX4162_10 Datasheet
329Kb / 13P
   UCSP, Micropower, Single-Supply, 10V, Rail-to-Rail I/O Op Amps
Rev 3; 1/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com