Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5987AETE+ Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX5987AETE+
Description  IEEE 802.3af-Compliant, High-Efficiency, Class 1/Class 2, PDs with Integrated DC-DC Converter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5987AETE+ Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX5987AETE+ Datasheet HTML 4Page - Maxim Integrated Products MAX5987AETE+ Datasheet HTML 5Page - Maxim Integrated Products MAX5987AETE+ Datasheet HTML 6Page - Maxim Integrated Products MAX5987AETE+ Datasheet HTML 7Page - Maxim Integrated Products MAX5987AETE+ Datasheet HTML 8Page - Maxim Integrated Products MAX5987AETE+ Datasheet HTML 9Page - Maxim Integrated Products MAX5987AETE+ Datasheet HTML 10Page - Maxim Integrated Products MAX5987AETE+ Datasheet HTML 11Page - Maxim Integrated Products MAX5987AETE+ Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
MAX5986A/MAX5986B/MAX5987A
IEEE 802.3af-Compliant, High-Efficiency, Class 1/
Class 2, PDs with Integrated DC-DC Converter
8
Maxim Integrated
Typical Operating Characteristics
(TA = +25°C, unless otherwise noted.)
Figure 2. Effective Differential Resistance and Offset Current
Figure 1. MAX5986A/MAX5987A Internal TVS Test Setup
DETECTION CURRENT vs. INPUT VOLTAGE
INPUT VOLTAGE (V)
8.9
7.4
5.9
4.4
2.9
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
0
1.4
10.1
QUIESCENT CURRENT vs. SUPPLY
VOLTAGE (ULTRA-LOW POWER MODE)
SUPPLY VOLTAGE (V)
55
50
45
40
2.75
3.00
3.25
3.50
3.75
4.00
2.50
35
60
SIGNATURE RESISTANCE
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
7.4
5.9
4.4
2.9
23
24
25
26
27
28
22
1.4
10.1
8.9
INPUT OFFSET CURRENT
vs. INPUT VOLTAGE
SUPPLY VOLTAGE (V)
7.4
5.9
4.4
2.9
-2
-1
0
1
2
3
-3
1.4
10.1
8.9
IIN
IINi + 1
IINi
IOFFSET
dRi
1V
VINi
VINi + 1
IOFFSET = IINi -
VINi
dRi
dRi =
(VINi + 1 - VINi)
=
1V
(IINi + 1 - IINi) (IINi + 1 - IINi)
VIN
EVALUATION
BOARD
1ms/10ms/100ms
RTEST
MAX5986A
100V


Similar Part No. - MAX5987AETE+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5987AETE++ MAXIM-MAX5987AETE+ Datasheet
2Mb / 20P
   IEEE 802.3af-Compliant, High-Efficiency, Class 1,Powered Devices with Integrated DC-DC Converter
Rev 0; 4/12
MAX5987AETE++ MAXIM-MAX5987AETE+ Datasheet
1Mb / 23P
   IEEE 802.3af-Compliant, High-Efficiency, Class 1/Class 2, PDs with Integrated
2018
More results

Similar Description - MAX5987AETE+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5986A MAXIM-MAX5986A_V01 Datasheet
1Mb / 23P
   IEEE 802.3af-Compliant, High-Efficiency, Class 1/Class 2, PDs with Integrated
2018
MAX5991A MAXIM-MAX5991A Datasheet
861Kb / 22P
   IEEE 802.3af-Compliant, High-Efficiency, Class 1/Class 2, PDs with Integrated
2015
MAX5986A MAXIM-MAX5986A Datasheet
2Mb / 20P
   IEEE 802.3af-Compliant, High-Efficiency, Class 1,Powered Devices with Integrated DC-DC Converter
Rev 0; 4/12
MAX5988A MAXIM-MAX5988A Datasheet
908Kb / 23P
   IEEE 802.3af-Compliant, High-Efficiency, Class 1/Class 2, Powered Devices
2015
logo
Texas Instruments
TPS23734 TI1-TPS23734 Datasheet
1Mb / 48P
[Old version datasheet]   TPS23734 IEEE 802.3bt Type 3 Class 1-4 PoE PD with High Efficiency DC-DC Controller
TPS23750EVM-108 TI1-TPS23750EVM-108 Datasheet
1Mb / 41P
[Old version datasheet]   INTEGRATED 100-V IEEE 802.3af PD AND DC/DC CONTROLLER
TPS23750 TI-TPS23750 Datasheet
2Mb / 38P
[Old version datasheet]   INTEGRATED 100-V IEEE 802.3af PD AND DC/DC CONTROLLER
logo
Kinetic Technologies.
KTA1136 KINETIC-KTA1136 Datasheet
1Mb / 22P
   IEEE 802.3af PoE PD with Integrated DC-DC Controller and 13W Power FET
January 2021 - Revision 04a
logo
Bel Fuse Inc.
SRPE-03E1A0 BEL-SRPE-03E1A0 Datasheet
690Kb / 13P
   Class II, Category 2, Non-Isolated DC/DC Converter
logo
Silicon Laboratories
SI3460 SILABS-SI3460 Datasheet
435Kb / 22P
   IEEE 802.3af PSE INTERFACE AND DC-DC CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com