Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX8892EXK+T Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX8892EXK+T
Description  High PSRR, Low-Dropout, 150mA Linear Regulators
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8892EXK+T Datasheet(HTML) 6 Page - Maxim Integrated Products

  MAX8892EXK+T Datasheet HTML 1Page - Maxim Integrated Products MAX8892EXK+T Datasheet HTML 2Page - Maxim Integrated Products MAX8892EXK+T Datasheet HTML 3Page - Maxim Integrated Products MAX8892EXK+T Datasheet HTML 4Page - Maxim Integrated Products MAX8892EXK+T Datasheet HTML 5Page - Maxim Integrated Products MAX8892EXK+T Datasheet HTML 6Page - Maxim Integrated Products MAX8892EXK+T Datasheet HTML 7Page - Maxim Integrated Products MAX8892EXK+T Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Thermal-Overload Protection
Thermal-overload protection limits total power dissipation
in the MAX8891/MAX8892. When the junction tempera-
ture exceeds TJ = +160°C, the thermal sensor signals
the shutdown logic, turning off the pass transistor and
allowing the IC to cool down. The thermal sensor turns
the pass transistor on again after the IC’s junction tem-
perature drops by 10°C, resulting in a pulsed output dur-
ing continuous thermal-overload conditions.
Thermal-overload protection is designed to protect the
MAX8891/MAX8892 in the event of a fault condition. For
continual operation, do not exceed the absolute maxi-
mum junction temperature rating of TJ = +150°C.
Operating Region and Power Dissipation
The MAX8891/MAX8892 maximum power dissipation
depends on the thermal resistance of the case and cir-
cuit board, the temperature difference between the die
junction and ambient, and the rate of airflow. The power
dissipation across the device is:
P = IOUT (VIN - VOUT)
The maximum power dissipation is:
PMAX = (TJ - TA)/(
θJC + θCA)
where TJ - TA is the temperature difference between the
MAX8891/MAX8892 die junction and the surrounding air,
θJC is the thermal resistance of the package, and θCA is
the thermal resistance through the PCB, copper traces,
and other materials to the surrounding air.
The GND pin of the MAX8891/MAX8892 performs the
dual function of providing an electrical connection to
ground and channeling heat away. Connect the GND
pin to ground using a large pad or ground plane.
Applications Information
Capacitor Selection
and Regulator Stability
Use a 1µF capacitor on the MAX8891/MAX8892 input
and a 1µF capacitor on the output. Larger input capacitor
values and lower ESRs provide better noise rejection and
line-transient response. Reduce output noise and
improve load-transient response, stability, and power-
supply rejection by using large output capacitors. Note
that some ceramic dielectrics exhibit large capacitance
and ESR variation with temperature. With dielectrics such
as Z5U and Y5V, it may be necessary to use a 2.2µF or
larger output capacitor to ensure stability at temperatures
below -10°C. With X7R or X5R dielectrics, 1µF is sufficient
at all operating temperatures. A graph of the region of
stable COUT ESR vs. load current is shown in the Typical
Operating Characteristics.
PSRR and Transient Response
The MAX8891/MAX8892 are designed to deliver high
PSRR as well as low dropout and low quiescent currents
in battery-powered systems. The MAX8891/MAX8892
power-supply rejection is 65dB at 10kHz.
When operating from sources other than batteries,
improved supply-noise rejection and transient response
can be achieved by increasing the values of the input
and output bypass capacitors, and through passive fil-
tering techniques. The
Typical Operating Characteristics
show the MAX8891/MAX8892 line- and load-transient
responses.
Dropout Voltage
A regulator’s minimum dropout voltage determines the
lowest usable supply voltage. In battery-powered
systems, this determines the useful end-of-life battery
voltage. Because the MAX8891/MAX8892 use a
p-channel MOSFET pass transistor, their dropout volt-
age is a function of drain-to-source on-resistance
(RDS(ON)) multiplied by the load current (see the Typical
Operating Characteristics).
High PSRR, Low-Dropout, 150mA
Linear Regulators
6
Maxim Integrated
MAX8891/MAX8892


Similar Part No. - MAX8892EXK+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8892EXK+T MAXIM-MAX8892EXK+T Datasheet
325Kb / 8P
   High PSRR, Low-Dropout, 150mA Linear Regulators
Rev 0; 3/09
More results

Similar Description - MAX8892EXK+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8891 MAXIM-MAX8891 Datasheet
325Kb / 8P
   High PSRR, Low-Dropout, 150mA Linear Regulators
Rev 0; 3/09
logo
Global Mixed-mode Techn...
G914 GMT-G914 Datasheet
98Kb / 6P
   150mA Low-Dropout Linear Regulators
logo
Unisonic Technologies
L1913 UTC-L1913 Datasheet
206Kb / 9P
   150mA LOW-DROPOUT LINEAR REGULATORS
logo
Global Mixed-mode Techn...
G909 GMT-G909 Datasheet
36Kb / 2P
   150mA Low-Dropout Linear Regulators
logo
Unisonic Technologies
L1913 UTC-L1913_11 Datasheet
218Kb / 9P
   150mA LOW-DROPOUT LINEAR REGULATORS
logo
Interpoint Corporation ...
G913 INTERPOINT-G913 Datasheet
214Kb / 10P
   150mA Low-Dropout Linear Regulators
logo
Maxim Integrated Produc...
MAX8840 MAXIM-MAX8840_07 Datasheet
579Kb / 10P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 150mA Linear Regulators in uDFN
19-0629; Rev 1; 1/07
MAX8840 MAXIM-MAX8840 Datasheet
366Kb / 10P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 150mA Linear Regulators in 關DFN
Rev 0; 10/06
MAX8842 MAXIM-MAX8842 Datasheet
343Kb / 10P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 150mA Linear Regulators in 關DFN
Rev 0; 10/06
logo
ams AG
AS1353 AMSCO-AS1353 Datasheet
80Kb / 2P
   Linear Low-Dropout 150mA Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com