Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL711DI Datasheet(PDF) 4 Page - Enpirion, Inc.

Part # EL711DI
Description  1A Fast Transient DC-DC Buck Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENPIRION [Enpirion, Inc.]
Direct Link  http://www.enpirion.com
Logo ENPIRION - Enpirion, Inc.

EL711DI Datasheet(HTML) 4 Page - Enpirion, Inc.

  EL711DI Datasheet HTML 1Page - Enpirion, Inc. EL711DI Datasheet HTML 2Page - Enpirion, Inc. EL711DI Datasheet HTML 3Page - Enpirion, Inc. EL711DI Datasheet HTML 4Page - Enpirion, Inc. EL711DI Datasheet HTML 5Page - Enpirion, Inc. EL711DI Datasheet HTML 6Page - Enpirion, Inc. EL711DI Datasheet HTML 7Page - Enpirion, Inc. EL711DI Datasheet HTML 8Page - Enpirion, Inc. EL711DI Datasheet HTML 9Page - Enpirion, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
07889
November 28, 2012
Rev: A
EL711DI
©
Enpirion 2012 all rights reserved, E&OE
Enpirion Confidential
www.enpirion.com, Page 4
Electrical Characteristics
NOTE: VIN=5.5V, Minimum and Maximum values are over operating ambient temperature range unless otherwise noted.
Typical values are at TA = 25°C.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Operating Input
Voltage Range
VIN
2.7
5.5
V
Under Voltage Lock-
out – VIN Rising
VUVLO_R
2.35
2.5
2.65
V
Under Voltage Lock-
out – VIN Falling
VUVLO_F
2.2
2.35
2.5
V
Drop Out Resistance
RDO
Input to Output Resistance
340
500
m
VFB Voltage Initial
Accuracy
VFB
TA = 25°C
0.588
0.600
0.612
V
Operating Output
Voltage Range
VOUT
Note 1
0.6
VIN-VDO
V
Line Regulation
VOUT_LINE
2.7V ≤ VIN ≤ 5.5V
0.2
%/V
Load Regulation
VOUT_LOAD
0A ≤ ILOAD ≤ 1A
0.2
%/A
Temperature Variation
VOUT_TEMPL
-40°C ≤ TA ≤ +85°C
24
ppm/°C
Output Current
IOUT
Note 1
Subject to Dropout Voltage Limit
0
1.0
A
Shut-down Current
ISD
ENABLE = Low
1.5
µA
Over Current
Protection (OCP)
Threshold
ILIM
2.7V ≤ VIN ≤ 5.5V
0.6V ≤ VOUT ≤ 3.3V
1.5
2.2
A
Feedback Pin Input
Current
IFB
Note 3
<100
nA
Enable Pin Logic Low
VENLO
0
0.3
V
Enable Pin Logic High
VENHI
1.4
AVIN
V
Enable Pin Current
IENABLE
Note 3
<100
nA
Operating Frequency
FOSC
18.5
MHz
VOUT Rise Time
TRISE
(Note 3 and 4)
850
µs
Note 3: Parameter not production tested but is guaranteed by design.
Note 4: Rise time calculation begins when AVIN > VUVLO and ENABLE = HIGH.


Similar Part No. - EL711DI

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL7114C ELANTEC-EL7114C Datasheet
195Kb / 8P
   High Speed, Single Channel, Power MOSFET Drivers
EL7114CN ELANTEC-EL7114CN Datasheet
195Kb / 8P
   High Speed, Single Channel, Power MOSFET Drivers
EL7114CS ELANTEC-EL7114CS Datasheet
195Kb / 8P
   High Speed, Single Channel, Power MOSFET Drivers
More results

Similar Description - EL711DI

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1152 ANALOGICTECH-AAT1152_06 Datasheet
658Kb / 17P
   850kHz 1A Buck DC/DC Converter
logo
Advanced Power Electron...
APE1723 A-POWER-APE1723 Datasheet
349Kb / 10P
   200KHz, 1A PWM BUCK DC/DC CONVERTER
logo
Advanced Analogic Techn...
AAT1152 ANALOGICTECH-AAT1152 Datasheet
335Kb / 18P
   850kHz 1A Synchronous Buck DC/DC Converter
logo
Diodes Incorporated
AP3401 DIODES-AP3401 Datasheet
933Kb / 11P
   1.5MHZ, 1A STEP-DOWN DC - DC BUCK CONVERTER
AP3428 DIODES-AP3428_V01 Datasheet
1Mb / 14P
   1.5MHZ, 1A STEP-DOWN DC-DC BUCK CONVERTER
Rev. 5 - 2 May 2021
AP3428 DIODES-AP3428 Datasheet
1,019Kb / 13P
   1.5MHZ, 1A STEP-DOWN DC-DC BUCK CONVERTER
logo
Linear Technology
LTC3536 LINER-LTC3536_15 Datasheet
2Mb / 28P
   1A Low Noise, Buck-Boost DC/DC Converter
logo
XLSEMI
XL7035 XLSEMI-XL7035 Datasheet
176Kb / 10P
   1A 150KHz 80V Buck DC to DC Converter
logo
BCD Semiconductor Manuf...
AP3417A BCDSEMI-AP3417A Datasheet
499Kb / 12P
   1A, 1.4MHz High Efficiency Synchronous DC-DC Buck Converter
logo
Enpirion, Inc.
EN5310 ENPIRION-EN5310 Datasheet
308Kb / 10P
   1A Voltage Mode Synchronous Buck PWM DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com