Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK04D300-XTAL-04CLCC Datasheet(PDF) 2 Page - ACCUTEK MICROCIRCUIT CORPORATION

Part # AK04D300-XTAL-04CLCC
Description  Crystal Oscillators in Surface Mount Packages
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCUTEK [ACCUTEK MICROCIRCUIT CORPORATION]
Direct Link  
Logo ACCUTEK - ACCUTEK MICROCIRCUIT CORPORATION

AK04D300-XTAL-04CLCC Datasheet(HTML) 2 Page - ACCUTEK MICROCIRCUIT CORPORATION

  AK04D300-XTAL-04CLCC Datasheet HTML 1Page - ACCUTEK MICROCIRCUIT CORPORATION AK04D300-XTAL-04CLCC Datasheet HTML 2Page - ACCUTEK MICROCIRCUIT CORPORATION AK04D300-XTAL-04CLCC Datasheet HTML 3Page - ACCUTEK MICROCIRCUIT CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PAGE 2 ACCUTEKMICRO.COM 6/2012(OSC02)
0.300"
0.400"
0.400"
AK08D300-CLCC
0.080"
0.125"
0.100"
0.250"
8 PIN CLCC TO DIP
(CLCC=ceramic leadless chip carrier)
0.250"
0.050"
0.080"
0.125"
0.100"
0.300"
AK04D300-XTAL-04CLCC
4 PIN CLCC CRYSTAL TO DIP
(CLCC=ceramic leadless chip carrier)
AK04D300-XTAL-04CLCC-BY
4 PIN CLCC CRYSTAL TO DIP WITH SITE FOR BYPASS CAPACITOR
(CLCC=ceramic leadless chip carrier)
0.080"
0.125"
0.100"
0.300"
AK06D300-XTAL-06CLCC-BY
6 PIN CLCC CRYSTAL TO DIP WITH SITE FOR BYPASS CAPACITOR
(CLCC=ceramic leadless chip carrier)
0.300"
0.080"
0.125"
0.100"
0.080"
0.125"
0.300"
0.300"
AK08D300-XTAL-04SOJ
4 PIN SOJ CRYSTAL TO 4 PIN (8 PIN HALF SIZE) DIP
We can assemble your chips on to our adapter
boards. Fully automated assembly and test at
our Newburyport, Massachusetts facility.
No job to large or small.
0.200"
0.400"
BOTTOM VIEW
0.137"
0.044"
0.100"
0.200"
0.400"
0.137"
0.044"
0.100"
BOTTOM VIEW
BOTTOM VIEW
BOTTOM VIEW
0.300"
0.100"
0.200"
0.080"
0.400"
0.400"
0.200"
0.358"
0.122"
0.400"


Similar Part No. - AK04D300-XTAL-04CLCC

ManufacturerPart #DatasheetDescription
logo
ACCUTEK MICROCIRCUIT CO...
AK04D300-XTAL-04CLCC ACCUTEK-AK04D300-XTAL-04CLCC Datasheet
219Kb / 3P
   4 Pin to 6 Pin ACCUTEK DIP Adapters
AK04D300-XTAL-04CLCC ACCUTEK-AK04D300-XTAL-04CLCC Datasheet
193Kb / 3P
   Crystal Oscillators in Surface Mount Packages Converted to DIP Adapters
AK04D300-XTAL-04CLCC-BY ACCUTEK-AK04D300-XTAL-04CLCC-BY Datasheet
219Kb / 3P
   4 Pin to 6 Pin ACCUTEK DIP Adapters
AK04D300-XTAL-04CLCC-BY ACCUTEK-AK04D300-XTAL-04CLCC-BY Datasheet
193Kb / 3P
   Crystal Oscillators in Surface Mount Packages Converted to DIP Adapters
AK04D300-XTAL-04CLCC ACCUTEK-AK04D300-XTAL-04CLCC_12 Datasheet
193Kb / 3P
   Crystal Oscillators in Surface Mount Packages Converted to DIP Adapters
More results

Similar Description - AK04D300-XTAL-04CLCC

ManufacturerPart #DatasheetDescription
logo
ACCUTEK MICROCIRCUIT CO...
AK04D300-XTAL-04CLCC ACCUTEK-AK04D300-XTAL-04CLCC_12 Datasheet
193Kb / 3P
   Crystal Oscillators in Surface Mount Packages Converted to DIP Adapters
logo
Raltron Electronics Cor...
CO66 RALTRON-CO66 Datasheet
65Kb / 1P
   SURFACE MOUNT CRYSTAL OSCILLATORS
COM23025-44.000-WLAN RALTRON-COM23025-44.000-WLAN Datasheet
23Kb / 1P
   SURFACE MOUNT CRYSTAL OSCILLATORS
logo
List of Unclassifed Man...
CO-760PS ETC-CO-760PS Datasheet
124Kb / 4P
   Surface Mount Oven Controlled Crystal Oscillators
logo
Vectron International, ...
CO-760PS VECTRON-CO-760PS Datasheet
126Kb / 4P
   Surface Mount Oven Controlled Crystal Oscillators
logo
Oscilent Corporation
CO-430 OSCILENT-CO-430 Datasheet
151Kb / 3P
   430 Series Surface Mount Crystal Oscillators
logo
Kyocera Kinseki Corpota...
K50H-3C KSS-K50H-3C Datasheet
246Kb / 7P
   Clock Crystal Oscillators Surface Mount Type
logo
Oscilent Corporation
CO-493 OSCILENT-CO-493 Datasheet
142Kb / 2P
   493 Series Surface Mount Crystal Oscillators
CO-433 OSCILENT-CO-433 Datasheet
134Kb / 2P
   433 Series Surface Mount Crystal Oscillators
CO-492 OSCILENT-CO-492 Datasheet
142Kb / 2P
   492 Series Surface Mount Crystal Oscillators
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com