Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7226TQ Datasheet(PDF) 7 Page - Analog Devices

Part # AD7226TQ
Description  LC2MOS Quad 8-Bit D/A Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7226TQ Datasheet(HTML) 7 Page - Analog Devices

Back Button AD7226TQ Datasheet HTML 3Page - Analog Devices AD7226TQ Datasheet HTML 4Page - Analog Devices AD7226TQ Datasheet HTML 5Page - Analog Devices AD7226TQ Datasheet HTML 6Page - Analog Devices AD7226TQ Datasheet HTML 7Page - Analog Devices AD7226TQ Datasheet HTML 8Page - Analog Devices AD7226TQ Datasheet HTML 9Page - Analog Devices AD7226TQ Datasheet HTML 10Page - Analog Devices AD7226TQ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
AD7226
REV. A
–7–
Figure 10. Dynamic Response (VSS = –5 V)
Figure 11a. Positive-Step Settling-Time (VSS = –5 V)
Figure 11b. Negative-Step Settling-Time (VSS = –5 V)
GROUND MANAGEMENT
AC or transient voltages between AGND and DGND can cause
noise at the analog output. This is especially true in micropro-
cessor systems where digital noise is prevalent. The simplest
method of ensuring that voltages at AGND and DGND are
equal is to tie AGND and DGND together at the AD7226. In
more complex systems where the AGND and DGND intertie is
on the backplane, it is recommended that two diodes be con-
nected in inverse parallel between the AD7226 AGND and
DGND pins (IN914 or equivalent).
Figure 9. Zero Code Error vs. Temperature
SPECIFICATION RANGES
In order for the DACs to operate to their specifications, the ref-
erence voltage must be at least 4 V below the VDD power supply
voltage. This voltage differential is required for correct genera-
tion of bias voltages for the DAC switches.
The AD7226 is specified to operate over a VDD range from
+12 V
± 5% to +15 V ± 10% (i.e., from +11.4 V to +16.5 V)
with a VSS of –5 V ± 10%. Operation is also specified for a
single +15 V
± 5% V
DD supply. Applying a VSS of –5 V results
in improved zero code error, improved output sink capability
with outputs near AGND and improved negative-going settling-
time.
Performance is specified over a wide range of reference voltages
from 2 V to (VDD – 4 V) with dual supplies. This allows a range
of standard reference generators to be used such as the AD580,
a +2.5 V bandgap reference and the AD584, a precision +10 V
reference. Note that in order to achieve an output voltage range
of 0 V to +10 V a nominal +15 V
± 5% power supply voltage is
required by the AD7226.
SETTLING TIME
The output stage of the buffer amplifiers consists of a bipolar
NPN transistor from the VDD line and a constant current load to
VSS. VSS is the negative power supply for the output buffer am-
plifiers. As mentioned in the op amp section, in single supply
operation the NMOS transistor will come out of saturation as
the output voltage approaches AGND and will act as a resistive
load of approximately 2 k
Ω to AGND. As a result, the settling-
time for negative-going signals approaching AGND in single
supply operation will be longer than for dual supply operation
where the current load of 400
µA is maintained all the way down
to AGND. Positive-going settling-time is not affected by VSS.
The settling-time for the AD7226 is limited by the slew-rate of
the output buffer amplifiers. This can be seen from Figure 10
which shows the dynamic response for the AD7226 for a full
scale change. Figures 11a and 11b show expanded settling-time
photographs with the output waveforms derived from a differen-
tial input to an oscilloscope. Figure 11a shows the settling-time
for a positive-going step and Figure 11b shows the settling-time
for a negative-going output step.


Similar Part No. - AD7226TQ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7226 AD-AD7226 Datasheet
493Kb / 17P
   LC2MOS Quad 8-Bit D/A Converter
AD7226BCHIPS AD-AD7226BCHIPS Datasheet
423Kb / 16P
   LC2MOS Quad 8-Bit D/A Converter
REV. D
AD7226BCHIPS AD-AD7226BCHIPS Datasheet
493Kb / 17P
   LC2MOS Quad 8-Bit D/A Converter
AD7226BQ AD-AD7226BQ Datasheet
423Kb / 16P
   LC2MOS Quad 8-Bit D/A Converter
REV. D
AD7226BQ AD-AD7226BQ Datasheet
493Kb / 17P
   LC2MOS Quad 8-Bit D/A Converter
More results

Similar Description - AD7226TQ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7226BRSZ AD-AD7226BRSZ Datasheet
423Kb / 16P
   LC2MOS Quad 8-Bit D/A Converter
REV. D
AD7226 AD-AD7226_17 Datasheet
493Kb / 17P
   LC2MOS Quad 8-Bit D/A Converter
AD7701 AD-AD7701 Datasheet
312Kb / 16P
   LC2MOS 16-Bit A/D Converter
REV. D
AD7701 AD-AD7701_17 Datasheet
319Kb / 21P
   LC2MOS 16-Bit A/D Converter
AD7703 AD-AD7703 Datasheet
251Kb / 16P
   LC2MOS 20-Bit A/D Converter
REV. D
AD7226 AD-AD7226_15 Datasheet
423Kb / 16P
   LC MOS Quad 8-Bit D/A Converter
REV. D
AD7111 AD-AD7111 Datasheet
175Kb / 8P
   LC2MOS LOGDAC Logarithmic D/A Converter
REV. 0
logo
Zarlink Semiconductor I...
ZN425E8 ZARLINK-ZN425E8 Datasheet
244Kb / 8P
   8-BIT D-A/A-D CONVERTER
logo
Analog Devices
AD75004 AD-AD75004 Datasheet
102Kb / 4P
   Quad 12-Bit D/A Converter
REV. A
logo
List of Unclassifed Man...
ES52110 ETC-ES52110 Datasheet
203Kb / 15P
   8-bit D/A Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com