Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

05093.15.08 Datasheet(PDF) 1 Page - General Cable Technologies Corporation

Part # 05093.15.08
Description  60쨘C 30 Volt CSA Type LVT
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERAL [General Cable Technologies Corporation]
Direct Link  http://www.generalcable.com
Logo GENERAL - General Cable Technologies Corporation

05093.15.08 Datasheet(HTML) 1 Page - General Cable Technologies Corporation

  05093.15.08 Datasheet HTML 1Page - General Cable Technologies Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
27
Plastic Cord
Cord & Cordset
Product Construction:
Conductors:
• 18AWGannealedsolidbarecopperper
ASTM B-3
Insulation:
• Premium-grade,color-codedPVC
• Colorcode:Seechartbelow
Jacket:
• Polyvinylchloride(PVC),brown
• Temperaturerange:-20ºCto+60ºC
Jacket Marking:
• CAROL(SIZE)CSALL#TYPELVTFT-4
Applications:
• Thermostatcontrol
• Heatingandairconditioninginstallations
• Touch-platesystems
• Burglaralarms
• Intercomsystems
• Doorbells
• Annunciatorandbellsystems
• Remotecontrolunits
• Signalsystems
• Otherlow-voltageinstallations
Industry Approvals:
• CSATypeLVT
Packaging:
• 4-through10-conductoravailableon
250'(76.2m)spools
• 2-and3-conductoravailableon
500'(152.4m)spools
• Otherput-upsavailableonspecialorder
6.0
5.5
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
.5
0
0
50
100
150
200
250
300
350
400
450
500
VOLTAGE DROP PER (1) AMP
BASED ON 115 VOLTS
LENGTH OF RUN (FEET)
APPROXIMATE VOLTAGE DROP/AMP AT 68ºF
18
AW
G
16
AW
G
18 AWG THERMOSTAT WIRE — 30 VOLT — CSA TYPE LVT
CATALOG
NUMBER
NO. OF
COND.
AWG
SIZE
COND.
STRAND
NOMINAL INS.
THICKNESS
NOMINAL O.D.
APPROX.
NET WEIGHT
LBS/M'(S)
STD.
CTN.
INCHES
mm
INCHES
mm
05092
2
18
Solid
0.016
0.41
0.210
5.33
25
2000'
05093*
3
18
Solid
0.016
0.41
0.220
5.59
33
500'
05094
4
18
Solid
0.016
0.41
0.242
6.15
41
1000'
05095
5
18
Solid
0.016
0.41
0.262
6.65
50
1000'
05096*
6
18
Solid
0.016
0.41
0.280
7.11
60
1000'
05097*
7
18
Solid
0.016
0.41
0.285
7.24
65
1000'
05098
8
18
Solid
0.016
0.41
0.304
7.75
74
1000'
05099*
9
18
Solid
0.016
0.41
0.328
8.33
83
1000'
05091*
10
18
Solid
0.016
0.41
0.360
9.14
92
250'
* Non-stock item; minimum quantity purchase required.
(S)
Actual shipping weight may vary.
COLOR CODE CHART
NO. OF
CONDUCTORS
COLOR
2
White,Red
3
White,Red,Green
4
White,Red,Green,Blue
5
White,Red,Green,Blue,Yellow
6
White,Red,Green,Blue,Yellow,Brown
7
White,Red,Green,Blue,Yellow,Brown,Orange
8
White,Red,Green,Blue,Yellow,Brown,Orange,Black
9
White,Red,Green,Blue,Yellow,Brown,Orange,Black,Purple
10
White,Red,Green,Blue,Yellow,Brown,Orange,Black,Purple,Gray
Thermostat Wire
60ºC 30 Volt CSA Type LVT


Similar Part No. - 05093.15.08

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
05093 GENERAL-05093 Datasheet
73Kb / 1P
   Sound, Alarm & Security Cable
More results

Similar Description - 05093.15.08

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
05095.15.08 GENERAL-05095.15.08 Datasheet
88Kb / 1P
   60쨘C 30 Volt CSA Type LVT
05092.15.08 GENERAL-05092.15.08 Datasheet
88Kb / 1P
   60쨘C 30 Volt CSA Type LVT
05096.15.08 GENERAL-05096.15.08 Datasheet
88Kb / 1P
   60쨘C 30 Volt CSA Type LVT
05094.15.08 GENERAL-05094.15.08 Datasheet
88Kb / 1P
   60쨘C 30 Volt CSA Type LVT
01302.15.01 GENERAL-01302.15.01 Datasheet
65Kb / 1P
   60쨘C 300 Volt UL /CSA Portable Cord
01366.38T.01 GENERAL-01366.38T.01 Datasheet
65Kb / 1P
   60쨘C 300 Volt UL /CSA Portable Cord
05482.R8.02 GENERAL-05482.R8.02 Datasheet
84Kb / 1P
   60쨘C 150 Volt UL Type CL2
05484.R5.02 GENERAL-05484.R5.02 Datasheet
84Kb / 1P
   60쨘C 150 Volt UL Type CL2
05485.R5.02 GENERAL-05485.R5.02 Datasheet
84Kb / 1P
   60쨘C 150 Volt UL Type CL2
05481.R5.02 GENERAL-05481.R5.02 Datasheet
84Kb / 1P
   60쨘C 150 Volt UL Type CL2
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com