Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7306JR Datasheet(PDF) 1 Page - Analog Devices

Part # AD7306JR
Description  5 V Powered RS-232/RS-422 Transceiver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7306JR Datasheet(HTML) 1 Page - Analog Devices

  AD7306JR Datasheet HTML 1Page - Analog Devices AD7306JR Datasheet HTML 2Page - Analog Devices AD7306JR Datasheet HTML 3Page - Analog Devices AD7306JR Datasheet HTML 4Page - Analog Devices AD7306JR Datasheet HTML 5Page - Analog Devices AD7306JR Datasheet HTML 6Page - Analog Devices AD7306JR Datasheet HTML 7Page - Analog Devices AD7306JR Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
REV. B
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
+5 V Powered
RS-232/RS-422 Transceiver
AD7306
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 617/329-4700
Fax: 617/326-8703
FEATURES
RS-232 and RS-422 on One Chip
Single +5 V Supply
0.1
F Capacitors
Short Circuit Protection
Excellent Noise Immunity
Low Power BiCMOS Technology
High Speed, Low Skew RS-422 Operation
–40 C to +85 C Operations
APPLICATIONS
DTE-DCE Interface
Packet Switching
Local Area Networks
Data Concentration
Data Multiplexers
Integrated Services Digital Network (ISDN)
GENERAL DESCRIPTION
The AD7306 line driver/receiver is a 5 V monolithic product
which provides an interface between TTL signal levels and dual
standard EIA RS-232/RS-422 signal levels. The part contains
two RS-232 drivers, one RS-422 driver, one RS-232 receiver,
and one receiver path which can be configured either as RS-232
or as RS-422.
An internal charge pump voltage converter facilitates operation
from a single +5 V power supply. The internal charge pump
generates
±10 V levels allowing RS-232 output levels to be de-
veloped without the need for external bipolar power supplies.
A highly efficient charge pump design allows operation using
non polarized, miniature 0.1
µF capacitors. This gives a consid-
erable saving in printed circuit board space over conventional
products which can use up to 10
µF capacitors. The charge
pump output voltages may also be used to power external cir-
cuitry which requires dual supplies.
The RS-232 channels are suitable for communications rates up
to 100 kHz and the RS-422 channels are suitable for high speed
communications up to 5 MHz. The RS-422 transmitter comple-
mentary outputs are closely matched and feature low timing
skew between the complementary outputs. This is often an es-
sential requirement to meet tight system timing specifications.
All inputs feature ESD protection, all driver outputs feature
high source and sink current capability and are internally pro-
tected against short circuits on the outputs. An epitaxial layer is
used to guard against latch-up.
The part is available in a 24-lead SOIC and 24-pin plastic DIP
package.
FUNCTIONAL BLOCK DIAGRAM
V+
C1+
C1–
V–
C2–
C2+
GND
NC
NC
NC = NO CONNECT
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
16
15
14
13
20
19
18
17
AD7306
SOIC
TOP VIEW
(Not to Scale)
GND
R1
IN /R1IN (A)
T2
OUT
T1
OUT
R2
IN
R1
IN (B)
T3
OUT (B)
R2
OUT
T3
IN
232/422 SEL
V
CC
R1
OUT
T1
IN
T2
IN
T3
OUT (A)


Similar Part No. - AD7306JR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7306JRZ AD-AD7306JRZ Datasheet
174Kb / 10P
   5 V Powered RS-232/RS-422 Transceiver
Rev. D
AD7306JRZ-REEL AD-AD7306JRZ-REEL Datasheet
174Kb / 10P
   5 V Powered RS-232/RS-422 Transceiver
Rev. D
More results

Similar Description - AD7306JR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7306 AD-AD7306_V01 Datasheet
174Kb / 10P
   5 V Powered RS-232/RS-422 Transceiver
Rev. D
logo
Exar Corporation
SP338E EXAR-SP338E Datasheet
1Mb / 25P
   RS-232/RS-485/RS-422 TRANSCEIVER
SP335E EXAR-SP335E Datasheet
356Kb / 22P
   RS-232/RS-485/RS-422 TRANSCEIVER
XR3160E EXAR-XR3160E Datasheet
365Kb / 23P
   RS-232/RS-485/RS-422 TRANSCEIVER
logo
Advantech Co., Ltd.
BB-422LP9R ADVANTECH-BB-422LP9R Datasheet
548Kb / 2P
   Port-powered RS-232 to RS-422 Converter
BB-422LP25R ADVANTECH-BB-422LP25R Datasheet
342Kb / 1P
   Port-powered RS-232 to RS-422 Converter
logo
Moxa Inc.
TCC-80 MOXA-TCC-80 Datasheet
1Mb / 5P
   Port-powered RS-232 to RS-422/485 converters
logo
Exar Corporation
SP339E EXAR-SP339E Datasheet
1Mb / 21P
   RS-232/RS-485/RS-422 TRANSCEIVER WITH INTERNAL TERMINATION
SP339EER1-0A EXAR-SP339EER1-0A Datasheet
268Kb / 23P
   RS-232/RS-485/RS-422 TRANSCEIVER WITH INTERNAL TERMINATION
SP339EER1-L EXAR-SP339EER1-L Datasheet
268Kb / 23P
   RS-232/RS-485/RS-422 TRANSCEIVER WITH INTERNAL TERMINATION
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com