Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9995ETX+T Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX9995ETX+T
Description  Dual, SiGe, High-Linearity, 1700MHz to 2700MHz Downconversion Mixer with LO Buffer/Switch
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9995ETX+T Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX9995ETX+T Datasheet HTML 2Page - Maxim Integrated Products MAX9995ETX+T Datasheet HTML 3Page - Maxim Integrated Products MAX9995ETX+T Datasheet HTML 4Page - Maxim Integrated Products MAX9995ETX+T Datasheet HTML 5Page - Maxim Integrated Products MAX9995ETX+T Datasheet HTML 6Page - Maxim Integrated Products MAX9995ETX+T Datasheet HTML 7Page - Maxim Integrated Products MAX9995ETX+T Datasheet HTML 8Page - Maxim Integrated Products MAX9995ETX+T Datasheet HTML 9Page - Maxim Integrated Products MAX9995ETX+T Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
MAX9995
Dual, SiGe, High-Linearity, 1700MHz to 2700MHz
Downconversion Mixer with LO Buffer/Switch
6
Maxim Integrated
CHANNEL ISOLATION vs. RF FREQUENCY
30
40
50
60
70
80
20
RF FREQUENCY (MHz)
2100
2000
1900
1800
1700
2200
TC = +85
°C
TC = +25
°C
TC = -20
°C
CHANNEL ISOLATION vs. RF FREQUENCY
40
50
60
70
80
90
30
RF FREQUENCY (MHz)
2100
2000
1900
1800
1700
2200
PLO = 0dBm
PLO = +3dBm
PLO = -3dBm
CHANNEL ISOLATION vs. RF FREQUENCY
40
50
60
70
80
90
30
RF FREQUENCY (MHz)
2100
2000
1900
1800
1700
2200
VCC = 4.75V
VCC = 5.0V
VCC = 5.25V
INPUT P1dB vs. RF FREQUENCY
12.8
13.2
13.6
14.0
14.4
12.4
RF FREQUENCY (MHz)
2100
2000
1900
1800
1700
2200
TC = +25
°C
TC = +85
°C
TC = -20
°C
LO SWITCH ISOLATION vs. LO FREQUENCY
LO FREQUENCY (MHz)
1900
1800
1700
1600
1500
46
47
48
49
50
51
52
53
54
55
45
1400
2000
TC = -20
°C
TC = +25
°C
TC = +85
°C
13.0
13.1
13.2
13.3
13.4
13.5
13.6
13.7
13.8
12.9
INPUT P1dB vs. RF FREQUENCY
RF FREQUENCY (MHz)
2100
2000
1900
1800
1700
2200
PLO = 0dBm
PLO = -3dBm
PLO = +3dBm
12.6
12.8
13.0
13.2
13.4
13.6
13.8
14.0
14.2
14.4
12.4
INPUT P1dB vs. RF FREQUENCY
RF FREQUENCY (MHz)
2100
2000
1900
1800
1700
2200
VCC = 5.25V
VCC = 4.75V
VCC = 5.0V
48
49
50
51
52
53
54
47
LO SWITCH ISOLATION vs. LO FREQUENCY
LO FREQUENCY (MHz)
1900
1800
1700
1600
1500
1400
2000
PLO = -3dBm
PLO = 0dBm
PLO = +3dBm
48
49
50
51
52
53
54
47
LO SWITCH ISOLATION vs. LO FREQUENCY
LO FREQUENCY (MHz)
1900
1800
1700
1600
1500
1400
2000
VCC = 4.75V, 5.0V, 5.25V
Typical Operating Characteristics (continued)
(
Typical Application Circuit, VCC = 5.0V, PRF = -5dBm, PLO = 0dBm, LO is low-side injected for a 200MHz IF, TC = +25°C.)


Similar Part No. - MAX9995ETX+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9995ETX MAXIM-MAX9995ETX Datasheet
363Kb / 13P
   Dual, SiGe, High-Linearity, 1700MHz to 2200MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 8/04
MAX9995ETX MAXIM-MAX9995ETX Datasheet
387Kb / 13P
   Dual, SiGe, High-Linearity, 1700MHz to 2700MHz Downconversion Mixer with LO Buffer/Switch
Rev 1; 3/11
MAX9995ETX-D MAXIM-MAX9995ETX-D Datasheet
363Kb / 13P
   Dual, SiGe, High-Linearity, 1700MHz to 2200MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 8/04
MAX9995ETX-T MAXIM-MAX9995ETX-T Datasheet
363Kb / 13P
   Dual, SiGe, High-Linearity, 1700MHz to 2200MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 8/04
MAX9995ETX-TD MAXIM-MAX9995ETX-TD Datasheet
363Kb / 13P
   Dual, SiGe, High-Linearity, 1700MHz to 2200MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 8/04
More results

Similar Description - MAX9995ETX+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9995 MAXIM-MAX9995_11 Datasheet
387Kb / 13P
   Dual, SiGe, High-Linearity, 1700MHz to 2700MHz Downconversion Mixer with LO Buffer/Switch
Rev 1; 3/11
MAX19757 MAXIM-MAX19757 Datasheet
4Mb / 34P
   Dual, SiGe, High-Linearity, 1700MHz to 2700MHz Downconversion Mixer
Rev 0; 12/12
MAX19995 MAXIM-MAX19995 Datasheet
510Kb / 29P
   Dual, SiGe, High-Linearity, 1700MHz to 2200MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 12/08
MAX9995 MAXIM-MAX9995 Datasheet
363Kb / 13P
   Dual, SiGe, High-Linearity, 1700MHz to 2200MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 8/04
MAX19993 MAXIM-MAX19993 Datasheet
4Mb / 23P
   Dual, SiGe, High-Linearity, 1200MHz to 1700MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 6/10
MAX19995A MAXIM-MAX19995A Datasheet
410Kb / 23P
   Dual, SiGe, High-Linearity, 1700MHz to 2200MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 1/09
MAX9994 MAXIM-MAX9994 Datasheet
548Kb / 12P
   SiGe High-Linearity, 1700MHz to 2200MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 10/04
MAX2039 MAXIM-MAX2039 Datasheet
363Kb / 16P
   High-Linearity, 1700MHz to 2200MHz Upconversion/ Downconversion Mixer with LO Buffer/Switch
Rev 0; 10/04
MAX2041 MAXIM-MAX2041 Datasheet
395Kb / 16P
   High-Linearity, 1700MHz to 3000MHz Upconversion / Downconversion Mixer with LO Buffer / Switch
Rev 0; 1/06
MAX19994A MAXIM-MAX19994A Datasheet
4Mb / 28P
   Dual, SiGe, High-Linearity, 1200MHz to 2000MHz Downconversion Mixer with LO Buffer/Switch
19-5197; Rev 0; 4/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com