Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX11160 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX11160
Description  16-Bit, 500ksps/250ksps, ±5V SAR ADCs with Internal Reference in TDFN
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11160 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX11160 Datasheet HTML 1Page - Maxim Integrated Products MAX11160 Datasheet HTML 2Page - Maxim Integrated Products MAX11160 Datasheet HTML 3Page - Maxim Integrated Products MAX11160 Datasheet HTML 4Page - Maxim Integrated Products MAX11160 Datasheet HTML 5Page - Maxim Integrated Products MAX11160 Datasheet HTML 6Page - Maxim Integrated Products MAX11160 Datasheet HTML 7Page - Maxim Integrated Products MAX11160 Datasheet HTML 8Page - Maxim Integrated Products MAX11160 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
Maxim Integrated │ 4
MAX11166/MAX11167
16-Bit, 500ksps/250ksps, ±5V SAR ADCs
with Internal Reference in TDFN
www.maximintegrated.com
Electrical Characteristics (continued)
(VDD = 4.75V to 5.25V, VOVDD = 2.3V to 5.25V, fSAMPLE = 500kHz or 250kHz, VREF = 4.096V; TA = TMIN to TMAX, unless otherwise
noted. Typical values are at TA = +25NC.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
SAMPLING DYNAMICS
Throughput Sample Rate
MAX11166
0.01
500
ksps
MAX11167
0.01
250
Transient Response
Full-scale step
400
ns
Full-Power Bandwidth
-3dB point
6
MHz
-0.1dB point
> 0.2
Aperture Delay
2.5
ns
Aperture Jitter
< 50
psRMS
POWER SUPPLIES
Analog Supply Voltage
VDD
4.75
5.25
V
Interface Supply Voltage
VOVDD
2.3
5.25
V
Analog Supply Current
IVDD
Internal reference mode
5.0
5.8
6.5
mA
External reference mode
3.0
3.5
4.0
VDD Shutdown Current
6.3
10
µA
Interface Supply Current (Note 9)
IOVDD
VOVDD = 2.3V, MAX11167
0.75
0.85
mA
VOVDD = 5.25V, MAX11167
2.0
2.4
VOVDD = 2.3V, MAX11166
1.5
2.0
VOVDD = 5.25V, MAX11166
4.3
5.0
OVDD Shutdown Current
0.9
10
µA
Power Dissipation
VDD = 5V, VOVDD = 3.3V, MAX11167
reference mode = 2, 3
21.2
mW
VDD = 5V, VOVDD = 3.3V, MAX11167
reference mode = 0, 1
33.3
VDD = 5V, VOVDD = 3.3V, MAX11166
reference mode = 2, 3
26.4
VDD = 5V, VOVDD = 3.3V, MAX11166
reference mode = 0, 1
40.5
DIGITAL INPUTS (DIN, SCLK, CNVST)
Input Voltage High
VIH
0.7 x
VOVDD
V
Input Voltage Low
VIL
0.3 x VOVDD
V
Input Hysteresis
VHYS
±0.05 x VOVDD
V
Input Capacitance
CIN
10
pF
Input Current
IIN
VIN = 0V or VOVDD
-10
+10
µA
DIGITAL OUTPUT (DOUT)
Output Voltage High
VOH
ISOURCE = 2mA
VOVDD
- 0.4
V
Output Voltage Low
VOL
ISINK = 2mA
0.4
V
Three-State Leakage Current
-10
+10
µA
Three-State Output Capacitance
15
pF


Similar Part No. - MAX11160

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11160 MAXIM-MAX11160 Datasheet
865Kb / 26P
   500ksps Throughput Rates Without Pipeline
Rev 0; 1/15
MAX11160 MAXIM-MAX11160 Datasheet
6Mb / 33P
   High-Speed USB Connector, FMC Connector, and PMOD-Style Connector
Rev 0; 5/15
MAX11160 MAXIM-MAX11160 Datasheet
837Kb / 26P
   16-Bit, 500ksps, 5V SAR ADC with Internal Reference in 關MAX
2015
MAX11160EUB++ MAXIM-MAX11160EUB+ Datasheet
837Kb / 26P
   16-Bit, 500ksps, 5V SAR ADC with Internal Reference in 關MAX
2015
MAX11160EUB+T MAXIM-MAX11160EUB+T Datasheet
837Kb / 26P
   16-Bit, 500ksps, 5V SAR ADC with Internal Reference in 關MAX
2015
More results

Similar Description - MAX11160

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11164 MAXIM-MAX11164 Datasheet
1,010Kb / 28P
   16-Bit, 500ksps, 0 to 5V SAR ADC with Internal Reference in TDFN
2015
MAX11167 MAXIM-MAX11167 Datasheet
997Kb / 28P
   16-Bit, 250ksps, 짹5V SAR ADC with Internal Reference in TDFN
2015
MAX11166 MAXIM-MAX11166_V01 Datasheet
1Mb / 28P
   16-Bit, 500ksps, 짹5V SAR ADC with Internal Reference in TDFN
2015
MAX11165 MAXIM-MAX11165 Datasheet
934Kb / 28P
   Bit, 250ksps, 0 to 5V SAR ADC with Internal Reference in TDFN
2015
MAX11154 MAXIM-MAX11154 Datasheet
1Mb / 28P
   18-Bit, 500ksps, 0 to 5V SAR ADC with Internal Reference in TDFN
2015
MAX11156 MAXIM-MAX11156 Datasheet
3Mb / 27P
   18-Bit, 500ksps, 짹5V SAR ADC with Internal Reference in TDFN
Rev 0; 3/13
MAX11156 MAXIM-MAX11156_V01 Datasheet
948Kb / 27P
   18-Bit, 500ksps, 짹5V SAR ADC with Internal Reference in TDFN
2015
MAX11161 MAXIM-MAX11161 Datasheet
792Kb / 26P
   16-Bit, 250ksps, 5V SAR ADC with Internal Reference in 關MAX
2015
MAX11160 MAXIM-MAX11160 Datasheet
837Kb / 26P
   16-Bit, 500ksps, 5V SAR ADC with Internal Reference in 關MAX
2015
MAX11150 MAXIM-MAX11150 Datasheet
853Kb / 26P
   18-Bit, 500ksps, 5V SAR ADC with Internal Reference in 關MAX
2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com