Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX11164 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX11164
Description  16-Bit, 500ksps/250ksps, ±5V SAR ADCs with Internal Reference in TDFN
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11164 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX11164 Datasheet HTML 1Page - Maxim Integrated Products MAX11164 Datasheet HTML 2Page - Maxim Integrated Products MAX11164 Datasheet HTML 3Page - Maxim Integrated Products MAX11164 Datasheet HTML 4Page - Maxim Integrated Products MAX11164 Datasheet HTML 5Page - Maxim Integrated Products MAX11164 Datasheet HTML 6Page - Maxim Integrated Products MAX11164 Datasheet HTML 7Page - Maxim Integrated Products MAX11164 Datasheet HTML 8Page - Maxim Integrated Products MAX11164 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
Maxim Integrated │ 5
MAX11166/MAX11167
16-Bit, 500ksps/250ksps, ±5V SAR ADCs
with Internal Reference in TDFN
www.maximintegrated.com
Electrical Characteristics (continued)
(VDD = 4.75V to 5.25V, VOVDD = 2.3V to 5.25V, fSAMPLE = 500kHz or 250kHz, VREF = 4.096V; TA = TMIN to TMAX, unless otherwise
noted. Typical values are at TA = +25NC.) (Note 2)
Note 2: Maximum and minimum limits are fully production tested over specified supply voltage range and at a temperature of +25°C
and +85°C. Limits below +25°C are guaranteed by design and device characterization. Typical values are not guaranteed.
Note 3: See the Analog Inputs and Overvoltage Input Clamps sections.
Note 4: See the Definitions section.
Note 5: Defined as the change in positive full-scale code transition caused by a Q5% variation in the VDD supply voltage.
Note 6: 10kHz sine wave input, -0.1dB below full scale.
Note 7: See Table 4 for definition of the reference modes.
Note 8: fIN1 ~ 9.4kHz, fIN2 ~ 10.7kHz, Each tone at -6.1dB below full scale.
Note 9: CLOAD = 65pF on DOUT.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
TIMING (Note 9)
Time Between Conversions
tCYC
MAX11166
2
100000
µs
MAX11167
4
100000
µs
Conversion Time
tCONV
CNVST rising to
data available
MAX11166
1.35
1.5
µs
MAX11167
2.7
3.0
Acquisition Time
tACQ
tACQ = tCYC - tCONV
MAX11166
0.5
µs
MAX11167
1
CNVST Pulse Width
tCNVPW
CS mode
5
ns
SCLK Period (CS Mode)
tSCLK
VOVDD > 4.5V
14
ns
VOVDD > 2.7V
20
VOVDD > 2.3V
26
SCLK Period (Daisy-Chain Mode)
tSCLK
VOVDD > 4.5V
16
ns
VOVDD > 2.7V
24
VOVDD > 2.3V
30
SCLK Low Time
tSCLKL
5
ns
SCLK High Time
tSCLKH
5
ns
SCLK Falling Edge to Data Valid
Delay
tDDO
VOVDD > 4.5V
12
ns
VOVDD > 2.7V
18
VOVDD > 2.3V
23
CNVST Low to DOUT D15 MSB
Valid (CS Mode)
tEN
VOVDD > 2.7V
14
ns
VOVDD < 2.7V
17
CNVST High or Last SCLK
Falling Edge to DOUT High
Impedance
tDIS
CS Mode
20
ns
DIN Valid Setup Time from SCLK
Falling Edge
tSDINSCK
VOVDD > 4.5V
3
ns
VOVDD > 2.7V
5
VOVDD > 2.3V
6
DIN Valid Hold Time from SCLK
Falling Edge
tHDINSCK
0
ns
SCLK Valid Setup Time to
CNVST Falling Edge
tSSCKCNF
3
ns
SCLK Valid Hold Time to CNVST
Falling Edge
tHSCKCNF
6
ns


Similar Part No. - MAX11164

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11164 MAXIM-MAX11164 Datasheet
865Kb / 26P
   500ksps Throughput Rates Without Pipeline
Rev 0; 1/15
MAX11164 MAXIM-MAX11164 Datasheet
1,010Kb / 28P
   16-Bit, 500ksps, 0 to 5V SAR ADC with Internal Reference in TDFN
2015
MAX11164ETC+T MAXIM-MAX11164ETC+T Datasheet
1,010Kb / 28P
   16-Bit, 500ksps, 0 to 5V SAR ADC with Internal Reference in TDFN
2015
More results

Similar Description - MAX11164

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11164 MAXIM-MAX11164 Datasheet
1,010Kb / 28P
   16-Bit, 500ksps, 0 to 5V SAR ADC with Internal Reference in TDFN
2015
MAX11167 MAXIM-MAX11167 Datasheet
997Kb / 28P
   16-Bit, 250ksps, 짹5V SAR ADC with Internal Reference in TDFN
2015
MAX11166 MAXIM-MAX11166_V01 Datasheet
1Mb / 28P
   16-Bit, 500ksps, 짹5V SAR ADC with Internal Reference in TDFN
2015
MAX11165 MAXIM-MAX11165 Datasheet
934Kb / 28P
   Bit, 250ksps, 0 to 5V SAR ADC with Internal Reference in TDFN
2015
MAX11154 MAXIM-MAX11154 Datasheet
1Mb / 28P
   18-Bit, 500ksps, 0 to 5V SAR ADC with Internal Reference in TDFN
2015
MAX11156 MAXIM-MAX11156 Datasheet
3Mb / 27P
   18-Bit, 500ksps, 짹5V SAR ADC with Internal Reference in TDFN
Rev 0; 3/13
MAX11156 MAXIM-MAX11156_V01 Datasheet
948Kb / 27P
   18-Bit, 500ksps, 짹5V SAR ADC with Internal Reference in TDFN
2015
MAX11161 MAXIM-MAX11161 Datasheet
792Kb / 26P
   16-Bit, 250ksps, 5V SAR ADC with Internal Reference in 關MAX
2015
MAX11160 MAXIM-MAX11160 Datasheet
837Kb / 26P
   16-Bit, 500ksps, 5V SAR ADC with Internal Reference in 關MAX
2015
MAX11150 MAXIM-MAX11150 Datasheet
853Kb / 26P
   18-Bit, 500ksps, 5V SAR ADC with Internal Reference in 關MAX
2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com