Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX14588ETE+T Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX14588ETE+T
Description  1A Adjustable Overcurrent and Overvoltage Protector with High Accuracy
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14588ETE+T Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX14588ETE+T Datasheet HTML 1Page - Maxim Integrated Products MAX14588ETE+T Datasheet HTML 2Page - Maxim Integrated Products MAX14588ETE+T Datasheet HTML 3Page - Maxim Integrated Products MAX14588ETE+T Datasheet HTML 4Page - Maxim Integrated Products MAX14588ETE+T Datasheet HTML 5Page - Maxim Integrated Products MAX14588ETE+T Datasheet HTML 6Page - Maxim Integrated Products MAX14588ETE+T Datasheet HTML 7Page - Maxim Integrated Products MAX14588ETE+T Datasheet HTML 8Page - Maxim Integrated Products MAX14588ETE+T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
MAX14588
1A Adjustable Overcurrent and Overvoltage
Protector with High Accuracy
General Description
The MAX14588 adjustable overvoltage and overcurrent
protection device is ideal for protecting systems against
positive and negative input voltage faults up to ±40V, and
feature low 190mΩ (typ) RON integrated FETs.
The adjustable overvoltage range is between 6V and 36V,
while the adjustable undervoltage range is between 4.5V
and 24V. The overvoltage lockout (OVLO) and undervoltage
lockout (UVLO) thresholds are set using optional external
resistors. The factory preset internal OVLO threshold is 33V
(typ), and the preset internal UVLO threshold is 19V (typ).
The MAX14588 also features programmable current-limit
protection up to 1A. The device can be set for autoretry,
latch-off, or continuous fault response when an overcur-
rent event occurs. Once current reaches the threshold, the
MAX14588 turns off after 21ms (typ) blanking time, and
stays off during the retry period when set to autoretry mode.
The device latches off after the blanking time when set to
latch-off mode. The device limits the current continuously
when set to continuous mode. The MAX14588 also features
reverse current and thermal shutdown protection.
The MAX14588 is available in a small, 16-pin (3mm x 3mm)
TQFN package. The MAX14588 operates over the -40°C to
+125°C extended temperature range.
Benefits and Features
● Robust Industrial Power Protection
• Wide Input Supply Range: +4.5V to +36V
• Negative Input Tolerance to -36V
• Low RON 190mΩ (typ)
• Reverse Current Flow Control Input
• Thermal Overload Protection
• Extended -40ºC to +125ºC Temperature Range
● Flexible Design Options
• Adjustable OVLO and UVLO Thresholds
• Programmable Forward-Current Limit: 0.15A to 1A
• Programmable Overcurrent Fault Response:
Autoretry, Latch-Off, and Continuous
• Dual Enable Inputs: EN and High Voltage HVEN
● Saves Space
• 16-Pin, 3mm x 3mm, TQFN Package
Applications
● Sensor Systems
● Condition Monitoring
● Factory Sensors
● Process Analytics
● Process Instrumentation
● Weighing and Batching Systems
19-6551; Rev 0; 12/12
Ordering Information appears at end of data sheet.
For related parts and recommended products to use with this part, refer
to
www.maximintegrated.com/MAX14588.related.
Typical Application Circuit
EVALUATION KIT AVAILABLE
IN
IN
UVLO
OVLO
SETI
OUT
OUT
VIO
EN
CLHS
CLTS1
CLTS2
CLTS_MODE
GND
GND
HVEN
R1
R2
R4
R3
SYSTEM
POWER
SUPPLY
OPTIONAL FOR
HIGH INPUT
SURGE
APPLICATIONS
SYSTEM
VPOWER
0.47µF
RIEN
4.7µF
FLAG
HVEN
MAX14588
100kΩ


Similar Part No. - MAX14588ETE+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14588EVKIT MAXIM-MAX14588EVKIT Datasheet
466Kb / 8P
   4.5V to 36V Operating Voltage Range
Rev 0; 5/13
More results

Similar Description - MAX14588ETE+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14571 MAXIM-MAX14571_13 Datasheet
1Mb / 14P
   Adjustable Overvoltage and Overcurrent Protectors with High Accuracy
Rev 1; 12/12
MAX14527 MAXIM-MAX14527 Datasheet
106Kb / 7P
   Adjustable Overvoltage Protector with High Accuracy
Rev 0; 10/08
MAX14571 MAXIM-MAX14571 Datasheet
1Mb / 14P
   Adjustable Overvoltage and Overcurrent Protectors with High Accuracy
Rev 0; 9/12
MAX14527 MAXIM-MAX14527_V01 Datasheet
127Kb / 7P
   Adjustable Overvoltage Protector with High Accuracy
2008
logo
SHANGHAI BELLING CO., L...
BL8598 BELLING-BL8598 Datasheet
552Kb / 6P
   Adjustable Overvoltage Protector with High Accuracy
logo
Maxim Integrated Produc...
MAX17561 MAXIM-MAX17561 Datasheet
723Kb / 16P
   Adjustable Overvoltage and Overcurrent Protectors with High Accuracy
19-100078; Rev 2; 9/17
MAX14571 MAXIM-MAX14571_V01 Datasheet
873Kb / 14P
   Adjustable Overvoltage and Protectors with High Accuracy
2017
logo
Linear Technology
LTC4362-1 LINER-LTC4362-1 Datasheet
295Kb / 12P
   1.2A Overvoltage/ Overcurrent Protector
LTC4362-1 LINER-LTC4362-1_15 Datasheet
296Kb / 14P
   1.2A Overvoltage/ Overcurrent Protector
LTC4362-2 LINER-LTC4362-2_15 Datasheet
296Kb / 14P
   1.2A Overvoltage/ Overcurrent Protector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com