Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRP7724ILB-F Datasheet(PDF) 1 Page - Exar Corporation

Part # XRP7724ILB-F
Description  Quad Channel Digital PWM/PFM Programmable Power Management System
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRP7724ILB-F Datasheet(HTML) 1 Page - Exar Corporation

  XRP7724ILB-F Datasheet HTML 1Page - Exar Corporation XRP7724ILB-F Datasheet HTML 2Page - Exar Corporation XRP7724ILB-F Datasheet HTML 3Page - Exar Corporation XRP7724ILB-F Datasheet HTML 4Page - Exar Corporation XRP7724ILB-F Datasheet HTML 5Page - Exar Corporation XRP7724ILB-F Datasheet HTML 6Page - Exar Corporation XRP7724ILB-F Datasheet HTML 7Page - Exar Corporation XRP7724ILB-F Datasheet HTML 8Page - Exar Corporation XRP7724ILB-F Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
X
XR
RP
P7
77
72
24
4
Q
Qu
ua
ad
d C
Ch
ha
an
nn
ne
ell D
Diig
giitta
all P
PW
WM
M/
/P
PF
FM
M
P
Prro
og
grra
am
mm
ma
ab
blle
e P
Po
ow
we
err M
Ma
an
na
ag
ge
em
me
en
ntt S
Sy
ys
stte
em
m
October 2012
Rev. 1.0.1
Exar Corporation
www.exar.com
48720 Kato Road, Fremont CA 94538, USA
Tel. +1 510 668-7000 – Fax. +1 510 668-7001
GENERAL DESCRIPTION
The XRP7724 is a quad channel Digital Pulse
Width Modulated (DPWM) Step down (buck)
controller. A wide 4.75V to 5.5V and 5.5V to
25V input voltage dual range allows for single
supply operation from standard power rails.
With integrated FET gate drivers, two LDOs for
standby power and a 105kHz to 1.23MHz
independent channel to channel programmable
constant operating frequency, the XRP7724
reduces overall component count and solution
footprint and optimizes conversion efficiencies.
A selectable digital Pulse Frequency Mode
(DPFM) capable of better than 80% efficiency
at light current load and low operating current
allow for portable and Energy Star compliant
applications. Each XRP7724 output channel is
individually programmable as low as 0.6V with
a
resolution
as
fine
as
2.5mV,
and
configurable for precise soft start and soft stop
sequencing, including delay and ramp control.
The XRP7724 operations are fully controlled
via a SMBus-compliant I2C interface allowing
for
advanced
local
and/or
remote
reconfiguration, full performance monitoring
and reporting as well as fault handling.
Built-in independent output over voltage, over
temperature, over-current and under voltage
lockout protections insure safe operation
under abnormal operating conditions.
The XRP7724 is offered in a RoHS compliant,
“green”/halogen free 44-pin TQFN package.
APPLICATIONS
 Servers
 Base Stations
 Switches/Routers
 Broadcast Equipment
 Industrial Control Systems
 Automatic Test Equipment
 Video Surveillance Systems
FEATURES
 Quad Channel Step-down Controller
 Digital PWM 105kHz-1.23MHz Operations
 Individual Channel Frequency Selection
 Patented digital PFM with Ultrasonic mode
 Patented Over Sampling Feedback
 Integrated MOSFET Drivers
 Programmable 5 coefficient PID control
 4.75V to 25V Input Voltage
 4.75V-5.5 and 5.5V-25V Input Ranges
 0.6V to 5.5V Output voltage
 SMBus Compliant - I2C Interface
 Full Power Monitoring and Reporting
 3 x 15V Capable PSIO + 2 x GPIOs
 Full Start/Stop Sequencing Support
 Built-in Thermal, Over-Current, UVLO
and Output Over-Voltage Protections
 On Board 5V and 3.3V Standby LDOs
 On Board Non-volatile Memory
 Supported by PowerArchitect™
TYPICAL APPLICATION DIAGRAM
Fig. 1: XRP7724 Application Diagram


Similar Part No. - XRP7724ILB-F

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRP7720 EXAR-XRP7720 Datasheet
1Mb / 28P
   Quad Output Universal Customizable PMIC with PFM
XRP7720EVB-DEMO-1 EXAR-XRP7720EVB-DEMO-1 Datasheet
1Mb / 28P
   Quad Output Universal Customizable PMIC with PFM
XRP7720EVB-DEMO-1-KIT EXAR-XRP7720EVB-DEMO-1-KIT Datasheet
1Mb / 28P
   Quad Output Universal Customizable PMIC with PFM
XRP7720ILB-DEV-F EXAR-XRP7720ILB-DEV-F Datasheet
1Mb / 28P
   Quad Output Universal Customizable PMIC with PFM
XRP7720ILBTR-XXXX-F EXAR-XRP7720ILBTR-XXXX-F Datasheet
1Mb / 28P
   Quad Output Universal Customizable PMIC with PFM
More results

Similar Description - XRP7724ILB-F

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR77128 EXAR-XR77128 Datasheet
1Mb / 28P
   Quad Output Digital PWM/PFM
XR77129 EXAR-XR77129 Datasheet
1Mb / 28P
   40V Quad Output Digital PWM/PFM
logo
Torex Semiconductor
XC6365-XC6366 TOREX-XC6365-XC6366 Datasheet
99Kb / 2P
   PWM PWM/PFM
logo
Analog Devices
AD5100 AD-AD5100 Datasheet
479Kb / 32P
   System-Management IC with Programmable Quad Voltage Monitoring and Supervisory Functions
Rev. PrJ
AD5100 AD-AD5100_08 Datasheet
694Kb / 36P
   System Management IC with Programmable Quad Voltage Monitoring and Supervisory Functions
REV. 0
logo
Texas Instruments
UCD9220 TI-UCD9220 Datasheet
1Mb / 37P
[Old version datasheet]   Digital PWM System Controller
UCD9248 TI-UCD9248 Datasheet
821Kb / 32P
[Old version datasheet]   Digital PWM System Controller
UCD9240_0811 TI-UCD9240_0811 Datasheet
945Kb / 36P
[Old version datasheet]   Digital PWM System Controller
UCD9240 TI-UCD9240_08 Datasheet
1Mb / 38P
[Old version datasheet]   Digital PWM System Controller
UCD9224 TI-UCD9224 Datasheet
1Mb / 34P
[Old version datasheet]   Digital PWM System Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com