Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRP7724ILB-F Datasheet(PDF) 5 Page - Exar Corporation

Part # XRP7724ILB-F
Description  Quad Channel Digital PWM/PFM Programmable Power Management System
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRP7724ILB-F Datasheet(HTML) 5 Page - Exar Corporation

  XRP7724ILB-F Datasheet HTML 1Page - Exar Corporation XRP7724ILB-F Datasheet HTML 2Page - Exar Corporation XRP7724ILB-F Datasheet HTML 3Page - Exar Corporation XRP7724ILB-F Datasheet HTML 4Page - Exar Corporation XRP7724ILB-F Datasheet HTML 5Page - Exar Corporation XRP7724ILB-F Datasheet HTML 6Page - Exar Corporation XRP7724ILB-F Datasheet HTML 7Page - Exar Corporation XRP7724ILB-F Datasheet HTML 8Page - Exar Corporation XRP7724ILB-F Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
X
XR
RP
P7
77
72
24
4
Q
Qu
ua
ad
d C
Ch
ha
an
nn
ne
ell D
Diig
giitta
all P
PW
WM
M/
/P
PF
FM
M
P
Prro
og
grra
am
mm
ma
ab
blle
e P
Po
ow
we
err M
Ma
an
na
ag
ge
em
me
en
ntt S
Sy
ys
stte
em
m
© 2012 Exar Corporation
5/29
Rev. 1.0.1
PWM GENERATORS AND OSCILLATOR
Parameter
Min.
Typ.
Max.
Units
Conditions
Switching Frequency (fsw)
Range
105
1230
kHz
Steps defined in table
fsw Accuracy
–5
5
%
CLOCK IN
Synchronization Frequency
20
25.7
31
MHz
When synchronizing to an external clock
(Range 1)
CLOCK IN
Synchronization Frequency
10
12.8
15.5
MHz
When synchronizing to an external clock
(Range 2)
GPIOS5
Parameter
Min.
Typ.
Max.
Units
Conditions
Input Pin Low Level
0.8
V
Input Pin High Level
2.0
V
Input Pin Leakage Current
1
µA
Output Pin Low Level
0.4
V
ISINK = 1mA
Output Pin High Level
2.4
V
ISOURCE = 1mA
Output Pin High Level
3.3
3.6
V
ISOURCE = 0mA
Output Pin High-Z leakage
Current (GPIO pins only)
10
µA
Maximum Sink Current
1
mA
Open Drain Mode
I/O Frequency
30
MHz
Note 5: 3.3V CMOS logic compatible, 5V tolerant.
PSIOS6
Parameter
Min.
Typ.
Max.
Units
Conditions
Input Pin Low Level
0.8
V
Input Pin High Level
2.0
V
Input Pin Leakage Current
1
µA
Output Pin Low Level
0.4
V
ISINK = 3mA
Output Pin High Level
15
V
Open Drain. External pull-up resistor to
user supply
Output Pin High-Z leakage
Current (PSIO pins only)
10
µA
I/O Frequency
5
MHz
Note 6: 3.3V/5.0V CMOS logic compatible, maximum rating of 15.0V


Similar Part No. - XRP7724ILB-F

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRP7720 EXAR-XRP7720 Datasheet
1Mb / 28P
   Quad Output Universal Customizable PMIC with PFM
XRP7720EVB-DEMO-1 EXAR-XRP7720EVB-DEMO-1 Datasheet
1Mb / 28P
   Quad Output Universal Customizable PMIC with PFM
XRP7720EVB-DEMO-1-KIT EXAR-XRP7720EVB-DEMO-1-KIT Datasheet
1Mb / 28P
   Quad Output Universal Customizable PMIC with PFM
XRP7720ILB-DEV-F EXAR-XRP7720ILB-DEV-F Datasheet
1Mb / 28P
   Quad Output Universal Customizable PMIC with PFM
XRP7720ILBTR-XXXX-F EXAR-XRP7720ILBTR-XXXX-F Datasheet
1Mb / 28P
   Quad Output Universal Customizable PMIC with PFM
More results

Similar Description - XRP7724ILB-F

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR77128 EXAR-XR77128 Datasheet
1Mb / 28P
   Quad Output Digital PWM/PFM
XR77129 EXAR-XR77129 Datasheet
1Mb / 28P
   40V Quad Output Digital PWM/PFM
logo
Torex Semiconductor
XC6365-XC6366 TOREX-XC6365-XC6366 Datasheet
99Kb / 2P
   PWM PWM/PFM
logo
Analog Devices
AD5100 AD-AD5100 Datasheet
479Kb / 32P
   System-Management IC with Programmable Quad Voltage Monitoring and Supervisory Functions
Rev. PrJ
AD5100 AD-AD5100_08 Datasheet
694Kb / 36P
   System Management IC with Programmable Quad Voltage Monitoring and Supervisory Functions
REV. 0
logo
Texas Instruments
UCD9220 TI-UCD9220 Datasheet
1Mb / 37P
[Old version datasheet]   Digital PWM System Controller
UCD9248 TI-UCD9248 Datasheet
821Kb / 32P
[Old version datasheet]   Digital PWM System Controller
UCD9240_0811 TI-UCD9240_0811 Datasheet
945Kb / 36P
[Old version datasheet]   Digital PWM System Controller
UCD9240 TI-UCD9240_08 Datasheet
1Mb / 38P
[Old version datasheet]   Digital PWM System Controller
UCD9224 TI-UCD9224 Datasheet
1Mb / 34P
[Old version datasheet]   Digital PWM System Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com