Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRP7724ILBTR-F Datasheet(PDF) 3 Page - Exar Corporation

Part # XRP7724ILBTR-F
Description  Quad Channel Digital PWM/PFM Programmable Power Management System
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRP7724ILBTR-F Datasheet(HTML) 3 Page - Exar Corporation

  XRP7724ILBTR-F Datasheet HTML 1Page - Exar Corporation XRP7724ILBTR-F Datasheet HTML 2Page - Exar Corporation XRP7724ILBTR-F Datasheet HTML 3Page - Exar Corporation XRP7724ILBTR-F Datasheet HTML 4Page - Exar Corporation XRP7724ILBTR-F Datasheet HTML 5Page - Exar Corporation XRP7724ILBTR-F Datasheet HTML 6Page - Exar Corporation XRP7724ILBTR-F Datasheet HTML 7Page - Exar Corporation XRP7724ILBTR-F Datasheet HTML 8Page - Exar Corporation XRP7724ILBTR-F Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
X
XR
RP
P7
77
72
24
4
Q
Qu
ua
ad
d C
Ch
ha
an
nn
ne
ell D
Diig
giitta
all P
PW
WM
M/
/P
PF
FM
M
P
Prro
og
grra
am
mm
ma
ab
blle
e P
Po
ow
we
err M
Ma
an
na
ag
ge
em
me
en
ntt S
Sy
ys
stte
em
m
© 2012 Exar Corporation
3/29
Rev. 1.0.1
INPUT VOLTAGE RANGE AND UNDERVOLTAGE LOCKOUT
Parameter
Min.
Typ.
Max.
Units
Conditions
VCC Range
5.5
25
V
4.75
5.5
V
With VCC connected to LDO5
VOLTAGE FEEDBACK ACCURACY AND OUTPUT VOLTAGE SET POINT RESOLUTION
Parameter
Min.
Typ.
Max.
Units
Conditions
VOUT Regulation Accuracy
Low Output Range
0.6V to 1.6V
PWM Operation
-5
5
mV
0.6 ≤ VOUT ≤ 1.6V
-20
20
mV
-7.5
7.5
mV
0.6 ≤ VOUT ≤ 1.6V
VCC=LDO5
-22.5
22.5
mV
VOUT Regulation Accuracy
Mid Output Range
0.6V to 3.2V
PWM Operation
-15
15
mV
0.6 ≤ VOUT ≤ 3.2V
-45
45
mV
-20
20
mV
0.6 ≤ VOUT ≤ 3.2V
VCC=LDO5
-50
50
mV
VOUT Regulation Accuracy
High Output Range
0.6V to 5.5V
PWM Operation
-30
30
mV
0.6 ≤ VOUT ≤ 5.5V
-90
90
mV
-40
40
mV
0.6 ≤ VOUT ≤ 4.2V
VCC=LDO5
-100
100
mV
VOUT Regulation Range
0.6
5.5
V
Without external divider network
VOUT Native Set Point
Resolution
12.5
25
50
mV
Low Range
Mid Range
High Range
VOUT Fine Set Point Resolution1
2.5
5
10
mV
Low Range
Mid Range
High Range
VOUT Input Resistance
120
90
75
kΩ
Low Range
Mid Range
High Range
VOUT Input Resistance in PFM
Operation
10
1
0.67
MΩ
Low Range
Mid Range
High Range
Power Good and OVP Set Point
Range (from set point)
-155
-310
-620
157.5
315
630
mV
Low Range
Mid Range
High Range
Power Good and OVP Set Point
Accuracy
-5
-10
-20
5
10
20
mV
Low Range
Mid Range
High Range
BFB Set Point Range
9
16
V
BFB Set Point Resolution
1
V
BFB Accuracy
-0.5
0.5
V
Note 1: Fine Set Point Resolution not available in PFM


Similar Part No. - XRP7724ILBTR-F

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRP7720 EXAR-XRP7720 Datasheet
1Mb / 28P
   Quad Output Universal Customizable PMIC with PFM
XRP7720EVB-DEMO-1 EXAR-XRP7720EVB-DEMO-1 Datasheet
1Mb / 28P
   Quad Output Universal Customizable PMIC with PFM
XRP7720EVB-DEMO-1-KIT EXAR-XRP7720EVB-DEMO-1-KIT Datasheet
1Mb / 28P
   Quad Output Universal Customizable PMIC with PFM
XRP7720ILB-DEV-F EXAR-XRP7720ILB-DEV-F Datasheet
1Mb / 28P
   Quad Output Universal Customizable PMIC with PFM
XRP7720ILBTR-XXXX-F EXAR-XRP7720ILBTR-XXXX-F Datasheet
1Mb / 28P
   Quad Output Universal Customizable PMIC with PFM
More results

Similar Description - XRP7724ILBTR-F

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR77128 EXAR-XR77128 Datasheet
1Mb / 28P
   Quad Output Digital PWM/PFM
XR77129 EXAR-XR77129 Datasheet
1Mb / 28P
   40V Quad Output Digital PWM/PFM
logo
Torex Semiconductor
XC6365-XC6366 TOREX-XC6365-XC6366 Datasheet
99Kb / 2P
   PWM PWM/PFM
logo
Analog Devices
AD5100 AD-AD5100 Datasheet
479Kb / 32P
   System-Management IC with Programmable Quad Voltage Monitoring and Supervisory Functions
Rev. PrJ
AD5100 AD-AD5100_08 Datasheet
694Kb / 36P
   System Management IC with Programmable Quad Voltage Monitoring and Supervisory Functions
REV. 0
logo
Texas Instruments
UCD9220 TI-UCD9220 Datasheet
1Mb / 37P
[Old version datasheet]   Digital PWM System Controller
UCD9248 TI-UCD9248 Datasheet
821Kb / 32P
[Old version datasheet]   Digital PWM System Controller
UCD9240_0811 TI-UCD9240_0811 Datasheet
945Kb / 36P
[Old version datasheet]   Digital PWM System Controller
UCD9240 TI-UCD9240_08 Datasheet
1Mb / 38P
[Old version datasheet]   Digital PWM System Controller
UCD9224 TI-UCD9224 Datasheet
1Mb / 34P
[Old version datasheet]   Digital PWM System Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com