Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX14654 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX14654
Description  High-Current Overvoltage Protector with Adjustable OVLO
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14654 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX14654 Datasheet HTML 2Page - Maxim Integrated Products MAX14654 Datasheet HTML 3Page - Maxim Integrated Products MAX14654 Datasheet HTML 4Page - Maxim Integrated Products MAX14654 Datasheet HTML 5Page - Maxim Integrated Products MAX14654 Datasheet HTML 6Page - Maxim Integrated Products MAX14654 Datasheet HTML 7Page - Maxim Integrated Products MAX14654 Datasheet HTML 8Page - Maxim Integrated Products MAX14654 Datasheet HTML 9Page - Maxim Integrated Products MAX14654 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
High-Current Overvoltage Protector
with Adjustable OVLO
www.maximintegrated.com
Maxim Integrated │ 6
MAX14653/MAX14654/
MAX14655
NORMALIZED DEBOUNCE TIME
vs. TEMPERATURE
TEMPERATURE (°C)
60
35
10
-15
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0
-40
85
NORMALIZED TO TA = +25°C
POWER-UP RESPONSE (CL = 1000µF)
MAX14653 toc10
4ms/div
VIN
5V/div
VOUT
5V/div
IOUT
100mA/div
80V SURGE TEST WAVEFORM
(WITHOUT MAX14653)
MAX14653 toc12
10µs/div
20V/div
POWER-UP RESPONSE (CL = 100µF)
MAX14653 toc09
VIN
5V/div
VOUT
5V/div
IOUT
100mA/div
4ms/div
OVERVOLTAGE FAULT RESPONSE
MAX14653 toc11
40ms/div
VIN
10V/div
VOUT
10V/div
IOUT
500mA/div
80V SURGE TEST WAVEFORM
(WITH MAX14653)
MAX14653 toc13
10µs/div
VIN
20V/div
Typical Operating Characteristics (continued)
(VIN = +5.0V, CIN = 0.1µF, COUT = 1µF, TA = +25ºC, unless otherwise noted.)


Similar Part No. - MAX14654

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14654EWC+T MAXIM-MAX14654EWC+T Datasheet
913Kb / 11P
   High-Current Overvoltage Protectors with Adjustable OVLO
2014
More results

Similar Description - MAX14654

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14670 MAXIM-MAX14670 Datasheet
1Mb / 13P
   Bidirectional Current-Blocking, High-Input Overvoltage Protector with Adjustable OVLO
Rev 0; 6/13
MAX14670 MAXIM-MAX14670_V01 Datasheet
1Mb / 13P
   Bidirectional Current-Blocking, High-Input Overvoltage Protector with Adjustable OVLO
2016
logo
Anpec Electronics Corop...
APL3227E ANPEC-APL3227E Datasheet
683Kb / 16P
   High-Current Overvoltage Protectors with Adjustable OVLO
logo
Maxim Integrated Produc...
MAX14586 MAXIM-MAX14586 Datasheet
1Mb / 9P
   High-Current Overvoltage Protectors with Adjustable OVLO
Rev 0; 3/11
MAX14653 MAXIM-MAX14653_V01 Datasheet
913Kb / 11P
   High-Current Overvoltage Protectors with Adjustable OVLO
2014
MAX14527 MAXIM-MAX14527 Datasheet
106Kb / 7P
   Adjustable Overvoltage Protector with High Accuracy
Rev 0; 10/08
MAX14527 MAXIM-MAX14527_V01 Datasheet
127Kb / 7P
   Adjustable Overvoltage Protector with High Accuracy
2008
logo
SHANGHAI BELLING CO., L...
BL8598 BELLING-BL8598 Datasheet
552Kb / 6P
   Adjustable Overvoltage Protector with High Accuracy
logo
Maxim Integrated Produc...
MAX14588 MAXIM-MAX14588 Datasheet
2Mb / 15P
   1A Adjustable Overcurrent and Overvoltage Protector with High Accuracy
Rev 0; 12/12
MAX4978 MAXIM-MAX4978 Datasheet
165Kb / 10P
   Overvoltage Protector with Active Current Limit
Rev 0; 5/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com