Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCP060T-70 Datasheet(PDF) 4 Page - BeRex Corporation

Part # BCP060T-70
Description  HIGH EFFICIENCY HETEROJUNCTION POWER FET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BCP060T-70 Datasheet(HTML) 4 Page - BeRex Corporation

  BCP060T-70 Datasheet HTML 1Page - BeRex Corporation BCP060T-70 Datasheet HTML 2Page - BeRex Corporation BCP060T-70 Datasheet HTML 3Page - BeRex Corporation BCP060T-70 Datasheet HTML 4Page - BeRex Corporation BCP060T-70 Datasheet HTML 5Page - BeRex Corporation BCP060T-70 Datasheet HTML 6Page - BeRex Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.berex.com
BeRex, Inc. 1735 North 1
st Street #302 San Jose, CA 95112 tel. (408) 452-5595
September 2012
Specifications are subject to change without notice. ©BeRex 2012
Rev. A
BCP060T-70
S-PARAMETER (Vds = 6V, Ids = 50% Idss)
FREQ.
[GHZ]
S11
[MAG]
S11
[ANG.]
S21
[MAG]
S21
[ANG.]
S12
[MAG]
S12
[ANG.]
S22
[MAG]
S22
[ANG.]
1
0.90
-60.76
11.78
133.20
0.029
54.41
0.48
-36.53
2
0.78
-105.90
9.06
99.27
0.045
33.13
0.41
-59.74
3
0.68
-142.83
7.14
71.51
0.055
17.59
0.35
-76.29
4
0.62
-176.75
5.78
46.88
0.062
4.08
0.30
-91.49
5
0.61
154.54
4.79
24.72
0.067
-7.08
0.27
-108.97
6
0.59
130.07
4.06
4.18
0.073
-17.33
0.27
-126.88
7
0.57
106.73
3.58
-15.67
0.081
-28.01
0.27
-139.27
8
0.58
81.95
3.20
-35.12
0.089
-38.65
0.26
-141.79
9
0.59
60.08
2.94
-54.62
0.099
-50.49
0.21
-147.95
10
0.63
36.00
2.73
-75.51
0.111
-64.55
0.11
-169.68
11
0.68
12.41
2.47
-96.75
0.119
-79.29
0.07
98.82
12
0.72
-8.35
2.21
-117.31
0.125
-94.00
0.13
58.07
13
0.75
-27.14
2.01
-137.10
0.130
-108.47
0.14
43.21
14
0.76
-47.14
1.85
-157.75
0.140
-123.66
0.10
14.57
15
0.80
-68.43
1.68
-179.26
0.144
-141.90
0.15
-49.75
16
0.86
-90.92
1.49
159.58
0.143
-159.60
0.31
-68.95
17
0.90
-112.82
1.31
141.19
0.141
-174.96
0.45
-70.56
18
0.93
-127.84
1.16
124.88
0.138
171.07
0.53
-74.01
19
0.93
-132.78
1.04
109.39
0.128
156.10
0.53
-88.99
20
0.96
-134.05
0.91
90.24
0.121
141.47
0.51
-126.25
21
0.96
-137.60
0.72
69.33
0.104
122.78
0.60
-169.56
22
0.94
-158.04
0.55
50.76
0.086
107.35
0.75
-179.70
23
0.92
164.01
0.46
35.25
0.080
93.18
0.83
-162.41
24
0.94
127.13
0.41
21.26
0.076
80.62
0.83
-143.57
25
0.99
105.00
0.42
4.82
0.084
65.84
0.76
-146.28
26
1.03
102.73
0.44
-19.39
0.092
45.71
0.66
170.63
Package Outline Dimension


Similar Part No. - BCP060T-70

ManufacturerPart #DatasheetDescription
logo
BeRex Corporation
BCP060T-70 BEREX-BCP060T-70 Datasheet
715Kb / 8P
   HIGH EFFICIENCY HETEROJUNCTION POWER FET
BCP060T-70 BEREX-BCP060T-70_15 Datasheet
715Kb / 8P
   HIGH EFFICIENCY HETEROJUNCTION POWER FET
More results

Similar Description - BCP060T-70

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EPA040A-70 ETC1-EPA040A-70 Datasheet
23Kb / 2P
   High Efficiency Heterojunction Power FET
logo
Excelics Semiconductor,...
EPA030C-70 EXCELICS-EPA030C-70 Datasheet
86Kb / 1P
   High Efficiency Heterojunction Power FET
EPA030C EXCELICS-EPA030C Datasheet
99Kb / 2P
   High Efficiency Heterojunction Power FET
EPA240B-100P EXCELICS-EPA240B-100P Datasheet
44Kb / 1P
   High Efficiency Heterojunction Power FET
EPA240D-CP083 EXCELICS-EPA240D-CP083 Datasheet
40Kb / 1P
   High Efficiency Heterojunction Power FET
EPA025A EXCELICS-EPA025A Datasheet
48Kb / 3P
   High Efficiency Heterojunction Power FET
EPA080A-70 EXCELICS-EPA080A-70 Datasheet
23Kb / 2P
   High Efficiency Heterojunction Power FET
EPA120E EXCELICS-EPA120E Datasheet
58Kb / 2P
   High Efficiency Heterojunction Power FET
EPA480C EXCELICS-EPA480C Datasheet
28Kb / 2P
   High Efficiency Heterojunction Power FET
logo
List of Unclassifed Man...
EPA018BV ETC-EPA018BV Datasheet
47Kb / 2P
   High Efficiency Heterojunction Power FET
EPA018A-70 ETC-EPA018A-70 Datasheet
24Kb / 2P
   High Efficiency Heterojunction Power FET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com