Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPLL Datasheet(PDF) 11 Page - Exar Corporation

Part # CPLL
Description  Quad Channel Digital PWM/PFM Programmable Power Management System
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

CPLL Datasheet(HTML) 11 Page - Exar Corporation

Back Button CPLL Datasheet HTML 7Page - Exar Corporation CPLL Datasheet HTML 8Page - Exar Corporation CPLL Datasheet HTML 9Page - Exar Corporation CPLL Datasheet HTML 10Page - Exar Corporation CPLL Datasheet HTML 11Page - Exar Corporation CPLL Datasheet HTML 12Page - Exar Corporation CPLL Datasheet HTML 13Page - Exar Corporation CPLL Datasheet HTML 14Page - Exar Corporation CPLL Datasheet HTML 15Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
X
XR
RP
P7
77
72
24
4
Q
Qu
ua
ad
d C
Ch
ha
an
nn
ne
ell D
Diig
giitta
all P
PW
WM
M/
/P
PF
FM
M
P
Prro
og
grra
am
mm
ma
ab
blle
e P
Po
ow
we
err M
Ma
an
na
ag
ge
em
me
en
ntt S
Sy
ys
stte
em
m
© 2012 Exar Corporation
11/29
Rev. 1.0.1
Fig. 11: Simultaneous Start-up
Fig. 12 Simultaneous Shut Down
Fig. 13: PFM Zero Current Accuracy
Fig. 14: LDO5 Brown Out Recovery, No Load
Fig. 15: Enable Threshold Over Temp
0.60
0.65
0.70
0.75
0.80
0.85
0.90
0.95
1.00
-40°C
25°C
85°C
125°C
Vin=25V
Rising
Vin=25V
Falling
Vin=4.75
V Rising
Vin=4.75
V Falling
Example


Similar Part No. - CPLL

ManufacturerPart #DatasheetDescription
logo
Crystek Corporation
CPLL-018 CRYSTEKCRYSTAL-CPLL-018 Datasheet
116Kb / 1P
   Programmable Clock Oscillator PLL Based Design 5X7 mm SMD, 3.3V, CMOS
CPLL-018-200.00 CRYSTEKCRYSTAL-CPLL-018-200.00 Datasheet
116Kb / 1P
   Programmable Clock Oscillator PLL Based Design 5X7 mm SMD, 3.3V, CMOS
CPLL-018-25-200.00 CRYSTEKCRYSTAL-CPLL-018-25-200.00 Datasheet
116Kb / 1P
   Programmable Clock Oscillator PLL Based Design 5X7 mm SMD, 3.3V, CMOS
CPLL-018-50-200.00 CRYSTEKCRYSTAL-CPLL-018-50-200.00 Datasheet
116Kb / 1P
   Programmable Clock Oscillator PLL Based Design 5X7 mm SMD, 3.3V, CMOS
CPLL-018M-200.00 CRYSTEKCRYSTAL-CPLL-018M-200.00 Datasheet
116Kb / 1P
   Programmable Clock Oscillator PLL Based Design 5X7 mm SMD, 3.3V, CMOS
More results

Similar Description - CPLL

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR77128 EXAR-XR77128 Datasheet
1Mb / 28P
   Quad Output Digital PWM/PFM
XR77129 EXAR-XR77129 Datasheet
1Mb / 28P
   40V Quad Output Digital PWM/PFM
logo
Torex Semiconductor
XC6365-XC6366 TOREX-XC6365-XC6366 Datasheet
99Kb / 2P
   PWM PWM/PFM
logo
Analog Devices
AD5100 AD-AD5100 Datasheet
479Kb / 32P
   System-Management IC with Programmable Quad Voltage Monitoring and Supervisory Functions
Rev. PrJ
AD5100 AD-AD5100_08 Datasheet
694Kb / 36P
   System Management IC with Programmable Quad Voltage Monitoring and Supervisory Functions
REV. 0
logo
Texas Instruments
UCD9220 TI-UCD9220 Datasheet
1Mb / 37P
[Old version datasheet]   Digital PWM System Controller
UCD9248 TI-UCD9248 Datasheet
821Kb / 32P
[Old version datasheet]   Digital PWM System Controller
UCD9240_0811 TI-UCD9240_0811 Datasheet
945Kb / 36P
[Old version datasheet]   Digital PWM System Controller
UCD9240 TI-UCD9240_08 Datasheet
1Mb / 38P
[Old version datasheet]   Digital PWM System Controller
UCD9224 TI-UCD9224 Datasheet
1Mb / 34P
[Old version datasheet]   Digital PWM System Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com