Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPLL Datasheet(PDF) 2 Page - Exar Corporation

Part # CPLL
Description  Quad Channel Digital PWM/PFM Programmable Power Management System
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

CPLL Datasheet(HTML) 2 Page - Exar Corporation

  CPLL Datasheet HTML 1Page - Exar Corporation CPLL Datasheet HTML 2Page - Exar Corporation CPLL Datasheet HTML 3Page - Exar Corporation CPLL Datasheet HTML 4Page - Exar Corporation CPLL Datasheet HTML 5Page - Exar Corporation CPLL Datasheet HTML 6Page - Exar Corporation CPLL Datasheet HTML 7Page - Exar Corporation CPLL Datasheet HTML 8Page - Exar Corporation CPLL Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
X
XR
RP
P7
77
72
24
4
Q
Qu
ua
ad
d C
Ch
ha
an
nn
ne
ell D
Diig
giitta
all P
PW
WM
M/
/P
PF
FM
M
P
Prro
og
grra
am
mm
ma
ab
blle
e P
Po
ow
we
err M
Ma
an
na
ag
ge
em
me
en
ntt S
Sy
ys
stte
em
m
© 2012 Exar Corporation
2/29
Rev. 1.0.1
ABSOLUTE MAXIMUM RATINGS
These are stress ratings only and functional operation of
the device at these ratings or any other above those
indicated in the operation sections of the specifications
below is not implied. Exposure to absolute maximum
rating conditions for extended periods of time may affect
reliability.
VCCD, LDO5, LDO3_3, GLx, VOUTx ............. -0.3V to 7.0V
ENABLE, 5V_EXT ....................................... -0.3V to 7.0V
GPIO0/1, SCL, SDA................................................ 6.0V
PSIOs Inputs, BFB .................................................. 18V
DVDD, AVDD ........................................................ 2.0V
VCC ...................................................................... 28V
LX# .............................................................-1V to 28V
BSTx, GHx.................................................... VLXx + 6V
Storage Temperature .............................. -65°C to 150°C
Power Dissipation ................................ Internally Limited
Lead Temperature (Soldering, 10 sec).................... 300°C
ESD Rating (HBM - Human Body Model) .................... 2kV
OPERATING RATINGS
Input Voltage Range VCC ...............................5.5V to 25V
Input Voltage Range VCC = LDO5 ................4.75V to 5.5V
VOUT1, 2, 3, 4 ...................................................... 5.5V
Junction Temperature Range ....................-40°C to 125°C
JEDEC Thermal Resistance θJA ..........................30.2°C/W
ELECTRICAL SPECIFICATIONS
Specifications with standard type are for an Operating Junction Temperature of TJ = 25°C only; limits applying over the full
Operating Junction Temperature range are denoted by a “•”. Minimum and Maximum limits are guaranteed through test,
design, or statistical correlation. Typical values represent the most likely parametric norm at TJ = 25°C, and are provided for
reference purposes only. Unless otherwise indicated, VCC = 5.5V to 25V, 5V EXT open. Note that in cases where there is a
discrepancy in values shown in this section and other sections of the datasheet, the values in the Electrical Specification
section shall be deemed correct and supersede the other values.
QUIESCENT CURRENT
Parameter
Min.
Typ.
Max.
Units
Conditions
VCC Supply Current in SHUTDOWN
10
20
µA
EN = 0V, VCC = 12V
ENABLE Turn On Threshold
0.82
0.95
V
VCC = 12V Enable Rising
ENABLE Pin Leakage Current
10
uA
EN=5V
-10
EN=0V
VCC Supply Current in STANDBY
440
600
µA
LDO3_3 disabled, all channels disabled
GPIOs programmed as inputs
VCC=12V,EN = 5V
VCC Supply Current 2ch PFM
3.1
mA
2 channels on set at 5V, VOUT forced to
5.1V, no load, non-switching, Ultra-sonic
off, VCC=12 V, No I2C activity.
VCC Supply Current 4ch PFM
4.0
mA
4 channels on set at 5V, VOUT forced to
5.1V, no load, non-switching, Ultra-sonic
off, VCC=12V, No I2C activity.
VCC Supply Current ON
18
mA
All channels enabled, Fsw=600kHz, gate
drivers unloaded, No I2C activity.


Similar Part No. - CPLL

ManufacturerPart #DatasheetDescription
logo
Crystek Corporation
CPLL-018 CRYSTEKCRYSTAL-CPLL-018 Datasheet
116Kb / 1P
   Programmable Clock Oscillator PLL Based Design 5X7 mm SMD, 3.3V, CMOS
CPLL-018-200.00 CRYSTEKCRYSTAL-CPLL-018-200.00 Datasheet
116Kb / 1P
   Programmable Clock Oscillator PLL Based Design 5X7 mm SMD, 3.3V, CMOS
CPLL-018-25-200.00 CRYSTEKCRYSTAL-CPLL-018-25-200.00 Datasheet
116Kb / 1P
   Programmable Clock Oscillator PLL Based Design 5X7 mm SMD, 3.3V, CMOS
CPLL-018-50-200.00 CRYSTEKCRYSTAL-CPLL-018-50-200.00 Datasheet
116Kb / 1P
   Programmable Clock Oscillator PLL Based Design 5X7 mm SMD, 3.3V, CMOS
CPLL-018M-200.00 CRYSTEKCRYSTAL-CPLL-018M-200.00 Datasheet
116Kb / 1P
   Programmable Clock Oscillator PLL Based Design 5X7 mm SMD, 3.3V, CMOS
More results

Similar Description - CPLL

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR77128 EXAR-XR77128 Datasheet
1Mb / 28P
   Quad Output Digital PWM/PFM
XR77129 EXAR-XR77129 Datasheet
1Mb / 28P
   40V Quad Output Digital PWM/PFM
logo
Torex Semiconductor
XC6365-XC6366 TOREX-XC6365-XC6366 Datasheet
99Kb / 2P
   PWM PWM/PFM
logo
Analog Devices
AD5100 AD-AD5100 Datasheet
479Kb / 32P
   System-Management IC with Programmable Quad Voltage Monitoring and Supervisory Functions
Rev. PrJ
AD5100 AD-AD5100_08 Datasheet
694Kb / 36P
   System Management IC with Programmable Quad Voltage Monitoring and Supervisory Functions
REV. 0
logo
Texas Instruments
UCD9220 TI-UCD9220 Datasheet
1Mb / 37P
[Old version datasheet]   Digital PWM System Controller
UCD9248 TI-UCD9248 Datasheet
821Kb / 32P
[Old version datasheet]   Digital PWM System Controller
UCD9240_0811 TI-UCD9240_0811 Datasheet
945Kb / 36P
[Old version datasheet]   Digital PWM System Controller
UCD9240 TI-UCD9240_08 Datasheet
1Mb / 38P
[Old version datasheet]   Digital PWM System Controller
UCD9224 TI-UCD9224 Datasheet
1Mb / 34P
[Old version datasheet]   Digital PWM System Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com