Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPLL Datasheet(PDF) 6 Page - Exar Corporation

Part # CPLL
Description  Quad Channel Digital PWM/PFM Programmable Power Management System
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

CPLL Datasheet(HTML) 6 Page - Exar Corporation

Back Button CPLL Datasheet HTML 2Page - Exar Corporation CPLL Datasheet HTML 3Page - Exar Corporation CPLL Datasheet HTML 4Page - Exar Corporation CPLL Datasheet HTML 5Page - Exar Corporation CPLL Datasheet HTML 6Page - Exar Corporation CPLL Datasheet HTML 7Page - Exar Corporation CPLL Datasheet HTML 8Page - Exar Corporation CPLL Datasheet HTML 9Page - Exar Corporation CPLL Datasheet HTML 10Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
X
XR
RP
P7
77
72
24
4
Q
Qu
ua
ad
d C
Ch
ha
an
nn
ne
ell D
Diig
giitta
all P
PW
WM
M/
/P
PF
FM
M
P
Prro
og
grra
am
mm
ma
ab
blle
e P
Po
ow
we
err M
Ma
an
na
ag
ge
em
me
en
ntt S
Sy
ys
stte
em
m
© 2012 Exar Corporation
6/29
Rev. 1.0.1
SMBUS (I2C) INTERFACE
Parameter
Min.
Typ.
Max.
Units
Conditions
Input Pin Low Level, VIL
0.3 VIO
V
VIO = 3.3 V ±10%
Input Pin High Level, VIH
0.7 VIO
V
VIO = 3.3 V±10%
Hysteresis of Schmitt Trigger
inputs, Vhys
0.05 VIO
V
VIO = 3.3 V±10%
Output Pin Low Level (open
drain or collector), VOL
0.4
V
ISINK = 3mA
Input leakage current
-10
10
µA
Input is between 0.1 VIO and 0.9 VIO
Output fall time from VIHmin to
VILmax
20 + 0.1
Cb
250
ns
With a bus capacitance (Cb)from 10 pF to
400 pF
Internal Pin Capacitance
1
pF
GATE DRIVERS
Parameter
Min.
Typ.
Max.
Units
Conditions
GH, GL Rise Time
17
ns
At 10-90% of full scale, 1nF Cload
GH, GL Fall Time
11
ns
GH, GL Pull-Up On-State Output
Resistance
4
5
GH, GL Pull-Down On-State
Output Resistance
2
2.5
GH, GL Pull-Down Resistance in
Off-Mode
50
kΩ
VCC = VCCD = 0V.
Bootstrap diode forward
resistance
9
@ 10mA
Minimum On Time
50
ns
1nF of gate capacitance.
Minimum Off Time
125
ns
1nF of gate capacitance
Minimum Programmable Dead
Time
20
ns
Does not include dead time variation from
driver output stage
Tsw=switching period
Maximum Programmable Dead
Time
Tsw
Programmable Dead Time
Adjustment Step
607
ps


Similar Part No. - CPLL

ManufacturerPart #DatasheetDescription
logo
Crystek Corporation
CPLL-018 CRYSTEKCRYSTAL-CPLL-018 Datasheet
116Kb / 1P
   Programmable Clock Oscillator PLL Based Design 5X7 mm SMD, 3.3V, CMOS
CPLL-018-200.00 CRYSTEKCRYSTAL-CPLL-018-200.00 Datasheet
116Kb / 1P
   Programmable Clock Oscillator PLL Based Design 5X7 mm SMD, 3.3V, CMOS
CPLL-018-25-200.00 CRYSTEKCRYSTAL-CPLL-018-25-200.00 Datasheet
116Kb / 1P
   Programmable Clock Oscillator PLL Based Design 5X7 mm SMD, 3.3V, CMOS
CPLL-018-50-200.00 CRYSTEKCRYSTAL-CPLL-018-50-200.00 Datasheet
116Kb / 1P
   Programmable Clock Oscillator PLL Based Design 5X7 mm SMD, 3.3V, CMOS
CPLL-018M-200.00 CRYSTEKCRYSTAL-CPLL-018M-200.00 Datasheet
116Kb / 1P
   Programmable Clock Oscillator PLL Based Design 5X7 mm SMD, 3.3V, CMOS
More results

Similar Description - CPLL

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR77128 EXAR-XR77128 Datasheet
1Mb / 28P
   Quad Output Digital PWM/PFM
XR77129 EXAR-XR77129 Datasheet
1Mb / 28P
   40V Quad Output Digital PWM/PFM
logo
Torex Semiconductor
XC6365-XC6366 TOREX-XC6365-XC6366 Datasheet
99Kb / 2P
   PWM PWM/PFM
logo
Analog Devices
AD5100 AD-AD5100 Datasheet
479Kb / 32P
   System-Management IC with Programmable Quad Voltage Monitoring and Supervisory Functions
Rev. PrJ
AD5100 AD-AD5100_08 Datasheet
694Kb / 36P
   System Management IC with Programmable Quad Voltage Monitoring and Supervisory Functions
REV. 0
logo
Texas Instruments
UCD9220 TI-UCD9220 Datasheet
1Mb / 37P
[Old version datasheet]   Digital PWM System Controller
UCD9248 TI-UCD9248 Datasheet
821Kb / 32P
[Old version datasheet]   Digital PWM System Controller
UCD9240_0811 TI-UCD9240_0811 Datasheet
945Kb / 36P
[Old version datasheet]   Digital PWM System Controller
UCD9240 TI-UCD9240_08 Datasheet
1Mb / 38P
[Old version datasheet]   Digital PWM System Controller
UCD9224 TI-UCD9224 Datasheet
1Mb / 34P
[Old version datasheet]   Digital PWM System Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com