Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX15090EWI+ Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX15090EWI+
Description  2.7V to 18V, 12A, Hot-Swap Solution with Current Report Output
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15090EWI+ Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX15090EWI+ Datasheet HTML 1Page - Maxim Integrated Products MAX15090EWI+ Datasheet HTML 2Page - Maxim Integrated Products MAX15090EWI+ Datasheet HTML 3Page - Maxim Integrated Products MAX15090EWI+ Datasheet HTML 4Page - Maxim Integrated Products MAX15090EWI+ Datasheet HTML 5Page - Maxim Integrated Products MAX15090EWI+ Datasheet HTML 6Page - Maxim Integrated Products MAX15090EWI+ Datasheet HTML 7Page - Maxim Integrated Products MAX15090EWI+ Datasheet HTML 8Page - Maxim Integrated Products MAX15090EWI+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
5
Maxim Integrated
MAX15090/MAX15090A
2.7V to 18V, 12A, Hot-Swap Solution
with Current Report Output
Typical Operating Characteristics
(VIN = VCC = 2.7V to 18V, TJ = -40°C to +85°C, unless otherwise noted. Typical values are at VIN = 12V, RCB = 33.2kω, and
TJ = +25°C.) (Note 3)
MAX15090/MAX15090A
IN SUPPLY CURRENT vs. TEMPERATURE
TEMPERATURE (°C)
60
35
10
-15
5.05
5.10
5.15
5.20
5.00
-40
85
VIN = 12V
ON-RESISTANCE vs. TEMPERATURE
TEMPERATURE (°C)
60
35
10
-15
5
6
7
4
-40
85
VIN = 12V
ILOAD = 1A
CIRCUIT-BREAKER THRESHOLD
vs. CIRCUIT-BREAKER RESISTANCE
RCB (I)
35
30
25
20
15
2
4
6
8
12
10
0
10
40
VIN = 12V
TURN-ON WAVEFORM
MAX15090 toc05
ILOAD = 6A
10ms/div
VUV
2V/div
VOUT
10V/div
VPG
10V/div
ILOAD
10A/div
0V
0V
0V
0A
CIRCUIT-BREAKER THRESHOLD
vs. TEMPERATURE
TEMPERATURE (°C)
60
35
10
-15
2
4
6
8
10
12
14
0
-40
85
VIN = 12V
RCB = 40kI
RCB = 30kI
RCB = 20kI
RCB = 10kI
NORMAL TURN-OFF WAVEFORM
MAX15090 toc06
ILOAD = 6A
10ms/div
VUV
2V/div
VOUT
10V/div
VPG
10V/div
ILOAD
10A/div
0V
0V
0V
0A


Similar Part No. - MAX15090EWI+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15090 MAXIM-MAX15090 Datasheet
1Mb / 15P
   2.7V to 18V, 12A, Hot-Swap Solution with Current Report Output
Rev 0; 9/12
MAX15090 MAXIM-MAX15090 Datasheet
1Mb / 8P
   2.7V to 18V Operating Voltage Range
Rev 0; 11/12
MAX15090A MAXIM-MAX15090A Datasheet
1Mb / 15P
   2.7V to 18V, 12A, Hot-Swap Solution with Current Report Output
Rev 0; 9/12
MAX15090A MAXIM-MAX15090A Datasheet
1Mb / 8P
   2.7V to 18V Operating Voltage Range
Rev 0; 11/12
MAX15090AEVKIT MAXIM-MAX15090AEVKIT Datasheet
1Mb / 8P
   2.7V to 18V Operating Voltage Range
Rev 0; 11/12
More results

Similar Description - MAX15090EWI+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15090 MAXIM-MAX15090 Datasheet
1Mb / 15P
   2.7V to 18V, 12A, Hot-Swap Solution with Current Report Output
Rev 0; 9/12
MAX15091 MAXIM-MAX15091_V01 Datasheet
818Kb / 17P
   2.7V to 18V, 9A, Integrated Hot-Swap Solution with Current Report Output
2015
MAX5976A MAXIM-MAX5976A Datasheet
1Mb / 9P
   2.7V to 18V, 7A, Hot-Swap Solution Power-Good and Fault Outputs
Rev 1; 4/11
MAX15091 MAXIM-MAX15091 Datasheet
867Kb / 15P
   Solution with Current Report Output
Rev 1; 9/13
MAX15095 MAXIM-MAX15095 Datasheet
751Kb / 14P
   2.7V to 18V, 6.6A Integrated Hot-Swap/ Electronic Circuit Breaker
2019
logo
Analog Devices
LT4239 AD-LT4239 Datasheet
1Mb / 24P
   High Current Hot Swap Controller with Current Monitor Output
Rev. 0
ADM1171 AD-ADM1171 Datasheet
255Kb / 16P
   2.7 V to 16.5 V Hot Swap Controller with Current Sense Output
REV. 0
ADM1171 AD-ADM1171_15 Datasheet
243Kb / 16P
   2.7 V to 16.5 V Hot Swap Controller with Current Sense Output
REV. A
logo
Maxim Integrated Produc...
MAX5977A MAXIM-MAX5977A Datasheet
1Mb / 13P
   1V to 16V, Single-Channel, Hot-Swap Controllers with Precision Current-Sensing Output
Rev 1; 1/11
logo
Linear Technology
LTC4211 LINER-LTC4211 Datasheet
369Kb / 36P
   Hot Swap Controller with Multifunction Current Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com