Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX15090AEWI+ Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX15090AEWI+
Description  2.7V to 18V, 12A, Hot-Swap Solution with Current Report Output
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15090AEWI+ Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX15090AEWI+ Datasheet HTML 1Page - Maxim Integrated Products MAX15090AEWI+ Datasheet HTML 2Page - Maxim Integrated Products MAX15090AEWI+ Datasheet HTML 3Page - Maxim Integrated Products MAX15090AEWI+ Datasheet HTML 4Page - Maxim Integrated Products MAX15090AEWI+ Datasheet HTML 5Page - Maxim Integrated Products MAX15090AEWI+ Datasheet HTML 6Page - Maxim Integrated Products MAX15090AEWI+ Datasheet HTML 7Page - Maxim Integrated Products MAX15090AEWI+ Datasheet HTML 8Page - Maxim Integrated Products MAX15090AEWI+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
4
Maxim Integrated
MAX15090/MAX15090A
2.7V to 18V, 12A, Hot-Swap Solution
with Current Report Output
ELECTRICAL ChARACTERISTICS (continued)
(VIN = VCC = 2.7V to 18V, TA = TJ = -40°C to +85°C, unless otherwise noted. Typical values are at VIN = 12V, RCB = 33.3kω, and
TA = +25°C.) (Note 2)
Note 2: All devices are 100% production tested at TA = +25°C. Limits over temperature are guaranteed by design.
Note 3: 40.2kω is the maximum allowed external resistance value to be connected at CB pin to GND for safe operation. All devic-
es are tested with10kω, the parameter specified at RCB = 40.2kω is guaranteed by bench characterization and correla-
tion, with respect to the tested parameter at RCB = 10kω. The formula that describes the relationship between RCB and
the circuit-breaker current threshold is: ICB = RCB/3333.3.
Note 4: The current-limit slow-comparator response time is weighed against the amount of overcurrent so the higher the
overcurrent condition, the faster the response time.
Note 5: Foldback is active during the startup phase so the internal power MOSFET operates within SOA.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAx
UNITS
OUTPUTS
FAULT, PG Output Low Voltage
VOL
Low-impedance state,
IFAULT = +5mA, IPG = +5mA
0.4
V
FAULT, PG Output High
Leakage Current
IOH
High-impedance state,
VFAULT = 16V, VPG = 16V
1
F
A
CURRENT REPORT
ISENSE Full-Scale Current
IISENSE
2.64
mA
ISENSE Gain Ratio
ISENSE/IOUT
220
F
A/A
ISENSE Voltage Range
VISENSE
VIN = 12V
0
2.5
V
ISENSE Offset Error
IISENSE_OFF
TA = +25°C
-30
+30
F
A
TA = -40°C to +85°C
-50
+50
ISENSE Gain Error
IISENSE_ERROR
TA = +25°C
-2.5
-2.5
%
TA = -40°C to +85°C
-4
+4
PG ThREShOLD
PG Threshold
VPG
Measured at VOUT
0.9 x
VIN
V
PG Assertion Delay
tPG
From VOUT > VPG and
(VGATE - VIN) > 3V
12
16
20
ms
OUT to IN Short-Circuit
Detection Threshold
VIOSHT
Measured at VOUT
0.9 x
VIN
OUT Precharge Threshold
VPC
Measured at VOUT
0.5 x
VIN
V
ThERMAL ShUTDOWN
Thermal Shutdown
TSD
TJ rising
+150
°C
Thermal-Shutdown Hysteresis
TJ falling
20
°C


Similar Part No. - MAX15090AEWI+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15090AEVKIT MAXIM-MAX15090AEVKIT Datasheet
1Mb / 8P
   2.7V to 18V Operating Voltage Range
Rev 0; 11/12
More results

Similar Description - MAX15090AEWI+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15090 MAXIM-MAX15090 Datasheet
1Mb / 15P
   2.7V to 18V, 12A, Hot-Swap Solution with Current Report Output
Rev 0; 9/12
MAX15091 MAXIM-MAX15091_V01 Datasheet
818Kb / 17P
   2.7V to 18V, 9A, Integrated Hot-Swap Solution with Current Report Output
2015
MAX5976A MAXIM-MAX5976A Datasheet
1Mb / 9P
   2.7V to 18V, 7A, Hot-Swap Solution Power-Good and Fault Outputs
Rev 1; 4/11
MAX15091 MAXIM-MAX15091 Datasheet
867Kb / 15P
   Solution with Current Report Output
Rev 1; 9/13
MAX15095 MAXIM-MAX15095 Datasheet
751Kb / 14P
   2.7V to 18V, 6.6A Integrated Hot-Swap/ Electronic Circuit Breaker
2019
logo
Analog Devices
LT4239 AD-LT4239 Datasheet
1Mb / 24P
   High Current Hot Swap Controller with Current Monitor Output
Rev. 0
ADM1171 AD-ADM1171 Datasheet
255Kb / 16P
   2.7 V to 16.5 V Hot Swap Controller with Current Sense Output
REV. 0
ADM1171 AD-ADM1171_15 Datasheet
243Kb / 16P
   2.7 V to 16.5 V Hot Swap Controller with Current Sense Output
REV. A
logo
Maxim Integrated Produc...
MAX5977A MAXIM-MAX5977A Datasheet
1Mb / 13P
   1V to 16V, Single-Channel, Hot-Swap Controllers with Precision Current-Sensing Output
Rev 1; 1/11
logo
Linear Technology
LTC4211 LINER-LTC4211 Datasheet
369Kb / 36P
   Hot Swap Controller with Multifunction Current Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com