Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX16824 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX16824
Description  High-Voltage, Three-Channel Linear High-Brightness LED Drivers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16824 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX16824 Datasheet HTML 1Page - Maxim Integrated Products MAX16824 Datasheet HTML 2Page - Maxim Integrated Products MAX16824 Datasheet HTML 3Page - Maxim Integrated Products MAX16824 Datasheet HTML 4Page - Maxim Integrated Products MAX16824 Datasheet HTML 5Page - Maxim Integrated Products MAX16824 Datasheet HTML 6Page - Maxim Integrated Products MAX16824 Datasheet HTML 7Page - Maxim Integrated Products MAX16824 Datasheet HTML 8Page - Maxim Integrated Products MAX16824 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
MAX16824/MAX16825
High-Voltage, Three-Channel Linear
High-Brightness LED Drivers
4
Maxim Integrated
ELECTRICAL CHARACTERISTICS (continued)
(VIN = 12V, CREG = 1µF to GND, IREG = 0, RCS_ = 2Ω from CS_ to GND, TJ = TA = -40°C to +125°C, unless otherwise noted. Typical
values are at TJ = TA = +25°C.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
CLK Rising to OUT_ Rising Delay
tCRR
50% of CLK rising to 50% of OUT_ rising,
Figure 4
150
ns
CLK Rising to OUT_ Falling Delay
tCRF
50% of CLK rising to 50% of OUT_ falling,
Figure 4
475
ns
OE Rising to OUT_ Rising Delay
tOEH
50% of OE rising to 50% of OUT_ rising,
Figure 3
150
ns
OE Falling to OUT_ Falling Delay
tOEL
50% of OE falling to 50% of OUT_ falling,
Figure 3
475
ns
Note 2: All devices are 100% production tested at TJ = +25°C and TJ = +125°C. Limits to -40°C are guaranteed by design.
Note 3: This specification does not include sense resistor tolerance and ground error.
Note 4: Dropout is measured as follows: RCS_ = 1.21Ω from CS_ to GND. Force 100mA into OUT_ and measure the dropout voltage
from OUT_ to CS_. DVDO = (
∆OUT_ - VCS_).
Note 5: OUT’s current regulation varies with load across REG (see the
Typical Operating Characteristics).
Note 6: Overtemperature protection does not function if the output of the 5V reference (REG) is shorted to ground.
Note 7: Guaranteed by design, not production tested.
0
0.2
0.1
0.5
0.4
0.3
0.6
0.7
0.9
0.8
1.0
-40
-10 5
-25
20 35 50 65 80 95 110 125
DROPOUT VOLTAGE vs. TEMPERATURE
TEMPERATURE (
°C)
ILOAD = 100mA
0.182
0.192
0.187
0.197
0.202
0.207
060
45
15 30
75 90 105 120 135 150
CS_ VOLTAGE vs. OUTPUT CURRENT
OUTPUT CURRENT (mA)
OUTPUT CURRENT vs. INPUT VOLTAGE
VIN (V)
26
24
20 22
6 8 10 12 14 16 18
2 4
10
30
50
70
90
110
130
150
170
190
-10
028
ILOAD = 150mA
ILOAD = 100mA
Typical Operating Characteristics
(VIN = 12V, CREG = 1µF to GND, IREG = 0, RCS_ = 2Ω from CS_ to GND, TA = +25°C, unless otherwise noted. Typical values are at
TA = +25°C.)


Similar Part No. - MAX16824

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16824 MAXIM-MAX16824 Datasheet
210Kb / 14P
   High-Voltage, Three-Channel Linear High-Brightness LED Drivers
Rev 0; 11/07
MAX16824 MAXIM-MAX16824 Datasheet
211Kb / 15P
   High-Voltage, Three-Channel Linear High-Brightness LED Drivers
Rev 1; 1/08
MAX16824 MAXIM-MAX16824 Datasheet
307Kb / 13P
   High-Voltage, Three-Channel Linear High-Brightness LED Drivers
Rev 2; 4/09
MAX16824AUE++ MAXIM-MAX16824AUE+ Datasheet
211Kb / 15P
   High-Voltage, Three-Channel Linear High-Brightness LED Drivers
Rev 1; 1/08
MAX16824AUE++ MAXIM-MAX16824AUE+ Datasheet
307Kb / 13P
   High-Voltage, Three-Channel Linear High-Brightness LED Drivers
Rev 2; 4/09
More results

Similar Description - MAX16824

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16824 MAXIM-MAX16824_09 Datasheet
307Kb / 13P
   High-Voltage, Three-Channel Linear High-Brightness LED Drivers
Rev 2; 4/09
MAX16824 MAXIM-MAX16824 Datasheet
210Kb / 14P
   High-Voltage, Three-Channel Linear High-Brightness LED Drivers
Rev 0; 11/07
MAX16824 MAXIM-MAX16824_08 Datasheet
211Kb / 15P
   High-Voltage, Three-Channel Linear High-Brightness LED Drivers
Rev 1; 1/08
MAX16815 MAXIM-MAX16815 Datasheet
198Kb / 11P
   High-Voltage, 100mA/200mA Adjustable Linear High-Brightness LED Drivers with PWM Dimming
Rev 1; 7/09
logo
Shanghai Consonance Ele...
CN5501 CONSONANCE-CN5501 Datasheet
344Kb / 9P
   High-Voltage, Linear High-Brightness LED Driver IC
CN5502 CONSONANCE-CN5502 Datasheet
349Kb / 9P
   High-Voltage, Linear High-Brightness LED Driver IC
logo
Maxim Integrated Produc...
MAX16823 MAXIM-MAX16823_15 Datasheet
830Kb / 12P
   High-Voltage, 3-Channel Linear High-Brightness LED Driver with Open LED Detection
Rev 4; 8/15
MAX16823 MAXIM-MAX16823_09 Datasheet
193Kb / 12P
   High-Voltage, 3-Channel Linear High-Brightness LED Driver with Open LED Detection
Rev 3; 9/09
MAX16823 MAXIM-MAX16823_V01 Datasheet
770Kb / 12P
   High-Voltage, 3-Channel Linear High-Brightness LED Driver with Open LED Detection
2017
MAX16823 MAXIM-MAX16823_08 Datasheet
195Kb / 12P
   High-Voltage, 3-Channel Linear High-Brightness LED Driver with Open LED Detection
Rev 2; 10/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com