Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX17710G+T Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX17710G+T
Description  Energy-Harvesting Charger and Protector
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17710G+T Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX17710G+T Datasheet HTML 1Page - Maxim Integrated Products MAX17710G+T Datasheet HTML 2Page - Maxim Integrated Products MAX17710G+T Datasheet HTML 3Page - Maxim Integrated Products MAX17710G+T Datasheet HTML 4Page - Maxim Integrated Products MAX17710G+T Datasheet HTML 5Page - Maxim Integrated Products MAX17710G+T Datasheet HTML 6Page - Maxim Integrated Products MAX17710G+T Datasheet HTML 7Page - Maxim Integrated Products MAX17710G+T Datasheet HTML 8Page - Maxim Integrated Products MAX17710G+T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
MAX17710
Energy-Harvesting Charger and Protector
3
Maxim Integrated
ELECTRICAL CHARACTERISTICS (continued)
(VCHG = +4.3V, Figure 1, TA = -40NC to +85NC, unless otherwise noted. Typical values are at TA = +25NC.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
LINEAR LDO REGULATOR
REG Voltage
VPCKP = 4.0V, IREG = 50FA, SEL1 = open
3.22
3.3
3.37
V
VPCKP = 4.0V, IREG = 50FA, SEL1 = GND
2.25
2.3
2.375
VPCKP = 4.0V, IREG = 50FA, SEL1 = BATT
1.75
1.8
1.9
REG Voltage, LCE Mode
(Note 3)
VPCKP = 4.0V, IREG = 50FA, SEL1 = open
2.9
3.3
3.7
V
VPCKP = 4.0V, IREG = 50FA, SEL1 = GND
2.1
2.3
2.5
VPCKP = 4.0V, IREG = 50FA, SEL1 = BATT
1.6
1.8
2.05
REG Current Limit
VREG = 2.15V, VPCKP = 3.8V, AE high
75
mA
VREG = 2.15V, VPCKP = 3.8V, LCE mode
(Note 3)
50
F
A
REG Startup Time
VPCKP = 4.0V, AE rising, CREG = 1FF
5.3
ms
LCE Threshold High (Note 4)
VIH-LCE
SEL1 = open
2.175
V
SEL1 = GND
1.575
SEL1 = BATT
1.30
LCE Threshold Low (Note 5)
VIL-LCE
SEL1 = open
0.9
V
SEL1 = GND
0.6
SEL1 = BATT
0.5
PCKP REGULATOR
AE Threshold High
VIH-AE
1.13
V
AE Threshold Low
VIL-AE
0.15
V
AE Low Input Current
VAE = 0V, persists < 1Fs
-4
-2
F
A
VAE = 0V, persists > 1Fs
1
nA
AE High Input Current
VAE = 3.6V
1
nA
PCKP Enable Threshold
REG enabled
3.62
3.7
3.78
V
PCKP Charge Current
VPCKP = 0V, VBATT = 2.2V
100
mA
PCKP Impedance Ramp Rate
VBATT = 4.0V, resistance between BATT
and PCKP from high impedance to 5I
5
ms
BATT Undervoltage Lockout
(UVLO) Delay
tUVLO1
VBATT = 2.15V, AE high, first ramp of
PCKP
5
s
BATT UVLO Delay
tUVLO2
VBATT = 2.15V, AE high, not first PCKP
ramp
0.5
ms
BATT UVLO Threshold
AE regulator active, LCE regulator inactive
1.990
2.15
2.30
V
LCE regulator active, AE regulator inactive
3


Similar Part No. - MAX17710G+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17710G+T MAXIM-MAX17710G+T Datasheet
1Mb / 17P
   Energy-Harvesting Charger and Protector
Rev 1; 7/11
More results

Similar Description - MAX17710G+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17710_1107 MAXIM-MAX17710_1107 Datasheet
1Mb / 17P
   Energy-Harvesting Charger and Protector
Rev 1; 7/11
MAX17710 MAXIM-MAX17710 Datasheet
1Mb / 17P
   Energy-Harvesting Charger and Protector Lithium Cell Undervoltage Protection
Rev 0; 6/11
logo
Microchip Technology
MCP1810 MICROCHIP-MCP1810 Datasheet
1Mb / 32P
   Energy Harvesting
06/23/16
logo
List of Unclassifed Man...
EHE001 ETC2-EHE001 Datasheet
138Kb / 1P
   ENERGY HARVESTING ELECTRONICS
logo
Nexperia B.V. All right...
NEH2000BY NEXPERIA-NEH2000BY Datasheet
411Kb / 14P
   Energy harvesting PMIC
Rev. 3.1 - 3 April 2023
logo
List of Unclassifed Man...
EHE004 ETC2-EHE004 Datasheet
837Kb / 8P
   ENERGY HARVESTING ELECTRONICS
logo
Analog Devices
ADP5090-2 AD-ADP5090-2 Datasheet
386Kb / 9P
   Plug and play energy harvesting platform
logo
Linear Technology
LTC3331EUH LINER-LTC3331EUH Datasheet
1Mb / 16P
   Nanopower Buck-Boost DC/DC with Energy Harvesting Battery Charger
LTC3331 LINER-LTC3331_15 Datasheet
480Kb / 34P
   Nanopower Buck-Boost DC/DC with Energy Harvesting Battery Charger
logo
Micro Analog systems
MAS6011B MAS-MAS6011B Datasheet
181Kb / 10P
   Solar Cell Energy Harvesting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com