Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX16825AUE+ Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX16825AUE+
Description  High-Voltage, Three-Channel Linear High-Brightness LED Drivers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16825AUE+ Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX16825AUE+ Datasheet HTML 1Page - Maxim Integrated Products MAX16825AUE+ Datasheet HTML 2Page - Maxim Integrated Products MAX16825AUE+ Datasheet HTML 3Page - Maxim Integrated Products MAX16825AUE+ Datasheet HTML 4Page - Maxim Integrated Products MAX16825AUE+ Datasheet HTML 5Page - Maxim Integrated Products MAX16825AUE+ Datasheet HTML 6Page - Maxim Integrated Products MAX16825AUE+ Datasheet HTML 7Page - Maxim Integrated Products MAX16825AUE+ Datasheet HTML 8Page - Maxim Integrated Products MAX16825AUE+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
MAX16824/MAX16825
High-Voltage, Three-Channel Linear
High-Brightness LED Drivers
EVALUATION KIT AVAILABLE
19-1107; Rev 3; 1/13
For pricing, delivery, and ordering information, please contact Maxim Direct
at 1-888-629-4642, or visit Maxim’s website at www.maximintegrated.com.
General Description
The MAX16824/MAX16825 three-channel LED drivers
operate over a 6.5V to 28V input voltage range. These
devices provide three open-drain constant-current-sink-
ing outputs that are rated to 36V and deliver up to
150mA of current to each string of high-brightness LEDs
(HB LEDs). The current at each output is programmable
by means of an external current-sense resistor. The
MAX16824 features three PWM inputs that control the
duty cycle of the output current, allowing a wide LED
dimming range to be implemented. The PWM inputs
also function as on/off control for each corresponding
output. The MAX16825 offers a 4-wire serial interface, a
3-bit shift register, and a 3-bit transparent latch. The ser-
ial interface allows a microcontroller to configure the out-
put channels using four inputs (DIN, CLK, LE, OE) and a
data output (DOUT). DOUT allows multiple drivers to be
cascaded and operated together.
The MAX16824/MAX16825’s on-board pass elements
minimize the need for external components, while at the
same time, providing ±5% LED current accuracy.
Additional features include a +5V (±5%) regulated output
with 4mA output current capability and thermal protection.
The MAX16824/MAX16825 are available in a thermally
enhanced 16-pin TSSOP-EP package and specified over
the -40°C to +125°C temperature range.
Applications
Industrial Lighting
Architectural and Decorative Lighting
Mood Lighting
Indoor and Outdoor LED Video Displays
Automotive Lighting
LCD Display Backlighting
Features
o 6.5V to 28V Operating Range
o Outputs Connected to 36V Supply for Long LED
Strings
o Three 36V-Rated Output Channels with
Independently Adjustable LED Current
o 150mA Output Current Per Channel
o ±5% LED Current Accuracy
o PWM Dimming
Three Independent Dimming Control Inputs
(MAX16824)
4-Wire Serial Interface LED Current Chopping
(MAX16825)
o +5V (±5%) Regulated Output with 4mA Source
Capability
o Fast Transient Dimming Response
o 200mV Current-Sense Reference Reduces Power
Loss
o Thermal Shutdown
o -40°C to +125°C Operating Temperature Range
o Thermally Enhanced, 16-Pin TSSOP Exposed Pad
Package
OUT1
OUT3
OUT2
CS1
CS2
CS3
IN
1
16
3
7
8
9
4
11
12
2
15
13
PWM1
PWM2
PWM3
REG
GND
CREG
CIN
VIN
UP TO 36V
RCS2
RCS1
RCS3
MAX16824
Typical Operating Circuits
Ordering Information
PART
TEMP RANGE
PIN PACKAGE
MAX16824AUE+
-40°C to +125°C
16 TSSOP-EP*
MAX16824AUE/V+
-40°C to +125°C
16 TSSOP-EP*
MAX16825AUE+
-40°C to +125°C
16 TSSOP-EP*
+
Denotes a lead(Pb)-free/RoHS-compliant package.
*
EP = Exposed pad.
/V denotes an automotive qualified part.
Pin Configurations appear at end of data sheet.
OUT1
OUT3
OUT2
CS1
CS2
CS3
IN
CLK
DIN
LE
REG
GND
CREG
CIN
VIN
RCS2
RCS1
RCS3
OE
MICROCONTROLLER
MAX16825
1
16
3
6
7
8
9
4
11
12
2
15
13
UP TO 36V


Similar Part No. - MAX16825AUE+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16825AUE++ MAXIM-MAX16825AUE+ Datasheet
211Kb / 15P
   High-Voltage, Three-Channel Linear High-Brightness LED Drivers
Rev 1; 1/08
MAX16825AUE++ MAXIM-MAX16825AUE+ Datasheet
307Kb / 13P
   High-Voltage, Three-Channel Linear High-Brightness LED Drivers
Rev 2; 4/09
More results

Similar Description - MAX16825AUE+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16824 MAXIM-MAX16824_09 Datasheet
307Kb / 13P
   High-Voltage, Three-Channel Linear High-Brightness LED Drivers
Rev 2; 4/09
MAX16824 MAXIM-MAX16824 Datasheet
210Kb / 14P
   High-Voltage, Three-Channel Linear High-Brightness LED Drivers
Rev 0; 11/07
MAX16824 MAXIM-MAX16824_08 Datasheet
211Kb / 15P
   High-Voltage, Three-Channel Linear High-Brightness LED Drivers
Rev 1; 1/08
MAX16815 MAXIM-MAX16815 Datasheet
198Kb / 11P
   High-Voltage, 100mA/200mA Adjustable Linear High-Brightness LED Drivers with PWM Dimming
Rev 1; 7/09
logo
Shanghai Consonance Ele...
CN5501 CONSONANCE-CN5501 Datasheet
344Kb / 9P
   High-Voltage, Linear High-Brightness LED Driver IC
CN5502 CONSONANCE-CN5502 Datasheet
349Kb / 9P
   High-Voltage, Linear High-Brightness LED Driver IC
logo
Maxim Integrated Produc...
MAX16823 MAXIM-MAX16823_15 Datasheet
830Kb / 12P
   High-Voltage, 3-Channel Linear High-Brightness LED Driver with Open LED Detection
Rev 4; 8/15
MAX16823 MAXIM-MAX16823_09 Datasheet
193Kb / 12P
   High-Voltage, 3-Channel Linear High-Brightness LED Driver with Open LED Detection
Rev 3; 9/09
MAX16823 MAXIM-MAX16823_V01 Datasheet
770Kb / 12P
   High-Voltage, 3-Channel Linear High-Brightness LED Driver with Open LED Detection
2017
MAX16823 MAXIM-MAX16823_08 Datasheet
195Kb / 12P
   High-Voltage, 3-Channel Linear High-Brightness LED Driver with Open LED Detection
Rev 2; 10/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com