Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX19757ETX+T Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX19757ETX+T
Description  Dual, SiGe, High-Linearity, 1700MHz to 2700MHz Downconversion Mixer
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX19757ETX+T Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX19757ETX+T Datasheet HTML 1Page - Maxim Integrated Products MAX19757ETX+T Datasheet HTML 2Page - Maxim Integrated Products MAX19757ETX+T Datasheet HTML 3Page - Maxim Integrated Products MAX19757ETX+T Datasheet HTML 4Page - Maxim Integrated Products MAX19757ETX+T Datasheet HTML 5Page - Maxim Integrated Products MAX19757ETX+T Datasheet HTML 6Page - Maxim Integrated Products MAX19757ETX+T Datasheet HTML 7Page - Maxim Integrated Products MAX19757ETX+T Datasheet HTML 8Page - Maxim Integrated Products MAX19757ETX+T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
MAX19757
Dual, SiGe, High-Linearity,
1700MHz to 2700MHz Downconversion Mixer with
Advanced Shutdown Features
www.maximintegrated.com
Maxim Integrated │ 2
5V DC Electrical Characteristics
(Typical Application Circuit, VCC=4.75Vto5.25V,R1=4.87kΩ,R3=154kΩtoVCC,RFandIFsingleendedports=50ΩtoGND,
LO1portdrivenfrom50Ωsource,PLO = 0dBm, fLO = 2350MHz, LOSEL = 5V, LO_TUNE1 = LO_TUNE2 = 1, PD1 = PD2 = STBY = 0,
TC = -40°C to +105°C. Typical values are at VCC = 5.0V, PLO = 0dBm, fLO = 2350MHz, LO_TUNE1 = LO_TUNE2 = 1, TC = +25°C,
unless otherwise noted.) (Notes 5, 6)
Note 3: Junction temperature TJ = TA+(θJA x VCC x ICC). This formula can be used when the ambient temperature of the PCB is
known. The junction temperature must not exceed +150°C.
Note 4: Package thermal resistances were obtained using the method described in JEDEC specification JESD51-7, using a four-layer
board. For detailed information on package thermal considerations, refer to
www.maximintegrated.com/thermal-tutorial.
VCC.......................................................................-0.3V to +5.5V
RFMAIN, RFDIV, LO1, LO2,
IFM+, IFM-, IFD+, IFD-......................... -0.3V to (VCC + 0.3V)
IF_RADJ, LO_VADJ, LOSEL,
LO_TUNE1, LO_TUNE2 ...................... -0.3V to (VCC + 0.3V)
RFMAIN to RFM_RTN, RFDIV to RFD_RTN.....................20mA
PD1, PD2, STBY, IF_DET_OUT,
IF_DET_CEXT...................................... -0.3V to (VCC + 0.3V)
RFMAIN, RFDIV, LO1, LO2 Input Power.......................+20dBm
Continuous Power Dissipation (Note 1) ..............................8.7W
Operating Case Temperature Range (Note 2)... -40°C to +105°C
Maximum Junction Temperature .....................................+150°C
Storage Temperature Range............................ -65°C to +150°C
Lead Temperature (soldering 10s) ..................................+300°C
Soldering Temperature (reflow).......................................+260°C
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these
or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
Package Thermal Characteristics
TQFN
Junction-to-AmbientThermalResistanceθJA
(Notes 3, 4)................................................................+36°C/W
Junction-to-CaseThermalResistanceθJC
(Notes 1, 4)...............................................................+7.4°C/W
Absolute Maximum Ratings
Note 1: Based on junction temperature TJ = TC+(θJC x VCC x ICC). This formula can be used when the temperature of the
exposed pad is known while the device is soldered down to a PCB. See the Applications Information section for details. The
junction temperature must not exceed +150°C.
Note 2: TC is the temperature on the exposed pad of the package. TA is the ambient temperature of the device and PCB.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage
Vcc
4.75
5.00
5.25
V
Dual-Channel Operation
Supply Current
IDUALCH
fLO = 1800MHz,
LO_TUNE1 = 0, LO_TUNE2 = 1
350
420
mA
fLO = 1900MHz,
LO_TUNE1 = 0, LO_TUNE2 = 1
324
395
fLO = 2100MHz,
LO_TUNE1 = 0, LO_TUNE2 = 0
305
365
fLO = 2300MHz,
LO_TUNE1 = 1, LO_TUNE2 = 1
293
350
fLO = 2350MHz,
LO_TUNE1 = 1, LO_TUNE2 = 1
290
350
fLO = 2500MHz,
LO_TUNE1 = 1, LO_TUNE2 = 0
285
345


Similar Part No. - MAX19757ETX+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX197 MAXIM-MAX197 Datasheet
165Kb / 16P
   Multi-Range (짹10V, 짹5V, 10V, 5V), Single 5V, 12-Bit DAS with 84 Bus Interface
19-0381; Rev 1; 6/96
MAX197 MAXIM-MAX197 Datasheet
199Kb / 14P
   Convenient Test Points Provided On-Board
Rev 1; 7/95
MAX1970 MAXIM-MAX1970 Datasheet
371Kb / 20P
   Dual, 180째 Out-of-Phase, 1.4MHz, 750mA Step- Down Regulator with POR and RSI/PFO
19-2297; Rev 0; 1/02
MAX1970 MAXIM-MAX1970 Datasheet
277Kb / 21P
   Dual, 180° Out-of-Phase, 1.4MHz, 750mA Step- Down Regulator with POR and RSI/PFO
Rev 1; 2/09
MAX1970-MAX1972 MAXIM-MAX1970-MAX1972 Datasheet
371Kb / 20P
   Dual, 180째 Out-of-Phase, 1.4MHz, 750mA Step- Down Regulator with POR and RSI/PFO
19-2297; Rev 0; 1/02
More results

Similar Description - MAX19757ETX+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9995 MAXIM-MAX9995_11 Datasheet
387Kb / 13P
   Dual, SiGe, High-Linearity, 1700MHz to 2700MHz Downconversion Mixer with LO Buffer/Switch
Rev 1; 3/11
MAX9995 MAXIM-MAX9995_13 Datasheet
389Kb / 13P
   Dual, SiGe, High-Linearity, 1700MHz to 2700MHz Downconversion Mixer with LO Buffer/Switch
Rev 2; 12/12
MAX19995 MAXIM-MAX19995 Datasheet
510Kb / 29P
   Dual, SiGe, High-Linearity, 1700MHz to 2200MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 12/08
MAX9995 MAXIM-MAX9995 Datasheet
363Kb / 13P
   Dual, SiGe, High-Linearity, 1700MHz to 2200MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 8/04
MAX19993 MAXIM-MAX19993 Datasheet
4Mb / 23P
   Dual, SiGe, High-Linearity, 1200MHz to 1700MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 6/10
MAX19995A MAXIM-MAX19995A Datasheet
410Kb / 23P
   Dual, SiGe, High-Linearity, 1700MHz to 2200MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 1/09
MAX9994 MAXIM-MAX9994 Datasheet
548Kb / 12P
   SiGe High-Linearity, 1700MHz to 2200MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 10/04
MAX19997A_1108 MAXIM-MAX19997A_1108 Datasheet
631Kb / 35P
   Dual, SiGe High-Linearity, 1800MHz to 2900MHz Downconversion Mixer with LO Buffer
Rev 3; 8/11
MAX19997A MAXIM-MAX19997A Datasheet
492Kb / 34P
   Dual, SiGe High-Linearity, 1800MHz to 2900MHz Downconversion Mixer with LO Buffer
Rev 0; 10/08
MAX19999 MAXIM-MAX19999 Datasheet
324Kb / 19P
   Dual, SiGe High-Linearity, 3000MHz to 4000MHz Downconversion Mixer with LO Buffer
Rev 0; 10/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com