Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX31790 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX31790
Description  6-Channel PWM-Output Fan RPM Controller
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX31790 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX31790 Datasheet HTML 2Page - Maxim Integrated Products MAX31790 Datasheet HTML 3Page - Maxim Integrated Products MAX31790 Datasheet HTML 4Page - Maxim Integrated Products MAX31790 Datasheet HTML 5Page - Maxim Integrated Products MAX31790 Datasheet HTML 6Page - Maxim Integrated Products MAX31790 Datasheet HTML 7Page - Maxim Integrated Products MAX31790 Datasheet HTML 8Page - Maxim Integrated Products MAX31790 Datasheet HTML 9Page - Maxim Integrated Products MAX31790 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 43 page
background image
MAX31790
6-Channel PWM-Output Fan RPM Controller
6
Maxim Integrated
Pin Configuration
Pin Description
PIN
NAME
FUNCTION
1
FREQ_START
This input is sampled at power-up and sets the power-up value for the PWM output frequency. See
the Register Map for values.
2
SPIN_START
This input is sampled at power-up and sets the initial spin-up behavior. See the Register Map for
values.
3
ADD1
Address Select Inputs. Sampled at the start of every I2C transaction. One of 16 possible addresses
can be selected by connecting ADD0 and ADD1 to GND, VCC, SDA, or SCL.
4
ADD0
5
WD_START
This input is sampled at power-up and sets the initial I2C watchdog behavior. See the Register Map
for values.
6
XTAL2
Pins for Connecting to Optional 32,768Hz Crystal. The crystal can be used when the best RPM
precision is required. At POR the internal oscillator is used, and a nominal 32,768Hz clock is pro-
duced at CLKOUT. If a crystal is connected between XTAL1 and XTAL2, the crystal oscillator can
be enabled by writing to a register. If no crystal is present, ground XTAL1 and leave XTAL2 uncon-
nected.
7
XTAL1
8
GND
Ground
26
27
25
24
10
9
11
12
12
PWM_START0
45
67
20
21
19
17
16
15
PWM_START1
FULL_SPEED
PWMOUT5
TACH5
PWMOUT6
TACH6
3
18
28
8
CLKOUT
GND
EP
+
FAN_FAIL
23
13 TACH4
SCL
22
14 PWMOUT4
SDA
TQFN
(4mm x 4mm)
TOP VIEW
MAX31790


Similar Part No. - MAX31790

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX31790 MAXIM-MAX31790 Datasheet
1Mb / 19P
   Fully Assembled and Tested
19-6552; Rev 0; 12/12
MAX31790 MAXIM-MAX31790 Datasheet
1Mb / 46P
   6-Channel PWM-Output Fan RPM Controller
2020
MAX31790EVKIT MAXIM-MAX31790EVKIT Datasheet
1Mb / 19P
   Fully Assembled and Tested
19-6552; Rev 0; 12/12
MAX31790EVKIT# MAXIM-MAX31790EVKIT# Datasheet
1Mb / 19P
   Fully Assembled and Tested
19-6552; Rev 0; 12/12
MAX31790 MAXIM-MAX31790_15 Datasheet
1Mb / 43P
   6-Channel PWM-Output Fan RPM Controller
Rev 2; 1/15
More results

Similar Description - MAX31790

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX31790 MAXIM-MAX31790_15 Datasheet
1Mb / 43P
   6-Channel PWM-Output Fan RPM Controller
Rev 2; 1/15
MAX31790 MAXIM-MAX31790_V01 Datasheet
1Mb / 46P
   6-Channel PWM-Output Fan RPM Controller
2020
logo
SMSC Corporation
EMC2301 SMSC-EMC2301 Datasheet
653Kb / 42P
   RPM-Based PWM Fan Controller
EMC2301 SMSC-EMC2301_11 Datasheet
662Kb / 43P
   RPM-Based PWM Fan Controller
EMC2303 SMSC-EMC2303 Datasheet
796Kb / 51P
   Multiple RPM-Based PWM Fan Controller
EMC2302 SMSC-EMC2302 Datasheet
678Kb / 44P
   Dual RPM-Based PWM Fan Controller
EMC2302 SMSC-EMC2302_11 Datasheet
688Kb / 45P
   Dual RPM-Based PWM Fan Controller
logo
Microchip Technology
EMC2301 MICROCHIP-EMC2301 Datasheet
969Kb / 70P
   Single/Multiple RPM-Based PWM Fan Controller
02/28/20
logo
SMSC Corporation
EMC2305 SMSC-EMC2305 Datasheet
861Kb / 55P
   Multiple RPM-Based PWM Fan Controller for Five Fans
EMC2303 SMSC-EMC2303_11 Datasheet
805Kb / 52P
   Multiple RPM-Based PWM Fan Controller for Three Fans
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com