Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD73360ASU Datasheet(PDF) 1 Page - Analog Devices

Part # AD73360ASU
Description  Six-Input Channel Analog Front End
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD73360ASU Datasheet(HTML) 1 Page - Analog Devices

  AD73360ASU Datasheet HTML 1Page - Analog Devices AD73360ASU Datasheet HTML 2Page - Analog Devices AD73360ASU Datasheet HTML 3Page - Analog Devices AD73360ASU Datasheet HTML 4Page - Analog Devices AD73360ASU Datasheet HTML 5Page - Analog Devices AD73360ASU Datasheet HTML 6Page - Analog Devices AD73360ASU Datasheet HTML 7Page - Analog Devices AD73360ASU Datasheet HTML 8Page - Analog Devices AD73360ASU Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
REV. A
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
AD73360
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2000
Six-Input Channel
Analog Front End
FEATURES
Six 16-Bit A/D Converters
Programmable Input Sample Rate
Simultaneous Sampling
77 dB SNR
64 kS/s Maximum Sample Rate
–83 dB Crosstalk
Low Group Delay (25
s Typ per ADC Channel)
Programmable Input Gain
Flexible Serial Port which Allows Multiple Devices to
Be Connected in Cascade
Single (+2.7 V to +5.5 V) Supply Operation
80 mW Max Power Consumption at +2.7 V
On-Chip Reference
28-Lead SOIC and 44-Lead TQFP Packages
APPLICATIONS
General Purpose Analog Input
Industrial Power Metering
Motor Control
Simultaneous Sampling Applications
FUNCTIONAL BLOCK DIAGRAM
VINN1
VINP1
ANALOG
-
MODULATOR
SDI
SDIFS
SCLK
REFCAP
REFOUT
SE
RESET
SDOFS
SDO
MCLK
VINN2
VINP2
VINN3
VINP3
VINN4
VINP4
VINN5
VINP5
VINN6
VINP6
AD73360
SIGNAL
CONDITIONING
0/38dB
PGA
DECIMATOR
SERIAL
I/O
PORT
ANALOG
-
MODULATOR
SIGNAL
CONDITIONING
0/38dB
PGA
DECIMATOR
ANALOG
-
MODULATOR
SIGNAL
CONDITIONING
0/38dB
PGA
DECIMATOR
ANALOG
-
MODULATOR
SIGNAL
CONDITIONING
0/38dB
PGA
DECIMATOR
ANALOG
-
MODULATOR
SIGNAL
CONDITIONING
0/38dB
PGA
DECIMATOR
ANALOG
-
MODULATOR
SIGNAL
CONDITIONING
0/38dB
PGA
DECIMATOR
REFERENCE
GENERAL DESCRIPTION
The AD73360 is a six-input channel analog front-end processor
for general purpose applications including industrial power
metering or multichannel analog inputs. It features six 16-bit
A/D conversion channels each of which provide 77 dB signal-to-
noise ratio over a dc to 4 kHz signal bandwidth. Each channel
also features a programmable input gain amplifier (PGA) with
gain settings in eight stages from 0 dB to 38 dB.
The AD73360 is particularly suitable for industrial power me-
tering as each channel samples synchronously, ensuring that there
is no (phase) delay between the conversions. The AD73360 also
features low group delay conversions on all channels.
An on-chip reference voltage is included and is programmable
to accommodate either 3 V or 5 V operation.
The sampling rate of the device is programmable with four
separate settings offering 64 kHz, 32 kHz, 16 kHz and 8 kHz
sampling rates (from a master clock of 16.384 MHz).
A serial port (SPORT) allows easy interfacing of single or cas-
caded devices to industry standard DSP engines. The SPORT
transfer rate is programmable to allow interfacing to both fast
and slow DSP engines.
The AD73360 is available in 28-lead SOIC and 44-lead TQFP
packages.


Similar Part No. - AD73360ASU

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD73360ASU AD-AD73360ASU Datasheet
281Kb / 35P
   Six-Input Channel Analog Front End
REV. A
AD73360ASU AD-AD73360ASU Datasheet
281Kb / 35P
   Six-Input Channel Analog Front End
REV. A
AD73360ASUZ AD-AD73360ASUZ Datasheet
377Kb / 36P
   Six-input Channel Analog Front End
AD73360ASUZ-REEL AD-AD73360ASUZ-REEL Datasheet
377Kb / 36P
   Six-input Channel Analog Front End
More results

Similar Description - AD73360ASU

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD73360ARZ AD-AD73360ARZ Datasheet
281Kb / 35P
   Six-Input Channel Analog Front End
REV. A
AD73360L AD-AD73360L_15 Datasheet
271Kb / 32P
   Six-Input Channel Analog Front End
REV. 0
AD73360L AD-AD73360L Datasheet
287Kb / 32P
   Six-Input Channel Analog Front End
REV. 0
AD73460 AD-AD73460_15 Datasheet
597Kb / 32P
   Six-Input Channel Analog Front End
REV. A
AD73360L AD-AD73360L_17 Datasheet
302Kb / 33P
   Six-Input Channel Analog Front End
AD73360LARZ AD-AD73360LARZ Datasheet
281Kb / 35P
   Six-Input Channel Analog Front End
REV. A
AD73360 AD-AD73360_17 Datasheet
377Kb / 36P
   Six-input Channel Analog Front End
AD73460 AD-AD73460 Datasheet
290Kb / 32P
   Six-Input Channel Analog Front End
REV. 0
AD73360 AD-AD73360_15 Datasheet
281Kb / 35P
   Six-Input Channel Analog Front End
REV. A
logo
Microchip Technology
MCP3913 MICROCHIP-MCP3913 Datasheet
2Mb / 82P
   3V Six-Channel Analog Front End
08/20/13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com