Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD734AN Datasheet(PDF) 11 Page - Analog Devices

Part # AD734AN
Description  10 MHz, 4-Quadrant Multiplier/Divider
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD734AN Datasheet(HTML) 11 Page - Analog Devices

Back Button AD734AN Datasheet HTML 4Page - Analog Devices AD734AN Datasheet HTML 5Page - Analog Devices AD734AN Datasheet HTML 6Page - Analog Devices AD734AN Datasheet HTML 7Page - Analog Devices AD734AN Datasheet HTML 8Page - Analog Devices AD734AN Datasheet HTML 9Page - Analog Devices AD734AN Datasheet HTML 10Page - Analog Devices AD734AN Datasheet HTML 11Page - Analog Devices AD734AN Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
AD734
–11–
REV. C
SIGNAL AMPLITUDE
–0.1
–2V
2V
0
–0.05
0.05
0
0.1
VS = 15V
RLOAD = 2k
CLOAD = 20pF
Figure 21. Differential Phase at
3.58 MHz and RL = 2 kΩ
FREQUENCY – Hz
100
0
80
60
40
20
1k
10k
10M
100k
1M
VP
VN
Figure 24. PSRR vs. Frequency
FREQUENCY – Hz
0
–20
–40
–60
–80
1k
10k
10M
100k
1M
Y INPUT
X INPUT
TEST INPUT = 7V RMS
OTHER INPUT = 10V DC
RLOAD = 2k
Figure 27. THD vs. Frequency,
U = 10 V
FREQUENCY – Hz
100k
1M
10M
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
–0.4
VS = 15V
X = 1.4V RMS
Y = 10V
RLOAD = 500
CLOAD = 20pF
Figure 22. Gain Flatness, 300 kHz to
10 MHz, RL = 500 Ω
FREQUENCY – Hz
0
–40
–60
–80
–100
1k
10k
10M
100k
1M
Y INPUT, X NULLED
INPUT SIGNAL = 7V RMS
X INPUT, Y NULLED
Figure 25. Feedthrough vs. Frequency
SIGNAL LEVEL
0
–100
–10dBm
70.7mV RMS
–20
–40
–60
–80
10dBm
707mV RMS
30dBm
7V RMS
FREQUENCY = 1MHz
VP = 15V
VN = –15V
RLOAD = 2k
Y INPUT. X = 10V DC
X INPUT. Y = 10V DC
Figure 28. THD vs. Signal Level,
f = 1 MHz
SIGNAL AMPLITUDE
–0.04
–2V
2V
0
–0.02
–0.06
–0.08
0.02
0
0.06
0.04
VS = 15V
RLOAD = 2k
CLOAD = 20pF
Figure 20. Differential Gain at
3.58 MHz and RL = 2 kΩ
FREQUENCY – Hz
100
0
80
60
40
20
1k
10k
10M
100k
1M
X INPUT, Y = 10V
Y INPUT, X = 10V
COMMON-MODE
SIGNAL = 7V RMS
Figure 23. CMRR vs. Frequency
FREQUENCY – Hz
0
–20
–40
–60
–80
1k
10k
10M
100k
1M
Y INPUT
X INPUT
TEST INPUT = 1V RMS
U = 2V
OTHER INPUT = 2V DC
Figure 26. THD vs. Frequency,
U = 2 V
Typical Characteristics–


Similar Part No. - AD734AN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD734AN AD-AD734AN Datasheet
451Kb / 20P
   10 MHz, Four-Quadrant Multiplier/Divider
REV. E
AD734ANZ AD-AD734ANZ Datasheet
451Kb / 20P
   10 MHz, Four-Quadrant Multiplier/Divider
Rev. E
AD734ANZ AD-AD734ANZ Datasheet
451Kb / 20P
   10 MHz, Four-Quadrant Multiplier/Divider
REV. E
More results

Similar Description - AD734AN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD734 AD-AD734_15 Datasheet
451Kb / 20P
   10 MHz, Four-Quadrant Multiplier/Divider
Rev. E
AD734ANZ AD-AD734ANZ Datasheet
451Kb / 20P
   10 MHz, Four-Quadrant Multiplier/Divider
Rev. E
AD734SQ AD-AD734SQ Datasheet
451Kb / 20P
   10 MHz, Four-Quadrant Multiplier/Divider
REV. E
AD835 AD-AD835_15 Datasheet
237Kb / 16P
   250 MHz, Voltage Output, 4-Quadrant Multiplier
REV. D
AD835ARZ AD-AD835ARZ Datasheet
237Kb / 16P
   250 MHz, Voltage Output, 4-Quadrant Multiplier
REV. D
AD835 AD-AD835 Datasheet
200Kb / 8P
   250 MHz, Voltage Output 4-Quadrant Multiplier
REV. A
AD835ANZ AD-AD835ANZ Datasheet
237Kb / 16P
   250 MHz, Voltage Output, 4-Quadrant Multiplier
REV. D
AD835ANZ AD-AD835ANZ Datasheet
237Kb / 16P
   250 MHz, Voltage Output,4-Quadrant Multiplier
Rev. D
AD834 AD-AD834 Datasheet
258Kb / 8P
   500 MHz Four-Quadrant Multiplier
REV. C
AD834 AD-AD834_12 Datasheet
351Kb / 20P
   500 MHz Four-Quadrant Multiplier
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com